Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TLP150R-96S48J Fiches technique(PDF) 4 Page - Emerson Network Power

No de pièce TLP150R-96S48J
Description  150 W on main channel with only 200 LFM
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EMERSON-NETWORKPOWER [Emerson Network Power]
Site Internet  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

TLP150R-96S48J Fiches technique(HTML) 4 Page - Emerson Network Power

  TLP150R-96S48J Datasheet HTML 1Page - Emerson Network Power TLP150R-96S48J Datasheet HTML 2Page - Emerson Network Power TLP150R-96S48J Datasheet HTML 3Page - Emerson Network Power TLP150R-96S48J Datasheet HTML 4Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
313
process
yellow
3405
1797
1375
116
2607
652
242
2985
375
240
Embedded Power for
Business-Critical Continuity
Rev.1.08.09_146
TLP150
4 of 4
ConnectorandMatingConnectorTypes
Connector
Type
MatingConnectorType
J1
Molex09-65-2038(5273series)
voidpin2orequivalent
Molex09-52-4034(5239series)orequivalentwith
Molex08-52-0072(2478series)orequivalentcrimpterminals
J2
AMP63849-1orequivalent
(6.35mmstraight)
AMP2-520263-4orequivalent
(straightspadefor22-18AWGwire)
J3
Molex09-65-2068(5273series)
orequivalent
Molex09-52-4064(5239series)orequivalentwith
Molex08-52-0072(2478series)orequivalentcrimpterminals
J4
Molex22-23-2061(6373series)
orequivalent
Molex22-01-3067(2695series)orequivalentwith
Molex08-50-0113(2759series)orequivalentcrimpterminals
J301
(Optional)
Leoco2421P04H000(2421series)
orequivalent
Leoco2420S04000(2420series)orequivalent
withLeoco2453TPH00V1(2453Tseries)orequivalentcrimpterminals
or
JSTEHR-4(EHseries)orequivalentwith
JSTSEH-001T-P0.6(EHseries)orequivalentcrimpterminals
Fan
Molex22-23-2021(6373series)
orequivalent
Molex22-01-3027(2695series)orequivalentwith
Molex08-50-0113(2759series)orequivalentcrimpterminals
Americas
5810VanAllenWay
Carlsbad,CA92008
USA
Telephone:+17609304600
Facsimile: +17609300698
Europe(UK)
WaterfrontBusinessPark
MerryHill,Dudley
WestMidlands,DY51LX
UnitedKingdom
Telephone:+44(0)1384842211
Facsimile: +44(0)1384843355
Asia(HK)
14/F,LuPlaza
2WingYipStreet
KwunTong,Kowloon
HongKong
Telephone:+85221763333
Facsimile: +85221763888
Forglobalcontact,visit:
www.PowerConversion.com
techsupport.embeddedpower
@emerson.com
Whileeveryprecautionhasbeentakentoensure
accuracyandcompletenessinthisliterature,Emerson
NetworkPowerassumesnoresponsibility,anddisclaims
allliabilityfordamagesresultingfromuseofthis
infor�ation or for any errors or o�issions.
EmersonNetworkPowerandtheEmerson
Network Power logo are trademarks and
servicemarksofEmersonElectricCo.
©2008EmersonElectricCo.
EmersonNetworkPower.com
Embedded Computing
Embedded Power
Monitoring
OutsidePlant
PowerSwitching&Controls
Precision Cooling
Racks&IntegratedCabinets
Services
Surge Protection
EmersonNetworkPower.
Thegloballeaderinenabling
business-criticalcontinuity.
ACPower
Connectivity
DCPower
J3PinConnections
Pin1
RTN
MainReturn
Pin2
RTN
MainReturn
Pin3
RTN
MainReturn
Pin4
Vo
+MainOutput
Pin5
Vo
+MainOutput
Pin 6
Vo
+MainOutput
J4PinConnections
Pin1
-S
-VoRemoteSense
Pin2
DCOK
DCPowerGoodSignal
Pin3
PWOK
PowerGood*
Pin4
LS
LoadShareSignal
Pin5
+S
+VoRemoteSense
Pin 6
SGND
Signal Common
J301PinConnections(Optional)
Pin1
5Vsn
StandbyVoltage
Pin2
SGND
Signal Common
Pin3
Reserved
DoNotConnect
Pin4
PSOFF
RemoteON/OFFSignal
Fan Pin Connections
Pin1
+12V
FanVoltage
Pin2
+SGND
Return
Pin Connections
J1PinConnections
Pin1
Neutral
Pin2
Live
J2TabConnections
Tab
Ground/Earth


Numéro de pièce similaire - TLP150R-96S48J

FabricantNo de pièceFiches techniqueDescription
logo
Artesyn Technologies
TLP150R-96S48J ARTESYN-TLP150R-96S48J Datasheet
486Kb / 4P
   Single Output
More results

Description similaire - TLP150R-96S48J

FabricantNo de pièceFiches techniqueDescription
logo
Emerson Network Power
TLP150-M EMERSON-NETWORKPOWER-TLP150-M Datasheet
784Kb / 4P
   150 W on main channel with only 200 LFM
logo
Schurter Inc.
0035.0607 SCHURTER-0035.0607 Datasheet
144Kb / 5P
   LFM (with T1 LED)
logo
XP Power Limited
JPS250 XPPOWER-JPS250 Datasheet
470Kb / 6P
   200 W / 300 W with Convection Cooling
logo
Schneider Electric
QO142M200PRB SCHNEIDER-QO142M200PRB Datasheet
91Kb / 2P
   QO LoadCenter, Main Breaker, 200 A, 1 PH, 3 W, 42 SP, NEMA 3R, plug on neutral ready
logo
Bel Fuse Inc.
MBC201 BEL-MBC201 Datasheet
736Kb / 7P
   200 W with Forced-Air Cooling
MBC350 BEL-MBC350 Datasheet
552Kb / 6P
   350 W with Forced Air Cooling & 200 W with Convection Cooling
ABC350 BEL-ABC350_V01 Datasheet
762Kb / 7P
   350 W with Forced Air Cooling & 200 W with Convection Cooling
logo
NXP Semiconductors
TEF6621 NXP-TEF6621_V01 Datasheet
809Kb / 25P
   Tuner on main-board IC
Rev.01.04-7 August 2008
logo
Fairchild Semiconductor
IRF230-233 FAIRCHILD-IRF230-233 Datasheet
177Kb / 6P
   N-Channel Power MOSFETs, 12A, 150-200 V
logo
Power Integrations, Inc...
DI-20 POWERINT-DI-20 Datasheet
67Kb / 2P
   145 W PC Main ATX Supply
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com