Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SSA019 Fiches technique(PDF) 1 Page - Bedford Opto Technology Ltd.

No de pièce SSA019
Description  8 WAY 5mm LED ASSEMBLY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BOT [Bedford Opto Technology Ltd.]
Site Internet  http://www.bot.co.uk
Logo BOT - Bedford Opto Technology Ltd.

SSA019 Fiches technique(HTML) 1 Page - Bedford Opto Technology Ltd.

  SSA019 Datasheet HTML 1Page - Bedford Opto Technology Ltd. SSA019 Datasheet HTML 2Page - Bedford Opto Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2
4
67
8
0.63mm sq
4
5.7
4.1
3.1
4.6
3.8
7 Pitches @ 7.62
2.54
5.0D
60.9 ±0.3
8.0
LED Cathode
(Standard)
SSA019
8 WAY 5mm LED
ASSEMBLY
SSA-019 is an eight element array of
5mm LEDs mounted at 7.62mm pitch.
Leads are bent at right angles and
cropped. The housing is moulded in
Black Nylon 6 Flammability zero.
LEDs are matched for brightness
and hue-within arrays.
Colour combination and polarity
to customer’s choice.
Compact black housing takes
minimum circuit space.
Cropped leads: 4mm standard,
other lengths available.
Labour saving assembly.
MECHANICAL DATA
BEDFORD OPTO TECHNOLOGY LTD
1,BIGGAR BUSINESS PARK, BIGGAR, ML12 6FX
Tel: +44 (0) 1899 221221 Fax: +44 (0) 1899 221009
Website: bot.co.uk E-mail: bill@bot.co.uk
6.2.00 ISS A
Pb
This
component
is RoHS
compliant


Numéro de pièce similaire - SSA019

FabricantNo de pièceFiches techniqueDescription
logo
Bedford Opto Technology...
SSA021 BOT-SSA021 Datasheet
33Kb / 2P
   7 WAY 5mm LED ARRAY RIGHT ANGLE MOUNT
logo
celduc-relais
SSA05320 CELDUC-SSA05320 Datasheet
99Kb / 4P
   Support Interfaces E/S DIN rail adaptor for I/O modules
More results

Description similaire - SSA019

FabricantNo de pièceFiches techniqueDescription
logo
Bedford Opto Technology...
SSA-099 BOT-SSA-099 Datasheet
34Kb / 2P
   5mm LED ASSEMBLY 3 WAY
SA210 BOT-SA210 Datasheet
42Kb / 2P
   5mm LED Assembly Single Way to 4 Way
logo
Molex Electronics Ltd.
36646-0001 MOLEX11-36646-0001 Datasheet
40Kb / 1P
   8 Way Sealed Header Assembly
logo
JFW Industries, Inc.
50PDA-071 JFW-50PDA-071 Datasheet
27Kb / 1P
   8 WAY POWER DIVIDER/COMBINER ASSEMBLY
logo
Bedford Opto Technology...
SSA021 BOT-SSA021 Datasheet
33Kb / 2P
   7 WAY 5mm LED ARRAY RIGHT ANGLE MOUNT
logo
Innovative Power Produc...
IPP-1193 IPP-IPP-1193 Datasheet
68Kb / 1P
   OUTLINE 8-WAY
IPP-1174 IPP-IPP-1174 Datasheet
67Kb / 1P
   OUTLINE 8-WAY
IPP-1206 IPP-IPP-1206 Datasheet
68Kb / 1P
   OUTLINE 8-WAY
IPP-1145 IPP-IPP-1145 Datasheet
67Kb / 1P
   OUTLINE 8 WAY
logo
Chicago Miniature Lamp,...
5638D1 CML-5638D1 Datasheet
26Kb / 1P
   8 Wide Rectangular LED Assembly
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com