Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SSA-005E Fiches technique(PDF) 1 Page - Bedford Opto Technology Ltd.

No de pièce SSA-005E
Description  Miniature IR Array
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BOT [Bedford Opto Technology Ltd.]
Site Internet  http://www.bot.co.uk
Logo BOT - Bedford Opto Technology Ltd.

SSA-005E Fiches technique(HTML) 1 Page - Bedford Opto Technology Ltd.

  SSA-005E Datasheet HTML 1Page - Bedford Opto Technology Ltd. SSA-005E Datasheet HTML 2Page - Bedford Opto Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SSA-005E&S
Miniature IR
Array
MECHANICAL
BEDFORD OPTO TECHNOLOGY LTD
1 BIGGAR BUSINESS PARK, BIGGAR, LANARKSHIRE,ML12 6FX
Tel: +44 (0) 1899 221221 Fax: +44 (0) 1899 221009
Website: bot.co.uk E-mail: bill@bot.co.uk
ISS B 23.8.07
1.26
7 PITCHES 2.54 N.A.T.
4.0
4.5
23
0.4
DIAM. 1.8
20.3 -0.2/+0.00
POSITION 1
5.0
2.54
C
L
SYMOBLIZING
ANODE OR EMITTER
SIDE
8
0.5
CATHODES OR COLLECTORS THIS SIDE
SSA-005
is
an
eight
element
plastic
moulding designed for use with miniature T
3/4 size opto electronic components. The
resulting array is of minimum size at 0.1 inch
pitch in a compact housing. The housing is
equally suitable for visible and infrared
products.
Black
housing
ideal
for
LED
presentation.
Visible LEDS also available.
Infra red emitters and sensors may be
narrow angle lenses or flat wide angle
lenses.
Leads are on a double 0.1 inch matrix
Arrays will end stack maintaining 0.1”
pitch.
PHOTO TRANSISTOR=SSA005S
INFRARED EMITTER=SSA005E
PLEASE NOTE
CAN BE SUPPLIED IN LESS THAN 8 WAY VERSIONS ON REQUEST WITH COUPLED PAIR SPECIFICA-
TION.
ORDERING INFORMATION
Pb
These
components
are RoHS
compliant


Numéro de pièce similaire - SSA-005E

FabricantNo de pièceFiches techniqueDescription
logo
Bedford Opto Technology...
SSA-005 BOT-SSA-005 Datasheet
35Kb / 2P
   Miniature Opto Array
SSA-005-2 BOT-SSA-005-2 Datasheet
37Kb / 2P
   Miniature IR Array
More results

Description similaire - SSA-005E

FabricantNo de pièceFiches techniqueDescription
logo
Bedford Opto Technology...
SSA-005-2 BOT-SSA-005-2 Datasheet
37Kb / 2P
   Miniature IR Array
logo
Melexis Microelectronic...
MLX90641 MELEXIS-MLX90641 Datasheet
2Mb / 53P
   16x12 IR array
MLX90621 MELEXIS-MLX90621 Datasheet
1Mb / 44P
   16x4 IR array
MLX90640 MELEXIS-MLX90640 Datasheet
1Mb / 12P
   MLX90640 32x24 IR array
logo
Protek Devices
P5V0S1UL PROTEC-P5V0S1UL Datasheet
595Kb / 6P
   MINIATURE TVS ARRAY
logo
Bedford Opto Technology...
SSA-005 BOT-SSA-005 Datasheet
35Kb / 2P
   Miniature Opto Array
logo
Protek Devices
PLW0501D PROTEC-PLW0501D_11 Datasheet
874Kb / 7P
   MINIATURE TVS ARRAY
PLW0501D PROTEC-PLW0501D_12 Datasheet
876Kb / 7P
   miniature TVS ARRAY
P5V0S1UL PROTEC-P5V0S1UL_12 Datasheet
597Kb / 6P
   MINIATURE TVS ARRAY
PLW0501P PROTEC-PLW0501P_12 Datasheet
598Kb / 6P
   MINIATURE TVS ARRAY
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com