Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LTC1514-3.3 Fiches technique(PDF) 5 Page - Linear Technology

No de pièce LTC1514-3.3
Description  Step-Up/Step-Down Switched Capacitor DC/DC Converters with Low-Battery Comparator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LINER [Linear Technology]
Site Internet  http://www.linear.com
Logo LINER - Linear Technology

LTC1514-3.3 Fiches technique(HTML) 5 Page - Linear Technology

  LTC1514-3.3 Datasheet HTML 1Page - Linear Technology LTC1514-3.3 Datasheet HTML 2Page - Linear Technology LTC1514-3.3 Datasheet HTML 3Page - Linear Technology LTC1514-3.3 Datasheet HTML 4Page - Linear Technology LTC1514-3.3 Datasheet HTML 5Page - Linear Technology LTC1514-3.3 Datasheet HTML 6Page - Linear Technology LTC1514-3.3 Datasheet HTML 7Page - Linear Technology LTC1514-3.3 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
LTC1514-3.3/LTC1514-5
PIN FUNCTIONS
battery comparator and 1.145V reference are kept alive in
shutdown.
GND (Pin 4): Ground. Should be tied to a ground plane for
best performance.
C1(Pin 5): Charge Pump Flying Capacitor, Negative
Terminal.
C1+ (Pin 6): Charge Pump Flying Capacitor, Positive
Terminal.
VIN (Pin 7): Charge Pump Input Voltage. May be between
2V and 8V (LTC1514-3.3) or between 2.7V and 10V
(LTC1514-5). VIN should be bypassed with a ≥10µF low
ESR capacitor as close as possible to the pin for best
performance.
VOUT (Pin 8): Regulated Output Voltage. The output volt-
age is internally set to either 3.3V (LTC1514-3.3) or to 5V
(LTC1514-5) using an internal resistor divider. VOUT should
be bypassed with a
≥10µF low ESR capacitor as close as
possible to the pin for best performance.
APPLICATIONS INFORMATION
Regulator Operation
The regulator section of the LTC1514-3.3/LTC1514-5
consists of a charge pump, reference, comparator and
some logic. The divided down output voltage is com-
pared to the internal reference voltage. When the divided
output drops below the reference voltage, the charge
pump is enabled, which boosts the output back into
regulation. Hysteresis in the comparator forces the regu-
lator to burst on and off and causes approximately
100mV of peak-to-peak ripple to appear at the output. By
enabling the charge pump only when needed, the
LTC1514-3.3 and LTC1514-5 are able to achieve high
efficiencies with low output load currents.
Each part’s charge pump has a unique architecture that
allows the input voltage to be either stepped up or
stepped down to produce a regulated output. Internal
circuitry senses the VIN to VOUT differential voltage and
controls the charge pump operating mode. In addition,
the effective output impedance of the charge pump is
internally adjusted to prevent large inrush currents and
allow for a wide input voltage range. When the input
voltage is lower than the output voltage, the charge pump
operates as a step-up voltage doubler. When the input
voltage is greater than the output, the charge pump
operates as a step-down gated switch.
Capacitor Selection
For best performance, low ESR capacitors are recom-
mended for both CIN and COUT to reduce noise and ripple.
The CIN and COUT capacitors should be either ceramic or
tantalum and should be 10
µF or greater. If the input
source impedance is very low (< 0.5
Ω), CIN may not be
needed. Increasing the size of COUT to 22µF or greater will
reduce output voltage ripple—particularly with high VIN
voltages (8V or greater). A ceramic capacitor is recom-
mended for the flying capacitor C1 with a value of 0.1
µF
or 0.22
µF. Smaller value flying capacitors may be used in
low output current applications.
Output Ripple
Normal LTC1514-3.3/LTC1514-5 operation produces
voltage ripple on the VOUT pin. Output voltage ripple is
required for the parts to regulate. Low frequency ripple
exists due to the hysteresis in the sense comparator and
propagation delays in the charge pump enable/disable
circuits. High frequency ripple is also present mainly
from the ESR (equivalent series resistance) in the output
capacitor. Typical output ripple (VIN < 8V) under maxi-
mum load is 100mV peak-to-peak with a low ESR (< 0.5
Ω)
10
µF output capacitor. For applications requiring VIN to
exceed 8V, a 22
µF or larger COUT capacitor is recom-
mended to maintain max ripple in the 100mV range.
The magnitude of the ripple voltage depends on several
factors. High input voltages increase the output ripple
since more charge is delivered to COUT per charging
cycle. A large C1 flying capacitor (> 0.22
µF) also
increases ripple in step-up mode for the same reason.
Large output current load and/or a small output capacitor
(< 10
µF) results in higher ripple due to higher output
voltage dV/dt. High ESR capacitors (ESR > 0.5
Ω) on the


Numéro de pièce similaire - LTC1514-3.3

FabricantNo de pièceFiches techniqueDescription
logo
Linear Technology
LTC1514-3.3 LINER-LTC1514-3.3 Datasheet
221Kb / 8P
   Step-Up/Step-Down Switched Capacitor DC/DC Converters with Low-Battery Comparator
LTC1514-3.3 LINER-LTC1514-3.3_15 Datasheet
221Kb / 8P
   Step-Up/Step-Down Switched Capacitor DC/DC Converters with Low-Battery Comparator
More results

Description similaire - LTC1514-3.3

FabricantNo de pièceFiches techniqueDescription
logo
Linear Technology
LTC1514-5 LINER-LTC1514-5_15 Datasheet
221Kb / 8P
   Step-Up/Step-Down Switched Capacitor DC/DC Converters with Low-Battery Comparator
LTC1514-3.3 LINER-LTC1514-3.3_15 Datasheet
221Kb / 8P
   Step-Up/Step-Down Switched Capacitor DC/DC Converters with Low-Battery Comparator
LTC1515 LINER-LTC1515_15 Datasheet
219Kb / 8P
   Step-Up/Step-Down Switched Capacitor DC/DC Converters with Reset
LTC1515 LINER-LTC1515 Datasheet
233Kb / 8P
   Step-Up/Step-Down Switched Capacitor DC/DC Converters with Reset
logo
Texas Instruments
LM2771 TI1-LM2771 Datasheet
1Mb / 16P
[Old version datasheet]   Low-Ripple 250mA Switched Capacitor Step-Down DC/DC Converter
logo
National Semiconductor ...
LM2771 NSC-LM2771 Datasheet
888Kb / 10P
   Low-Ripple 250mA Switched Capacitor Step-Down DC/DC Converter
logo
Maxim Integrated Produc...
MAX20021 MAXIM-MAX20021 Datasheet
2Mb / 16P
   Step-Down DC-DC Converters
Rev 2; 12/13
MAX15062 MAXIM-MAX15062 Datasheet
1Mb / 23P
   Step-Down DC-DC Converters
Rev 1; 10/13
MAX20028 MAXIM-MAX20028 Datasheet
1Mb / 24P
   Step-Down Controller with Dual 2.1MHz Step-Down DC-DC Converters
Rev 6; 3/20
MAX16993 MAXIM-MAX16993 Datasheet
1Mb / 25P
   Step-Down Controller with Dual 2.1MHz Step-Down DC-DC Converters
Rev 0; 5/13
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com