Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BZX55C68 Fiches technique(PDF) 1 Page - Vishay Siliconix

No de pièce BZX55C68
Description  Silicon Epitaxial Planar Z-Diodes
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BZX55C68 Fiches technique(HTML) 1 Page - Vishay Siliconix

  BZX55C68 Datasheet HTML 1Page - Vishay Siliconix BZX55C68 Datasheet HTML 2Page - Vishay Siliconix BZX55C68 Datasheet HTML 3Page - Vishay Siliconix BZX55C68 Datasheet HTML 4Page - Vishay Siliconix BZX55C68 Datasheet HTML 5Page - Vishay Siliconix BZX55C68 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
BZX55C...
Vishay Telefunken
Rev. 4, 01-Apr-99
1 (6)
www.vishay.de
• FaxBack +1-408-970-5600
Document Number 85605
Silicon Epitaxial Planar Z–Diodes
Features
D Very sharp reverse characteristic
D Low reverse current level
D Very high stability
D Low noise
D Available with tighter tolerances
Applications
Voltage stabilization
94 9367
Absolute Maximum Ratings
Tj = 25_C
Parameter
Test Conditions
Type
Symbol
Value
Unit
Power dissipation
l=4mm, TL=25°C
PV
500
mW
Z–current
IZ
PV/VZ
mA
Junction temperature
Tj
175
°C
Storage temperature range
Tstg
–65...+175
°C
Maximum Thermal Resistance
Tj = 25_C
Parameter
Test Conditions
Symbol
Value
Unit
Junction ambient
l=4mm, TL=constant
RthJA
300
K/W
Electrical Characteristics
Tj = 25_C
Parameter
Test Conditions
Type
Symbol
Min
Typ
Max
Unit
Forward voltage
IF=200mA
VF
1.5
V


Numéro de pièce similaire - BZX55C68

FabricantNo de pièceFiches techniqueDescription
logo
Microdiode Electronics ...
BZX55C68 CHENDA-BZX55C68 Datasheet
695Kb / 3P
   Low zener impedance
logo
Seme LAB
BZX55C68 SEME-LAB-BZX55C68 Datasheet
19Kb / 2P
   VOLTAGE REGULATOR DIODE IN A CERAMIC SURFACE MOUNT PACKAGE FOR HI.REL APPLICATIONS
logo
RFE international
BZX55C68 RFE-BZX55C68 Datasheet
1Mb / 2P
   Zener Diodes BZX Series
06-06-2022
logo
Changzhou Shunye Electr...
BZX55C68 SY-BZX55C68 Datasheet
317Kb / 3P
   ZENER DIODES
logo
Kingtronics Internation...
BZX55C68 KINGTRONICS-BZX55C68 Datasheet
470Kb / 4P
   BZX55C Silicon Planar Zener Diodes
More results

Description similaire - BZX55C68

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
BZX85B VISHAY-BZX85B Datasheet
56Kb / 5P
   Silicon Epitaxial Planar Z-Diodes
Rev. 3, 01-Apr-99
TZQ5221B VISHAY-TZQ5221B Datasheet
83Kb / 6P
   Silicon Epitaxial Planar Z-Diodes
Rev. 3, 01-Apr-99
1N4678 VISHAY-1N4678 Datasheet
67Kb / 6P
   Silicon Epitaxial Planar Z-Diodes
Rev. 2, 01-Apr-99
BZM55C VISHAY-BZM55C Datasheet
82Kb / 6P
   Silicon Epitaxial Planar Z-Diodes
Rev. 3, 01-Apr-99
BZT55C VISHAY-BZT55C Datasheet
79Kb / 6P
   Silicon Epitaxial Planar Z-Diodes
Rev. 3, 01-Apr-99
logo
Shenzhen Ping Sheng Ele...
BZX55B PFS-BZX55B Datasheet
152Kb / 2P
   Silicon Epitaxial Planar Z-Diodes
logo
New Jersey Semi-Conduct...
BZX55B NJSEMI-BZX55B_16 Datasheet
133Kb / 2P
   Silicon Epitaxial Planar Z-Diodes
logo
Vishay Siliconix
BZX55B VISHAY-BZX55B Datasheet
69Kb / 6P
   Silicon Epitaxial Planar Z-Diodes
Rev. 3, 01-Apr-99
TZS4678 VISHAY-TZS4678 Datasheet
79Kb / 6P
   Silicon Epitaxial Planar Z-Diodes
Rev. 2, 01-Apr-99
logo
TEMIC Semiconductors
BZT55C TEMIC-BZT55C Datasheet
82Kb / 6P
   Silicon Epitaxial Planar Z-Diodes
logo
Vishay Siliconix
BZM55B VISHAY-BZM55B Datasheet
82Kb / 6P
   Silicon Epitaxial Planar Z-Diodes
Rev. 3, 01-Apr-99
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com