Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BZX55C5V1 Fiches technique(PDF) 4 Page - Vishay Siliconix

No de pièce BZX55C5V1
Description  Silicon Epitaxial Planar Z-Diodes
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BZX55C5V1 Fiches technique(HTML) 4 Page - Vishay Siliconix

  BZX55C5V1 Datasheet HTML 1Page - Vishay Siliconix BZX55C5V1 Datasheet HTML 2Page - Vishay Siliconix BZX55C5V1 Datasheet HTML 3Page - Vishay Siliconix BZX55C5V1 Datasheet HTML 4Page - Vishay Siliconix BZX55C5V1 Datasheet HTML 5Page - Vishay Siliconix BZX55C5V1 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
BZX55C...
Vishay Telefunken
Rev. 4, 01-Apr-99
4 (6)
www.vishay.de
• FaxBack +1-408-970-5600
Document Number 85605
0
0.2
0.4
0.6
0.8
0.001
0.01
0.1
1
10
100
1.0
95 9605
VF – Forward Voltage ( V )
Tj =25°C
Figure 7. Forward Current vs. Forward Voltage
04
8
12
16
20
95 9604
0
20
40
60
80
100
VZ – Z-Voltage ( V )
Ptot=500mW
Tamb=25°C
Figure 8. Z–Current vs. Z–Voltage
15
20
25
30
0
10
20
30
40
50
VZ – Z-Voltage ( V )
35
95 9607
Ptot=500mW
Tamb=25°C
Figure 9. Z–Current vs. Z–Voltage
0
5
10
15
20
1
10
100
1000
VZ – Z-Voltage ( V )
25
95 9606
Tj =25°C
IZ=1mA
5mA
10mA
Figure 10. Differential Z–Resistance vs. Z–Voltage
1
10
100
1000
tp – Pulse Length ( ms )
95 9603
10–1
100
101
102
tp/T=0.5
tp/T=0.2
tp/T=0.1
tp/T=0.05
tp/T=0.02
tp/T=0.01
Single Pulse
RthJA=300K/W
DT=Tjmax–Tamb
iZM=(–VZ+(VZ2+4rzjDT/Zthp)1/2)/(2rzj)
Figure 11. Thermal Response


Numéro de pièce similaire - BZX55C5V1

FabricantNo de pièceFiches techniqueDescription
logo
Seme LAB
BZX55C5V1 SEME-LAB-BZX55C5V1 Datasheet
19Kb / 2P
   VOLTAGE REGULATOR DIODE IN A CERAMIC SURFACE MOUNT PACKAGE FOR HI.REL APPLICATIONS
logo
Guangdong Kexin Industr...
BZX55C5V1 KEXIN-BZX55C5V1 Datasheet
1Mb / 3P
   Zener Diodes
logo
Chongqing Pingwei Enter...
BZX55C5V1 CHONGQING-BZX55C5V1 Datasheet
60Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Microdiode Electronics ...
BZX55C5V1 CHENDA-BZX55C5V1 Datasheet
748Kb / 3P
   2.4- 1 8 0V Peak Pulse Power: 500mW
logo
Fairchild Semiconductor
BZX55C5V1 FAIRCHILD-BZX55C5V1 Datasheet
166Kb / 4P
   BZX55C2V4 - BZX55C56 Zener Diodes
More results

Description similaire - BZX55C5V1

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
BZX85B VISHAY-BZX85B Datasheet
56Kb / 5P
   Silicon Epitaxial Planar Z-Diodes
Rev. 3, 01-Apr-99
TZQ5221B VISHAY-TZQ5221B Datasheet
83Kb / 6P
   Silicon Epitaxial Planar Z-Diodes
Rev. 3, 01-Apr-99
1N4678 VISHAY-1N4678 Datasheet
67Kb / 6P
   Silicon Epitaxial Planar Z-Diodes
Rev. 2, 01-Apr-99
BZM55C VISHAY-BZM55C Datasheet
82Kb / 6P
   Silicon Epitaxial Planar Z-Diodes
Rev. 3, 01-Apr-99
BZT55C VISHAY-BZT55C Datasheet
79Kb / 6P
   Silicon Epitaxial Planar Z-Diodes
Rev. 3, 01-Apr-99
logo
Shenzhen Ping Sheng Ele...
BZX55B PFS-BZX55B Datasheet
152Kb / 2P
   Silicon Epitaxial Planar Z-Diodes
logo
New Jersey Semi-Conduct...
BZX55B NJSEMI-BZX55B_16 Datasheet
133Kb / 2P
   Silicon Epitaxial Planar Z-Diodes
logo
Vishay Siliconix
BZX55B VISHAY-BZX55B Datasheet
69Kb / 6P
   Silicon Epitaxial Planar Z-Diodes
Rev. 3, 01-Apr-99
TZS4678 VISHAY-TZS4678 Datasheet
79Kb / 6P
   Silicon Epitaxial Planar Z-Diodes
Rev. 2, 01-Apr-99
logo
TEMIC Semiconductors
BZT55C TEMIC-BZT55C Datasheet
82Kb / 6P
   Silicon Epitaxial Planar Z-Diodes
logo
Vishay Siliconix
BZM55B VISHAY-BZM55B Datasheet
82Kb / 6P
   Silicon Epitaxial Planar Z-Diodes
Rev. 3, 01-Apr-99
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com