Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2W005MG Fiches technique(PDF) 2 Page - HY ELECTRONIC CORP.

No de pièce 2W005MG
Description  GLASS PASSIVATED BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HY [HY ELECTRONIC CORP.]
Site Internet  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

2W005MG Fiches technique(HTML) 2 Page - HY ELECTRONIC CORP.

  2W005MG Datasheet HTML 1Page - HY ELECTRONIC CORP. 2W005MG Datasheet HTML 2Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERTIC CURVES
~ 401 ~
2WOXG/2WOXMG SERIES
AMBIENT TEMPERATURE ℃
FIG.1-FORATING CURVE
OUTPUT RECTIFIED CUURRENT
0
2.0
50
100
150
REVERSE VOLTAGE,VOLTS
FIG.5-TYPICAL JUNCTION CAPACITANCE PER BRIDGE ELEMENT
1.0
2.0
4.0
6.0
10
20
40
60
100
0.1
1.0
2.0
4.0
10
20
40
100
0.2
0.4
TJ
=25℃,
f=1MHZ
Vsig=50m p-p
FIG.3-TYPIACL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE
0.01
0.1
1.0
10
0
120
40
60
80
100
140
20
TJ=25
TJ=100
FIG.2-MAXIMUM NON-REPETITIVE PEAK
FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
0
10
20
30
40
50
1
2
5
10
20
50
100
60
SINGLE SINE-WAVE
JEDEC METHOD
FIG.3-TYPICAL FORWARD
CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE. VOLTS
0.4
0.6
0.8
1.0
1.2
1.4
0.01
0.1
1.0
10.0
TJ=25
TYPICAL
DISTRIBUTION


Numéro de pièce similaire - 2W005MG

FabricantNo de pièceFiches techniqueDescription
logo
HY ELECTRONIC CORP.
2W005MG HY-2W005MG Datasheet
360Kb / 3P
   Glass Passivated Bridge Rectifiers
More results

Description similaire - 2W005MG

FabricantNo de pièceFiches techniqueDescription
logo
HY ELECTRONIC CORP.
DB101 HY-DB101_1 Datasheet
95Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
DF005 HY-DF005_1 Datasheet
93Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
RS101G HY-RS101G_1 Datasheet
93Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Comchip Technology
KBL4005G-G COMCHIP-KBL4005G-G Datasheet
83Kb / 3P
   Glass Passivated Bridge Rectifiers
SC35VB80S-G COMCHIP-SC35VB80S-G Datasheet
106Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Yea Shin Technology Co....
2W005G YEASHIN-2W005G Datasheet
356Kb / 2P
   Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
UR3KB60 TSC-UR3KB60_13 Datasheet
200Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Gaomi Xinghe Electronic...
GBU10005 GXELECTRONICS-GBU10005 Datasheet
589Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Comchip Technology
KBP2005G-G COMCHIP-KBP2005G-G Datasheet
73Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
DBL101G TSC-DBL101G_15 Datasheet
196Kb / 4P
   Glass Passivated Bridge Rectifiers
TS10K40 TSC-TS10K40_14 Datasheet
210Kb / 4P
   Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com