Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BF998R Fiches technique(PDF) 6 Page - Vishay Siliconix

No de pièce BF998R
Description  N-Channel Dual Gate MOS-Fieldeffect Tetrode, Depletion Mode
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BF998R Fiches technique(HTML) 6 Page - Vishay Siliconix

  BF998R Datasheet HTML 1Page - Vishay Siliconix BF998R Datasheet HTML 2Page - Vishay Siliconix BF998R Datasheet HTML 3Page - Vishay Siliconix BF998R Datasheet HTML 4Page - Vishay Siliconix BF998R Datasheet HTML 5Page - Vishay Siliconix BF998R Datasheet HTML 6Page - Vishay Siliconix BF998R Datasheet HTML 7Page - Vishay Siliconix BF998R Datasheet HTML 8Page - Vishay Siliconix BF998R Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
BF998/BF998R/BF998RW
Vishay Telefunken
www.vishay.de
• FaxBack +1-408-970-5600
Rev. 4, 23-Jun-99
6 (9)
Document Number 85011
VDS = 8 V, ID = 10 mA, VG2S = 4 V , Z0 = 50 W
S11
12 960
–j0.2
–j0.5
–j
–j2
–j5
0
j0.2
j0.5
j
j2
j5
1
0.2
0.5
1
2
5
1300MHz
1000
100
Figure 12. Input reflection coefficient
S21
12 962
0
°
90
°
180
°
–90
°
1
2
–150
°
–120
°
–60
°
–30
°
120
°
150
°
60
°
30
°
1300MHz
100
400
700
1000
Figure 13. Forward transmission coefficient
S12
12 973
0
°
90
°
180
°
–90
°
0.08
0.16
–150
°
–120
°
–60
°
–30
°
120
°
150
°
60
°
30
°
1300MHz
100
200
1200
Figure 14. Reverse transmission coefficient
S22
12 963
–j0.2
–j0.5
–j
–j2
–j5
0
j0.2
j0.5
j
j2
j5
1
0.2
0.5
1
2
5
1300MHz
100
Figure 15. Output reflection coefficient


Numéro de pièce similaire - BF998R

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BF998R PHILIPS-BF998R Datasheet
114Kb / 12P
   Silicon N-channel dual-gate MOS-FETs
1996 Aug 01
logo
Siemens Semiconductor G...
BF998R SIEMENS-BF998R Datasheet
33Kb / 2P
   Silicon N-Channel MOSFET Tetrode (Short-channel transistor with high S/C quality factor)
logo
Infineon Technologies A...
BF998R INFINEON-BF998R Datasheet
249Kb / 6P
   Silicon N-Channel MOSFET Tetrode
Feb-13-2004
logo
Vishay Siliconix
BF998R VISHAY-BF998R Datasheet
318Kb / 10P
   N-Channel Dual Gate MOS-Fieldeffect Tetrode, Depletion Mode
Rev. 1.8, 05-Sep-08
logo
Infineon Technologies A...
BF998R INFINEON-BF998R Datasheet
93Kb / 9P
   Silicon N_Channel MOSFET Tetrode
2007-04-20
More results

Description similaire - BF998R

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
BF994S VISHAY-BF994S Datasheet
119Kb / 7P
   N-Channel Dual Gate MOS-Fieldeffect Tetrode, Depletion Mode
Rev. 3, 20-Jan-99
BF966SA VISHAY-BF966SA Datasheet
161Kb / 8P
   N-Channel Dual Gate MOS-Fieldeffect Tetrode, Depletion Mode
Rev. 1.5, 15-Apr-05
BF995 VISHAY-BF995 Datasheet
116Kb / 7P
   N-Channel Dual Gate MOS-Fieldeffect Tetrode, Depletion Mode
Rev. 3, 20-Jan-99
BF961 VISHAY-BF961 Datasheet
160Kb / 7P
   N-Channel Dual Gate MOS-Fieldeffect Tetrode, Depletion Mode
Rev. 1.5, 25-Nov-04
logo
Vishay Telefunken
BF966 TFUNK-BF966 Datasheet
396Kb / 10P
   N-Channel Dual Gate MOS-Fieldeffect Tetrode - Depletion Mode
logo
Vishay Siliconix
BF964S VISHAY-BF964S Datasheet
127Kb / 8P
   N-Channel Dual Gate MOS-Fieldeffect Tetrode, Depletion Mode
Rev. 3, 20-Jan-99
BF988 VISHAY-BF988 Datasheet
139Kb / 8P
   N-Channel Dual Gate MOS-Fieldeffect Tetrode, Depletion Mode
Rev. 4, 08-Jul-99
BF966S VISHAY-BF966S Datasheet
127Kb / 8P
   N-Channel Dual Gate MOS-Fieldeffect Tetrode, Depletion Mode
Rev. 3, 20-Jan-99
BF998 VISHAY-BF998_08 Datasheet
318Kb / 10P
   N-Channel Dual Gate MOS-Fieldeffect Tetrode, Depletion Mode
Rev. 1.8, 05-Sep-08
BF988 VISHAY-BF988_08 Datasheet
157Kb / 9P
   N-Channel Dual Gate MOS-Fieldeffect Tetrode, Depletion Mode
Rev. 1.7, 11-Sep-08
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com