Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

700-SE05GNZ12 Fiches technique(PDF) 1 Page - Allen-Bradley

No de pièce 700-SE05GNZ12
Description  Solid-State Relays
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ALLEN-BRADLEY [Allen-Bradley]
Site Internet  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

700-SE05GNZ12 Fiches technique(HTML) 1 Page - Allen-Bradley

  700-SE05GNZ12 Datasheet HTML 1Page - Allen-Bradley 700-SE05GNZ12 Datasheet HTML 2Page - Allen-Bradley 700-SE05GNZ12 Datasheet HTML 3Page - Allen-Bradley 700-SE05GNZ12 Datasheet HTML 4Page - Allen-Bradley 700-SE05GNZ12 Datasheet HTML 5Page - Allen-Bradley  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Bulletin 700-SE
Solid-State Relays
42
Overview/Product Selection
➊ Maximum load current when mounted on a heat sink.
Bulletin 700-SE
20 A (resistive) Max. Continuous Load (Output) Current with Heat Sink
264V AC Max. Load Voltage Range
5,12, or 24V DC Control/Input Voltage
Built-in Varistor Helps Absorb Most Electrical Surges
Low Profile (Flat Pack) Design
Quick-Connect #110 Input and #250 Output Terminals
Table Of Contents
Product Selection . . . . . . . . 42
Accessories . . . . . . . . . . . . . 43
Specifications . . . . . . . . . . . 44
Approximate
Dimensions . . . . . . . . . . . . . 46
Input-to-
Output
Isolation
Method
Zero Cross
Function
LED
Indicator
Rated Output (Load)
Max. Current and
Voltage Range ➊
Rated Input
Control Voltage
Cat. No.
Factory-
stocked
Item
(single
pack)
Phototriac
Yes
No
5 A at 100…240V AC
5V DC
700-SE05GZZ05
12V DC
700-SE05GZZ12
24V DC
700-SE05GZZ24
10 A at 100…240V AC
5V DC
700-SE10GZZ05
12V DC
700-SE10GZZ12
24V DC
700-SE10GZZ24
20 A at 100…240V AC
5V DC
700-SE20GZZ05
12V DC
700-SE20GZZ12
24V DC
700-SE20GZZ24
No
5 A at 100…240V AC
5V DC
700-SE05GNZ05
12V DC
700-SE05GNZ12
24V DC
700-SE05GNZ24
10 A at 100…240V AC
5V DC
700-SE10GNZ05
12V DC
700-SE10GNZ12
24V DC
700-SE10GNZ24
20 A at 100…240V AC
5V DC
700-SE20GNZ05
12V DC
700-SE20GNZ12
24V DC
700-SE20GNZ24


Numéro de pièce similaire - 700-SE05GNZ12

FabricantNo de pièceFiches techniqueDescription
logo
Allen-Bradley
700-S20 ALLEN-BRADLEY-700-S20 Datasheet
598Kb / 7P
   Solid-State Relays
700-S30 ALLEN-BRADLEY-700-S30 Datasheet
598Kb / 7P
   Solid-State Relays
700-SA ALLEN-BRADLEY-700-SA Datasheet
398Kb / 6P
   Solid-State Relays
700-SANY3Z25 ALLEN-BRADLEY-700-SANY3Z25 Datasheet
398Kb / 6P
   Solid-State Relays
700-SAZY5Z25 ALLEN-BRADLEY-700-SAZY5Z25 Datasheet
398Kb / 6P
   Solid-State Relays
More results

Description similaire - 700-SE05GNZ12

FabricantNo de pièceFiches techniqueDescription
logo
Omron Electronics LLC
G3NE OMRON-G3NE_1 Datasheet
452Kb / 8P
   Solid State Relays
logo
Allen-Bradley
700-SH ALLEN-BRADLEY-700-SH Datasheet
598Kb / 7P
   Solid-State Relays
logo
PHOENIX CONTACT
2982689 PHOENIX-2982689 Datasheet
168Kb / 4P
   Solid-State Relays
logo
TT Electronics.
OSSRD1001A TTELEC-OSSRD1001A Datasheet
586Kb / 15P
   Solid State Relays
logo
GREEGOO Electric Co.,Lt...
GRV1024PW GREEGOO-GRV1024PW Datasheet
428Kb / 1P
   Solid State Relays
logo
Omron Electronics LLC
G3M OMRON-G3M Datasheet
419Kb / 8P
   Solid State Relays
logo
Allen-Bradley
700-SF ALLEN-BRADLEY-700-SF Datasheet
374Kb / 4P
   Solid-State Relays
700-SC ALLEN-BRADLEY-700-SC Datasheet
391Kb / 5P
   Solid-State Relays
logo
PHOENIX CONTACT
PLC-HSC-24DC PHOENIX-PLC-HSC-24DC Datasheet
98Kb / 6P
   Solid-state relays
logo
Opto Electronics Co,. L...
240A25 E-OEC-240A25 Datasheet
753Kb / 23P
   Solid-State Relays
logo
Allen-Bradley
700-SK ALLEN-BRADLEY-700-SK Datasheet
370Kb / 5P
   Solid-State Relays
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com