Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

700-SANY3Z25 Fiches technique(PDF) 4 Page - Allen-Bradley

No de pièce 700-SANY3Z25
Description  Solid-State Relays
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ALLEN-BRADLEY [Allen-Bradley]
Site Internet  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

700-SANY3Z25 Fiches technique(HTML) 4 Page - Allen-Bradley

  700-SANY3Z25 Datasheet HTML 1Page - Allen-Bradley 700-SANY3Z25 Datasheet HTML 2Page - Allen-Bradley 700-SANY3Z25 Datasheet HTML 3Page - Allen-Bradley 700-SANY3Z25 Datasheet HTML 4Page - Allen-Bradley 700-SANY3Z25 Datasheet HTML 5Page - Allen-Bradley 700-SANY3Z25 Datasheet HTML 6Page - Allen-Bradley  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Bulletin 700-SA
Solid-State Relays
34
Specifications
➊ If the SSR operation is continuous ON/OFF, this value should be reduced by 50%. Refer to “Inrush Current Resistivity” graphs below.
➋ Refer to the following graph "Load Current Vs. Ambient Temperature Characteristics" for additional load current details.
➌ Inrush current resistivity is the ability of an SSR to withstand a large surge current for a short period of time. Surges are considered non-repetitive (max. repeatability
once every 5 seconds). Keep the inrush current to half the rated value if it occurs repetitively. Exceeding the non-repetitive inrush current will damage the SSR.
Control/Input Ratings
Cat. No.
Rated Control
Voltage
Operating Control
Voltage Range
Impedance
Control Voltage Levels
Pick-up Voltage
Drop-out Voltage
700-SAZY5Z25
5…24V DC
4…30V DC
1.5 K
Ω (+20% -10%)
4V DC max.
1V DC min.
700-SANY3Z25
Load/Output Ratings
Cat. No.
Applicable Load
Rated Load Voltage
Load Voltage Range
Continuous Load Current
(Resistive)
Max. Inrush Current ➊
Min.
Max. ➋
700-SAZY5Z25
100…240V AC
75…264V AC
0.1 A
5.0 A
80 A, @50/60 Hz for 1 cycle
700-SANY3Z25
5…110V DC
3…125V DC
0.1 A
3.0 A
12 A (10 ms)
Characteristics
Item
700-SAZY5Z25
700-SANY3Z25
Load Switching Method/Device
Triac
Transistor
Pick-up time
1/2 cycle of load power source + 1 ms max.
0.5 ms max.
Drop-out time
1/2 cycle of load power source + 1 ms max.
2.5 ms max.
Output ON voltage drop
1.6 V (RMS) max.
1.5 V max.
Output Leakage current
5 mA max. (at 100V AC); 10 mA max.
(at 200V AC)
5 mA max.
(at 125V DC)
Output VDRM VCEO (V)
600
150
Output di/dt (A/uS)
50
Output dv/dt (V/uS)
500
Output I2t (A2S)
41.6
Output Tj (°C) Max.
125
150
Insulation resistance
100 M
Ω min. (at 500V DC)
Dielectric strength
1,500V AC, 50/60 Hz for 1 min.
Vibration resistance (max.)
10…55 Hz, 1.5 mm double amplitude (10 G)
Shock resistance (max.)
1,000 m/s2 (100 G)
Ambient temperature
Operating
Storage
–30…80
°C (–22…176°F) with no icing or condensation
–30…100
°C (–22…212°F) with no icing or condensation
Ambient humidity
45…85% (no condensation)
Standards
UL508, CSA C22.2 , VDE, CE
Weight
Approx. 70 g
700-SA
Ambient temperature (
°C)
700-SA
Energizing time (ms)
700-SAZY5Z25
700-SANY3Z25
700-SAZY5Z25
700-SANY3Z25
Load Current vs. Ambient Temperature
Characteristics
Inrush Current Resistivity


Numéro de pièce similaire - 700-SANY3Z25

FabricantNo de pièceFiches techniqueDescription
logo
Allen-Bradley
700-S10 ALLEN-BRADLEY-700-S10 Datasheet
463Kb / 5P
   Solid-State Relays
700-S20 ALLEN-BRADLEY-700-S20 Datasheet
598Kb / 7P
   Solid-State Relays
700-S20 ALLEN-BRADLEY-700-S20 Datasheet
463Kb / 5P
   Solid-State Relays
700-S30 ALLEN-BRADLEY-700-S30 Datasheet
598Kb / 7P
   Solid-State Relays
700-SC ALLEN-BRADLEY-700-SC Datasheet
391Kb / 5P
   Solid-State Relays
More results

Description similaire - 700-SANY3Z25

FabricantNo de pièceFiches techniqueDescription
logo
Omron Electronics LLC
G3NE OMRON-G3NE_1 Datasheet
452Kb / 8P
   Solid State Relays
logo
Allen-Bradley
700-SH ALLEN-BRADLEY-700-SH Datasheet
598Kb / 7P
   Solid-State Relays
logo
PHOENIX CONTACT
2982689 PHOENIX-2982689 Datasheet
168Kb / 4P
   Solid-State Relays
logo
TT Electronics.
OSSRD1001A TTELEC-OSSRD1001A Datasheet
586Kb / 15P
   Solid State Relays
logo
GREEGOO Electric Co.,Lt...
GRV1024PW GREEGOO-GRV1024PW Datasheet
428Kb / 1P
   Solid State Relays
logo
Omron Electronics LLC
G3M OMRON-G3M Datasheet
419Kb / 8P
   Solid State Relays
logo
Allen-Bradley
700-SF ALLEN-BRADLEY-700-SF Datasheet
374Kb / 4P
   Solid-State Relays
700-SC ALLEN-BRADLEY-700-SC Datasheet
391Kb / 5P
   Solid-State Relays
logo
PHOENIX CONTACT
PLC-HSC-24DC PHOENIX-PLC-HSC-24DC Datasheet
98Kb / 6P
   Solid-state relays
logo
Opto Electronics Co,. L...
240A25 E-OEC-240A25 Datasheet
753Kb / 23P
   Solid-State Relays
logo
Allen-Bradley
700-SK ALLEN-BRADLEY-700-SK Datasheet
370Kb / 5P
   Solid-State Relays
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com