Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KDS4501H Fiches technique(PDF) 3 Page - Guangdong Kexin Industrial Co.,Ltd

No de pièce KDS4501H
Description  Complementary PowerTrench Half-Bridge MOSFET
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Site Internet  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

KDS4501H Fiches technique(HTML) 3 Page - Guangdong Kexin Industrial Co.,Ltd

  KDS4501H Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd KDS4501H Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd KDS4501H Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
www.kexin.com.cn
3
SMD Type
IC
SMD Type
Transistors
Electrical Characteristics Ta = 25
Parameter
Symbol
Min
Typ
Max
Unit
N-Ch
2.1
P-Ch
-2.1
VGS =0V, IS = 2.1A (Not 2)
N-Ch
1.2
VGS =0V, IS = -2.1A (Not 2)
P-Ch
-1.2
VSD
Drain-Source Diode Forward Voltage
IS
Maximum Continuous Drain-Source
Diode Forward Current
A
V
Testconditons
KDS4501H


Numéro de pièce similaire - KDS4501H

FabricantNo de pièceFiches techniqueDescription
logo
Guangdong Kexin Industr...
KDS4559 KEXIN-KDS4559 Datasheet
78Kb / 3P
   60V Complementary PowerTrench MOSFET
More results

Description similaire - KDS4501H

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FDS4501H FAIRCHILD-FDS4501H Datasheet
1Mb / 8P
   Complementary PowerTrench Half-Bridge MOSFET
NDS8839H FAIRCHILD-NDS8839H Datasheet
350Kb / 12P
   Complementary MOSFET Half Bridge
NDS8852H FAIRCHILD-NDS8852H Datasheet
349Kb / 12P
   Complementary MOSFET Half Bridge
FDW2521C FAIRCHILD-FDW2521C Datasheet
149Kb / 8P
   Complementary PowerTrench MOSFET
FDC6020C FAIRCHILD-FDC6020C Datasheet
211Kb / 9P
   Complementary PowerTrench MOSFET
logo
ON Semiconductor
FDME1034CZT ONSEMI-FDME1034CZT Datasheet
316Kb / 12P
   MOSFET - Complementary, POWERTRENCH
October, 2019 ??Rev. 1
logo
Fairchild Semiconductor
FDW2520C FAIRCHILD-FDW2520C Datasheet
124Kb / 8P
   Complementary PowerTrench MOSFET
FDW2520C FAIRCHILD-FDW2520C_08 Datasheet
398Kb / 8P
   Complementary PowerTrench MOSFET
FDW2521C FAIRCHILD-FDW2521C_08 Datasheet
268Kb / 8P
   Complementary PowerTrench MOSFET
FDJ1032C FAIRCHILD-FDJ1032C_08 Datasheet
7Mb / 9P
   Complementary PowerTrench MOSFET
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com