Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FZT849 Fiches technique(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

No de pièce FZT849
Description  NPN Silicon Planar High Current (High Performance) Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Site Internet  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

FZT849 Fiches technique(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  FZT849 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd FZT849 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
SMD Type
Transistors
www.kexin.com.cn
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO IC=100ìA
80
120
V
Collector-emitter breakdown voltage *
V(BR)CEO IC=10mA
30
40
V
Emitter-base breakdown voltage
V(BR)EBO IE=100ìA
6
8
V
Collector Cut-Off Current
ICBO
VCB=70V
VCB=70V,Ta = 100
50
1
nA
ìA
Collector Cut-Off Current
IEBO
VEB=6V
10
nA
Collector-emitter saturation voltage *
VCE(sat)
IC=0.5A, IB=20mA
IC=1A, IB=20mA
IC=2A, IB=20mA
IC=6.5A, IB=300mA
35
67
168
50
110
215
350
mV
Base-emitter saturation voltage *
VBE(sat) IC=6.5A, IB=300mA
1.2
V
Base-Emitter Turn-On Voltage *
VBE(on)IC=6.5A, VCE=1V
1.13
V
IC=10mA, VCE=1V
100
200
IC=1A, VCE=1V*
100
200
300
IC=7A, VCE=1V*
100
150
IC=20A, VCE=2V*
30
65
Transitional frequency
fT
IC=100mA, VCE=10V f=50MHz
100
MHz
Output capacitance
Cobo
VCB=10V, f=1MHz
75
pF
Turn-on time
t(on)
IC=1A, VCC=10V
45
ns
Turn-off time
t(off)
IB1=IB2=100mA
630
ns
* Pulse test: tp = 300 ìs; d
0.02.
Static Forward Current Transfer Ratio
hFE
FZT849
Marking
Marking
FZT849


Numéro de pièce similaire - FZT849

FabricantNo de pièceFiches techniqueDescription
logo
Zetex Semiconductors
FZT849 ZETEX-FZT849 Datasheet
60Kb / 3P
   NPN SILICON PLANAR HIGH CURRENT (HIGH PERFORMANCE) TRANSISTOR
logo
Diodes Incorporated
FZT849 DIODES-FZT849 Datasheet
72Kb / 3P
   SOT223 NPN SILICON PLANAR HIGH CURRENT
logo
List of Unclassifed Man...
FZT849TA ETC2-FZT849TA Datasheet
72Kb / 3P
   SOT223 NPN SILICON PLANAR HIGH CURRENT (HIGH PERFORMANCE) TRANSISTOR
logo
Guangdong Kexin Industr...
FZT849 KEXIN-FZT849_15 Datasheet
762Kb / 3P
   NPN Transistors
logo
Diodes Incorporated
FZT849 DIODES-FZT849_15 Datasheet
72Kb / 3P
   ELECTRICAL CHARACTERISTICS
More results

Description similaire - FZT849

FabricantNo de pièceFiches techniqueDescription
logo
Zetex Semiconductors
FZT857 ZETEX-FZT857 Datasheet
142Kb / 3P
   NPN SILICON PLANAR HIGH CURRENT (HIGH PERFORMANCE)TRANSISTOR
FZT869 ZETEX-FZT869 Datasheet
27Kb / 2P
   NPN SILICON PLANAR HIGH CURRENT (HIGH PERFORMANCE) TRANSISTOR
logo
Guangdong Kexin Industr...
FZT869 KEXIN-FZT869 Datasheet
39Kb / 2P
   NPN Silicon Planar High Current (High Performance) Transistor
logo
Zetex Semiconductors
FZT849 ZETEX-FZT849 Datasheet
60Kb / 3P
   NPN SILICON PLANAR HIGH CURRENT (HIGH PERFORMANCE) TRANSISTOR
FZT855 ZETEX-FZT855 Datasheet
516Kb / 3P
   NPN SILICON PLANAR HIGH CURRENT (HIGH PERFORMANCE)TRANSISTOR
logo
Guangdong Kexin Industr...
FZT851 KEXIN-FZT851 Datasheet
38Kb / 2P
   NPN Silicon Planar High Current (High Performance)Transistor
logo
Zetex Semiconductors
FZT857 ZETEX-FZT857_03 Datasheet
39Kb / 3P
   SOT223 NPN SILICON PLANAR HIGH CURRENT (HIGH PERFORMANCE)TRANSISTOR
logo
List of Unclassifed Man...
FZT849TA ETC2-FZT849TA Datasheet
72Kb / 3P
   SOT223 NPN SILICON PLANAR HIGH CURRENT (HIGH PERFORMANCE) TRANSISTOR
logo
Diodes Incorporated
FZT869TA DIODES-FZT869TA Datasheet
39Kb / 2P
   SOT223 NPN SILICON PLANAR HIGH CURRENT (HIGH PERFORMANCE) TRANSISTOR
logo
Zetex Semiconductors
FZT649 ZETEX-FZT649 Datasheet
91Kb / 2P
   NPN SILICON PLANAR HIGH PERFORMANCE TRANSISTOR
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com