Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SA1577 Fiches technique(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

No de pièce 2SA1577
Description  Medium Power Transistor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Site Internet  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SA1577 Fiches technique(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SA1577 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
IC
www.kexin.com.cn
1
SMD Type
Transistors
1 Emitter
2 Base
3 Collector
Medium Power Transistor
2SA1577
Features
Large IC.ICMAX. = -500mA
Low VCE(sat). Ideal for low-voltage operation.
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Collector-base voltage
VCBO
-40
V
Collector-emitter voltage
VCEO
-32
V
Emitter-base voltage
VEBO
-5
V
Collector current
IC
-0.5
A
Collector power dissipation
PC
0.2
W
Junction temperature
Tj
150
Storage temperature
Tstg
-55to+150
hFE Classification
Marking
HP
HQ
HR
hFE
82
180
120
270
180
390
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Collector-base breakdown voltage
BVCBO
IC= -100ìA
-40
V
Collector-emitter breakdown voltage
BVCEO
IC= -1mA
-32
V
Emitter-base breakdown voltage
BVEBO
IE= -100ìA
-5
V
Collector cutoff current
ICBO
VCB= -20V
-1
ìA
Emitter cutoff current
IEBO
VEB=-4V
-1
ìA
Collector-emitter saturation voltage
VCE(sat) VCE=-3V, IC= -100mA
-0.6
V
DC current transfer ratio
hFE
IC/IB= -300mA/-30mA
82
390
Transition frequency
fT
VCE=-5V, IE=20mA, f=100MHz
200
MHz
Output capacitance
Cob
VCB= -10V, IE=0A, f=1MHz
7
pF


Numéro de pièce similaire - 2SA1577

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
2SA1577 ROHM-2SA1577 Datasheet
78Kb / 4P
   Medium Power Transistor (-32V, -0.5A)
logo
SeCoS Halbleitertechnol...
2SA1577 SECOS-2SA1577 Datasheet
227Kb / 3P
   PNP Silicon General Purpose Transistor
logo
Rohm
2SA1577 ROHM-2SA1577 Datasheet
167Kb / 3P
   Medium Power Transistor (-32V, -05A)
2SA1577 ROHM-2SA1577 Datasheet
1Mb / 8P
   Medium Power Transistor (-32V, -500mA)
logo
Galaxy Semi-Conductor H...
2SA1577 BILIN-2SA1577 Datasheet
238Kb / 4P
   PNP Silicon Epitaxial Planar Transistor
More results

Description similaire - 2SA1577

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
2SB1132 ROHM-2SB1132 Datasheet
128Kb / 4P
   Medium Power Transistor
2SD2143 ROHM-2SD2143_12 Datasheet
163Kb / 3P
   Medium Power Transistor
logo
Guangdong Kexin Industr...
2SD2537 KEXIN-2SD2537 Datasheet
49Kb / 1P
   Medium Power Transistor
FMMT489 KEXIN-FMMT489 Datasheet
35Kb / 1P
   Medium Power Transistor
2SB1182 KEXIN-2SB1182 Datasheet
39Kb / 1P
   Medium Power Transistor
FMMTL619 KEXIN-FMMTL619 Datasheet
37Kb / 2P
   Medium Power Transistor
logo
Surge Components
2SB1561U SURGE-2SB1561U Datasheet
485Kb / 3P
   medium power transistor
logo
Galaxy Semi-Conductor H...
2SD1767 BILIN-2SD1767 Datasheet
175Kb / 4P
   Medium power transistor
2SB1189 BILIN-2SB1189 Datasheet
179Kb / 4P
   Medium power transistor
logo
Guangdong Kexin Industr...
2SA1036K KEXIN-2SA1036K Datasheet
38Kb / 1P
   Medium Power Transistor
2SD1760 KEXIN-2SD1760 Datasheet
40Kb / 1P
   Medium Power Transistor
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com