Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS87C52X2 Fiches technique(PDF) 7 Page - TEMIC Semiconductors

No de pièce TS87C52X2
Description  8-bit CMOS Microcontroller 0-60 MHz
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TEMIC [TEMIC Semiconductors]
Site Internet  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

TS87C52X2 Fiches technique(HTML) 7 Page - TEMIC Semiconductors

Back Button TS87C52X2 Datasheet HTML 3Page - TEMIC Semiconductors TS87C52X2 Datasheet HTML 4Page - TEMIC Semiconductors TS87C52X2 Datasheet HTML 5Page - TEMIC Semiconductors TS87C52X2 Datasheet HTML 6Page - TEMIC Semiconductors TS87C52X2 Datasheet HTML 7Page - TEMIC Semiconductors TS87C52X2 Datasheet HTML 8Page - TEMIC Semiconductors TS87C52X2 Datasheet HTML 9Page - TEMIC Semiconductors TS87C52X2 Datasheet HTML 10Page - TEMIC Semiconductors TS87C52X2 Datasheet HTML 11Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 54 page
background image
Rev. B - Jan. 25, 1999
7
Preliminary
TS80C52X2
6. TS80C52X2 Enhanced Features
In comparison to the original 80C52, the TS80C52X2 implements some new features, which are:
• The X2 option.
• The Dual Data Pointer.
• The 4 level interrupt priority system.
• The power-off flag.
• The ONCE mode.
• The ALE disabling.
• Some enhanced features are also located in the UART and the timer 2.
6.1 X2 Feature
The TS80C52X2 core needs only 6 clock periods per machine cycle. This feature called ”X2” provides the following
advantages:
q
Divide frequency crystals by 2 (cheaper crystals) while keeping same CPU power.
q
Save power consumption while keeping same CPU power (oscillator power saving).
q
Save power consumption by dividing dynamically operating frequency by 2 in operating and idle modes.
q
Increase CPU power by 2 while keeping same crystal frequency.
In order to keep the original C51 compatibility, a divider by 2 is inserted between the XTAL1 signal and the main
clock input of the core (phase generator). This divider may be disabled by software.
6.1.1 Description
The clock for the whole circuit and peripheral is first divided by two before being used by the CPU core and
peripherals. This allows any cyclic ratio to be accepted on XTAL1 input. In X2 mode, as this divider is bypassed,
the signals on XTAL1 must have a cyclic ratio between 40 to 60%. Figure 1. shows the clock generation block
diagram. X2 bit is validated on XTAL1
÷2 rising edge to avoid glitches when switching from X2 to STD mode.
Figure 2. shows the mode switching waveforms.
Figure 1. Clock Generation Diagram
XTAL1
2
CKCON reg
X2
state machine: 6 clock cycles.
CPU control
FOSC
FXTAL
0
1
XTAL1:2


Numéro de pièce similaire - TS87C52X2

FabricantNo de pièceFiches techniqueDescription
logo
TEMIC Semiconductors
TS87C52X2 TEMIC-TS87C52X2 Datasheet
286Kb / 56P
   8-bit CMOS Microcontroller 0-60 MHz
logo
ATMEL Corporation
TS87C52X2 ATMEL-TS87C52X2 Datasheet
603Kb / 55P
   8-bit Microcontroller 8 Kbytes ROM/OTP, ROMless
TS87C52X2-LCA ATMEL-TS87C52X2-LCA Datasheet
603Kb / 55P
   8-bit Microcontroller 8 Kbytes ROM/OTP, ROMless
TS87C52X2-LCB ATMEL-TS87C52X2-LCB Datasheet
603Kb / 55P
   8-bit Microcontroller 8 Kbytes ROM/OTP, ROMless
TS87C52X2-LCC ATMEL-TS87C52X2-LCC Datasheet
603Kb / 55P
   8-bit Microcontroller 8 Kbytes ROM/OTP, ROMless
More results

Description similaire - TS87C52X2

FabricantNo de pièceFiches techniqueDescription
logo
TEMIC Semiconductors
TS80C32X2 TEMIC-TS80C32X2 Datasheet
286Kb / 56P
   8-bit CMOS Microcontroller 0-60 MHz
TS80C31X2 TEMIC-TS80C31X2 Datasheet
484Kb / 40P
   8-bit CMOS Microcontroller 0-60 MHz
TS80C54X2 TEMIC-TS80C54X2 Datasheet
288Kb / 58P
   8-bit CMOS Microcontroller 0-60 MHz
TS80C51U2 TEMIC-TS80C51U2 Datasheet
316Kb / 67P
   Double UART 8-bit CMOS Microcontroller, 0-60 MHz
TSC87C51 TEMIC-TSC87C51 Datasheet
170Kb / 22P
   CMOS 0 to 25 MHz Programmable 8-bit Microcontroller
TSC87C51 TEMIC-TSC87C51 Datasheet
157Kb / 23P
   CMOS 0 to 33 MHz Programmable 8-bit Microcontroller
TSC87C52 TEMIC-TSC87C52 Datasheet
184Kb / 24P
   CMOS 0 to 33 MHz Programmable 8-bit Microcontroller
80C154 TEMIC-80C154 Datasheet
242Kb / 24P
   CMOS 0 to 36 MHz Single Chip 8-bit Microcontroller
80C32 TEMIC-80C32 Datasheet
229Kb / 20P
   CMOS 0 to 44 MHz Single-chip 8 Bit Microcontroller
TSC80C31 TEMIC-TSC80C31 Datasheet
205Kb / 19P
   CMOS 0 to 44 MHz Single-Chip 8 Bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com