Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAP50-03 Fiches technique(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

No de pièce BAP50-03
Description  General Purpose PIN Diode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Site Internet  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

BAP50-03 Fiches technique(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  BAP50-03 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd BAP50-03 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SMD Type
Diodes
2
www.kexin.com.cn
Typical Characteristics
Tj = 25
; f = 100 MHz.
Tj = 25
; f = 100 MHz.
Diode zero biased and inserted in series with a 50
stripline circuit
Tamb = 25
.
(1) IF = 10 mA. (2) IF = 1 mA. (3) IF = 0.5 mA.
Diode inserted in series with a 50
stripline circuit and biased via t
analyzer Tee network.
Tamb = 25 °C.
Fig.1 Forward resistance as a function of forward
current; typical values.
Fig.2 Diode capacitance as a function of reverse
voltage; typical values.
Fig.3 Insertion loss (|S21|2) of the diode as a
function of frequency; typical values.
Fig.4 Isolation (|S21|2) of the diode as a function of
frequency; typical values.
KAP50-03(BAP50-03)


Numéro de pièce similaire - BAP50-03

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BAP50-03 PHILIPS-BAP50-03 Datasheet
60Kb / 8P
   General purpose PIN diode
1999 May 10
BAP50-03 PHILIPS-BAP50-03 Datasheet
60Kb / 8P
   General purpose PIN diode
1999 May 10
BAP50-03 NXP-BAP50-03 Datasheet
58Kb / 7P
   General purpose PIN diode
Rev. 04-11 September 2009
logo
SeCoS Halbleitertechnol...
BAP50-03 SECOS-BAP50-03 Datasheet
318Kb / 2P
   Small Signal General Purpose PiN Diode
logo
Micro Commercial Compon...
BAP50-03 MCC-BAP50-03 Datasheet
377Kb / 3P
   General Purpose Pin Diodes 200mW
More results

Description similaire - BAP50-03

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BAP51-04W PHILIPS-BAP51-04W Datasheet
84Kb / 7P
   GENERAL PURPOSE PIN DIODE
2002 Feb 19
logo
E-Tech Electronics LTD
BAP51-02 ETL-BAP51-02 Datasheet
165Kb / 2P
   General purpose PIN diode
logo
NXP Semiconductors
BAP51-03 PHILIPS-BAP51-03 Datasheet
57Kb / 8P
   General purpose PIN diode
1999 May 10
BAP50-03 PHILIPS-BAP50-03 Datasheet
60Kb / 8P
   General purpose PIN diode
1999 May 10
BAP51-05W PHILIPS-BAP51-05W Datasheet
58Kb / 8P
   General purpose PIN diode
2001 Jan 23
BAP51-02 PHILIPS-BAP51-02 Datasheet
60Kb / 8P
   General purpose PIN diode
2000 Jul 06
BAP51-06W NXP-BAP51-06W Datasheet
57Kb / 8P
   General purpose PIN diode
Rev. 01-26 May 2008
BAP51-02 PHILIPS-BAP51-02_99 Datasheet
83Kb / 6P
   General purpose PIN diode
1999 Jun 28
logo
Jiangsu Changjiang Elec...
BAP50-03 JIANGSU-BAP50-03 Datasheet
599Kb / 4P
   GENERAL PURPOSE PIN DIODE
logo
Quanzhou Jinmei Electro...
BAP51-04W_N_2015 JMNIC-BAP51-04W_N_2015 Datasheet
89Kb / 7P
   General purpose PIN diode
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com