Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA4445A Fiches technique(PDF) 3 Page - TEMIC Semiconductors

No de pièce TDA4445A
Description  Quasi Parallel Sound Processing with Quadrature Intercarrier Demodulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TEMIC [TEMIC Semiconductors]
Site Internet  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

TDA4445A Fiches technique(HTML) 3 Page - TEMIC Semiconductors

  TDA4445A Datasheet HTML 1Page - TEMIC Semiconductors TDA4445A Datasheet HTML 2Page - TEMIC Semiconductors TDA4445A Datasheet HTML 3Page - TEMIC Semiconductors TDA4445A Datasheet HTML 4Page - TEMIC Semiconductors TDA4445A Datasheet HTML 5Page - TEMIC Semiconductors TDA4445A Datasheet HTML 6Page - TEMIC Semiconductors TDA4445A Datasheet HTML 7Page - TEMIC Semiconductors TDA4445A Datasheet HTML 8Page - TEMIC Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TELEFUNKEN Semiconductors
TDA4445A/TDA4445B
Rev. A1: 14.09.1995
3 (8)
Electrical Characteristics
VS = 12 V, Tamb = + 25°C, reference point pin 13, unless otherwise specified
Parameters
Test Conditions / Pins
Symbol
Min.
Typ.
Max.
Unit
Supply current
V1–16 = 10 mV
or V3= 3.5 V
Pin 11
IS
60
mA
DC output voltage
V 1–16 = 10 mV,
unmodulated
Pin 12
VO
5.0
V
DC output current
V11 = 7.5 V,
V3 = 3.5 V
Pin 12
Imax
1.8
V
Input impedance
Pin 1–16
Pin 1–16
R
C
1.6
2.0
k
W
PF
Switch off control voltage
VTR mode
Pin 3
V
8
10
V
Switch off control current
VTR mode
Pin 3
I
50
150
mA
Quasi Parallel Sound Operation
fPC = 38.9 MHz, fSC1 = 33.4 MHz, fSC2 = 33.16 MHz, PC/SC = 13 dB, PC/SC2 = 20 dB,
PC unmodulated (equivalent to sync. peak current)
Parameters
Test Conditions / Pins
Symbol
Min.
Typ.
Max.
Unit
Minimum input voltage
5.5 MHz output signal
–3dB
Pin 1–16
vi
50
mV
Maximum input voltage
5.5 MHz output signal
+1 dB
Pin 1–16
vi
80
mV
IF AGC range
∆GIF
64
dB
AGC capacitor
control time constant, Pin 3
C3
0.33
10
mF
Sound-IF-output voltage V1–16= 10 mV, SC unmodulated
5.5 MHz output voltage
Pin 12
vi
250
mV
5.74 MHz output voltage
i
110
Signal to noise ratio: measured according to CCIR 468–2
reference signal: v1–16 = 10 mV, FM-frequency deviation = +30 kHz
fmod = 1 kHz, measured at audio-output sound IF demodulator U2829B
1. Channel/ 2. Channel
Standard B/G modulated IF signal
(residual carrier 10%)
Black screen
Pin 12
Grid pattern
S+N
N
62/58
52/49
dB
Bistandard Operation
Parameters
Test Conditions / Pins
Symbol
Min.
Typ.
Max.
Unit
IF AGC range
∆GIF
64
dB
AGC capacitor
(control time constant)
Pin 3
Pin 5
C3
C5
10
4.7
mF


Numéro de pièce similaire - TDA4445A

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
TDA4445A STMICROELECTRONICS-TDA4445A Datasheet
72Kb / 6P
   SOUND IF AMPLIFIER
logo
List of Unclassifed Man...
TDA4445A ETC1-TDA4445A Datasheet
188Kb / 1P
   TELEFUNK ELECTRONIC CREATIVE TECHNOLOGIEN U2200B-FP
More results

Description similaire - TDA4445A

FabricantNo de pièceFiches techniqueDescription
logo
TEMIC Semiconductors
U4454B TEMIC-U4454B Datasheet
107Kb / 7P
   Quasi-Split-Sound Processing and AM-Demodulator
logo
Sanyo Semicon Device
LA7510 SANYO-LA7510 Datasheet
96Kb / 4P
   Quasi-Parallel Intercarrier Detector
logo
TEMIC Semiconductors
TDA4472-M TEMIC-TDA4472-M Datasheet
170Kb / 14P
   Video-IF and Quasi Parallel Sound Processing
TDA4474 TEMIC-TDA4474 Datasheet
156Kb / 17P
   Multistandard Video-IF and Quasi Parallel Sound Processing
TDA4470-M TEMIC-TDA4470-M Datasheet
189Kb / 16P
   Multistandard Video-IF and Quasi Parallel Sound Processing
TDA4471 TEMIC-TDA4471 Datasheet
289Kb / 16P
   Multistandard Video-IF and Quasi Parallel Sound Processing
logo
NXP Semiconductors
TDA9821 PHILIPS-TDA9821 Datasheet
121Kb / 16P
   Dual channel TV FM intercarrier sound demodulator
1996 Nov 20
TDA9820 PHILIPS-TDA9820 Datasheet
155Kb / 20P
   Multistandard/dual channel TV FM intercarrier sound demodulator
1996 Nov 20
logo
TEMIC Semiconductors
TDA4472-A TEMIC-TDA4472-A Datasheet
174Kb / 14P
   Video-IF (VIF) with FPLL Demodulation and Quasi Parallel Sound (QPS) Processing
logo
NXP Semiconductors
TDA3845 PHILIPS-TDA3845 Datasheet
137Kb / 18P
   Quasi split-sound circuit and AM demodulator
January 1993
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com