Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC9402 Fiches technique(PDF) 9 Page - TelCom Semiconductor, Inc

No de pièce TC9402
Description  VOLTAGE-TO-FREQUENCY/FREQUENCY-TO-VOLTAGE CONVERTERS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TELCOM [TelCom Semiconductor, Inc]
Site Internet  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC9402 Fiches technique(HTML) 9 Page - TelCom Semiconductor, Inc

Back Button TC9402 Datasheet HTML 5Page - TelCom Semiconductor, Inc TC9402 Datasheet HTML 6Page - TelCom Semiconductor, Inc TC9402 Datasheet HTML 7Page - TelCom Semiconductor, Inc TC9402 Datasheet HTML 8Page - TelCom Semiconductor, Inc TC9402 Datasheet HTML 9Page - TelCom Semiconductor, Inc TC9402 Datasheet HTML 10Page - TelCom Semiconductor, Inc TC9402 Datasheet HTML 11Page - TelCom Semiconductor, Inc TC9402 Datasheet HTML 12Page - TelCom Semiconductor, Inc TC9402 Datasheet HTML 13Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
3-295
TELCOM SEMICONDUCTOR, INC.
7
6
5
4
3
1
2
8
VOLTAGE-TO-FREQUENCY/
FREQUENCY-TO-VOLTAGE CONVERTERS
TC9400
TC9401
TC9402
V
+
= 8V TO 15V (FIXED)
14
8
10k
10k
fOUT
fOUT/2
10
14
9
100 k
0V–10V
IIN
180
pF
820
pF
3
5
12
11
7
0.01
µF
2
k
8.2
k
6
2
V2
R2
0.9
R1
0.2
R1
RIN
1M
IIN
VREF
TC9400
OFFSET
ADJUST
GAIN
ADJUST
V
+
10V
12V
15V
1 M
1.4 M
2 M
R1
R2
10k
14k
20k
fOUT = IIN ×
1
(V2–V7) (CREF)
(VIN–V2)
(V
+
–V2)
+
IIN=
RIN
(0.9 R1+0.2 R1)
5V
0.01
µF
VIN
Figure 4 . Fixed Voltage — Single Supply Operation
Figure 5.
Voltage to Frequency
R1
910k
R4
100k
1
µF
D2
5.1VZ
R2
910k
R5
91k
Rp
OFFSET
20k
100k
D1
5.1VZ
0.1
µ
100k
CREF
CINT
1.2k*
+12 to +15V
10k
10k
OUTPUT
FREQUENCY
DIGITAL
GROUND
ANALOG GROUND
INPUT
VOLTAGE
(0 to 10V)
R3
GAIN
TC9400
11
12
5
3
2
6
7
1
4
14
9
10
8
THRESHOLD
DETECT
AMP OUT
CREF
IIN
ZERO
ADJUST
GND
VREF
IBIAS
OUTPUT
COMMON
fOUT/2
fOUT
VDD
VSS
COMPONENT SELECTION
F/S FREQ.
1 kHz
10 kHz
100 kHz
CREF
2200pF
180pF
27pF
CINT
4700pF
470pF
75pF


Numéro de pièce similaire - TC9402

FabricantNo de pièceFiches techniqueDescription
logo
Microchip Technology
TC9402 MICROCHIP-TC9402 Datasheet
504Kb / 20P
   Voltage-to-Frequency/Frequency-to-Voltage Converters
2002
TC9402 MICROCHIP-TC9402 Datasheet
691Kb / 24P
   Voltage-to-Frequency/Frequency-to-Voltage Converters
2006
TC9402CPD MICROCHIP-TC9402CPD Datasheet
504Kb / 20P
   Voltage-to-Frequency/Frequency-to-Voltage Converters
2002
TC9402EJD MICROCHIP-TC9402EJD Datasheet
504Kb / 20P
   Voltage-to-Frequency/Frequency-to-Voltage Converters
2002
More results

Description similaire - TC9402

FabricantNo de pièceFiches techniqueDescription
logo
Microchip Technology
TC9400 MICROCHIP-TC9400_06 Datasheet
691Kb / 24P
   Voltage-to-Frequency/Frequency-to-Voltage Converters
2006
TC9400 MICROCHIP-TC9400 Datasheet
504Kb / 20P
   Voltage-to-Frequency/Frequency-to-Voltage Converters
2002
logo
Texas Instruments
LM2917P TI1-LM2917P Datasheet
96Kb / 7P
[Old version datasheet]   FREQUENCY-TO-VOLTAGE CONVERTERS
logo
Fairchild Semiconductor
RC4152 FAIRCHILD-RC4152 Datasheet
75Kb / 12P
   Voltage-to-Frequency Converters
logo
National Semiconductor ...
LM131A NSC-LM131A Datasheet
280Kb / 16P
   Precision Voltage-to-Frequency Converters
LM231A NSC-LM231A Datasheet
368Kb / 15P
   Precision Voltage-to-Frequency Converters
logo
Texas Instruments
LM231 TI1-LM231_15 Datasheet
952Kb / 23P
[Old version datasheet]   Precision Voltage-to-Frequency Converters
logo
Microchip Technology
AN795 MICROCHIP-AN795 Datasheet
280Kb / 15P
   Voltage-to-Frequency/Frequency-to-Voltage Converter
2002
logo
Analog Devices
ADVFC32 AD-ADVFC32 Datasheet
141Kb / 6P
   Voltage-to-Frequency and Frequency-to-Voltage Converter
REV. A
logo
Burr-Brown (TI)
VFC32 BURR-BROWN-VFC32 Datasheet
76Kb / 7P
   Voltage-to-Frequency and Frequency-to-Voltage CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com