Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2PA1576S Fiches technique(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

No de pièce 2PA1576S
Description  PNP General Purpose Transistor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Site Internet  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2PA1576S Fiches technique(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2PA1576S Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
IC
www.kexin.com.cn
1
SMD Type
Transistors
PNP General Purpose Transistor
2PA1576
Features
Low current (max. 100 mA)
Low voltage (max. 40 V).
Low collector capacitance (typ. 2.5 pF).
1 Emitter
2 Base
3 Collector
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Collector-base voltage
VCBO
-50
V
Collector-emitter voltage
VCEO
-40
V
Emitter-base voltage
VEBO
-5
V
Collector current
IC
-100
mA
Peak collector current
ICM
-200
mA
Peak base current
IBM
-200
mA
Total power dissipation
Ptot
200
mW
Storage temperature
Tstg
-65to+150
Junction temperature
Tj
150
Operating ambient temperature
Tamb
-65to+150
thermal resistance from junction to ambient
Rth j-a
625
K/W
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
IE =0; VCB = -30 V
-100
nA
IE =0; VCB =-30 V; Tj = 150
-5
ìA
Emitter cut-off current
IEBO
IC =0; VEB = -4 V
-100
nA
DC current gain
2PA1576Q
2PA1576R
2PA1576S
hFE
IC =-1mA; VCE =-6V
120
180
270
270
390
560
Collector-emitter saturation voltage
VCE(sat) IC =-50 mA; IB = -5 mA; *
-500
mV
Collector capacitance
Cc
IE =ie=0; VCB = -12 V; f = 1 MHz
2.5
3.5
pF
Transition frequency
fT
IC =-2mA; VCE = -12 V; f = 100 MHz
100
MHz
* Pulse test: tp
300 ìs; ä
0.02.
ICBO
Collector cut-off current
hFE Classification
TYPE
2PA1576Q
2PA1576R
2PA1576S
Marking
FQ
FR
FS


Numéro de pièce similaire - 2PA1576S

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
2PA1576S NXP-2PA1576S Datasheet
91Kb / 7P
   PNP general-purpose transistor
Rev. 06-17 November 2009
2PA1576S PHILIPS-2PA1576S Datasheet
42Kb / 8P
   PNP general purpose transistor
1999 May 31
logo
Nexperia B.V. All right...
2PA1576S NEXPERIA-2PA1576S Datasheet
208Kb / 7P
   PNP general-purpose transistor
1 January 2023
2PA1576S NEXPERIA-2PA1576S Datasheet
1Mb / 7P
   PNP general-purpose transistor
Rev. 06 17 November 2009
2PA1576S-Q NEXPERIA-2PA1576S-Q Datasheet
188Kb / 8P
   PNP general-purpose transistor
19 August 2022
More results

Description similaire - 2PA1576S

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
PSS9015B PHILIPS-PSS9015B Datasheet
59Kb / 7P
   PNP general purpose transistor
2004 Aug 10
BC807W PHILIPS-BC807W Datasheet
61Kb / 8P
   PNP general purpose transistor
1999 May 18
2N5087 PHILIPS-2N5087 Datasheet
49Kb / 8P
   PNP general purpose transistor
1997 Jul 02
2PB710A PHILIPS-2PB710A Datasheet
42Kb / 8P
   PNP general purpose transistor
1999 May 31
ED1602 PHILIPS-ED1602 Datasheet
42Kb / 8P
   PNP general purpose transistor
1999 Apr 27
logo
Samsung semiconductor
MMBT4125 SAMSUNG-MMBT4125 Datasheet
30Kb / 1P
   PNP (GENERAL PURPOSE TRANSISTOR)
logo
Bruckewell Technology L...
MMBTA55-A56 BWTECH-MMBTA55-A56 Datasheet
201Kb / 3P
   PNP General Purpose Transistor
logo
Galaxy Semi-Conductor H...
MMBT3906T BILIN-MMBT3906T Datasheet
167Kb / 4P
   PNP General Purpose Transistor
MMBTA55 BILIN-MMBTA55_13 Datasheet
117Kb / 3P
   PNP General Purpose Transistor
MMST5401 BILIN-MMST5401_14 Datasheet
173Kb / 4P
   PNP General Purpose Transistor
2SA1774 BILIN-2SA1774 Datasheet
165Kb / 4P
   PNP General Purpose Transistor
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com