Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC4428EPA Fiches technique(PDF) 3 Page - TelCom Semiconductor, Inc

No de pièce TC4428EPA
Description  1.5A DUAL HIGH-SPEED, POWER MOSFET DRIVERS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TELCOM [TelCom Semiconductor, Inc]
Site Internet  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC4428EPA Fiches technique(HTML) 3 Page - TelCom Semiconductor, Inc

  TC4428EPA Datasheet HTML 1Page - TelCom Semiconductor, Inc TC4428EPA Datasheet HTML 2Page - TelCom Semiconductor, Inc TC4428EPA Datasheet HTML 3Page - TelCom Semiconductor, Inc TC4428EPA Datasheet HTML 4Page - TelCom Semiconductor, Inc TC4428EPA Datasheet HTML 5Page - TelCom Semiconductor, Inc TC4428EPA Datasheet HTML 6Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
4-247
TELCOM SEMICONDUCTOR, INC.
7
6
5
4
3
1
2
8
1.5A DUAL HIGH-SPEED
POWER MOSFET DRIVERS
TC4426
TC4427
TC4428
ELECTRICAL CHARACTERISTICS (CONT.): Specifications measured over operating temperature
range with 4.5V
V
DD
18V, unless otherwise specified.
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
Input
VIH
Logic 1 High Input Voltage
2.4
V
VIL
Logic 0 Low Input Voltage
0.8
V
IIN
Input Current
0V
≤ VIN ≤ VDD
– 10
10
µA
Output
VOH
High Output Voltage
VDD – 0.025
V
VOL
Low Output Voltage
0.025
V
RO
Output Resistance
VDD = 18V, IO = 10 mA
9
12
IPK
Peak Output Current
Duty Cycle
2%, t 300µsec
1.5
A
IREV
Latch-Up Protection
Duty Cycle
≤ 2%
> 0.5
A
Withstand Reverse Current
t
≤ 300µsec
Switching Time (Note 1)
tR
Rise Time
Figure 1
40
nsec
tF
Fall Time
Figure 1
40
nsec
tD1
Delay Time
Figure 1
40
nsec
tD2
Delay Time
Figure 1
60
nsec
Power Supply
IS
Power Supply Current
VIN = 3V (Both Inputs)
8
mA
VIN = 0V (Both Inputs)
0.6
NOTE: 1. Switching times are guaranteed by design.
+5V
INPUT
10%
90%
10%
90%
10%
90%
VDD
OUTPUT
tD1
0V
90%
10%
10%
10%
tF
90%
+5V
INPUT
VDD
OUTPUT
0V
0V
0V
90%
OUTPUT
INPUT
0.1 µF
CL = 1000 pF
4.7 µF
VDD= 18V
Inverting Driver
3
2,4
5,7
6
Noninverting Driver
tF
tD2
tR
tR
tD1
tD2
INPUT: 100 kHz, square wave,
tRISE = tFALL ≤ 10ns
Figure 1. Switching Time Test Circuit
NOTE: The values on this graph represent the loss seen by both drivers in a package
during one complete cycle. For a single driver, divide the stated values by 2. For a
single transition of a single driver, divide the stated value by 4.
200
0
400
600
800
1000
1200
1400
1600
0
10
20
30
40
50
60
70
80
90
100
110
120
AMBIENT TEMPERATURE (
°C)
8 Pin DIP
Thermal Derating Curves
8 Pin CerDIP
8 Pin SOIC
Crossover Energy Loss
4
18
6
8
10
12
14
16
8
7
6
5
4
3
2
10
–9
10
–8
9
VDD


Numéro de pièce similaire - TC4428EPA

FabricantNo de pièceFiches techniqueDescription
logo
Microchip Technology
TC4428EPA MICROCHIP-TC4428EPA Datasheet
66Kb / 9P
   1.5A DUAL HIGH-SPEED POWER MOSFET DRIVERS
2001
TC4428EPA MICROCHIP-TC4428EPA Datasheet
444Kb / 20P
   1.5A Dual High-Speed Power MOSFET Drivers
2006
More results

Description similaire - TC4428EPA

FabricantNo de pièceFiches techniqueDescription
logo
TelCom Semiconductor, I...
TC426 TELCOM-TC426 Datasheet
76Kb / 5P
   1.5A DUAL HIGH-SPEED POWER MOSFET DRIVERS
logo
Microchip Technology
TC4426 MICROCHIP-TC4426 Datasheet
66Kb / 9P
   1.5A DUAL HIGH-SPEED POWER MOSFET DRIVERS
2001
TC4426A MICROCHIP-TC4426A_06 Datasheet
427Kb / 18P
   1.5A Dual High-Speed Power MOSFET Drivers
2006
TC4426M MICROCHIP-TC4426M Datasheet
209Kb / 18P
   1.5A Dual High-Speed Power MOSFET Drivers
2005
TC4426 MICROCHIP-TC4426_V01 Datasheet
976Kb / 28P
   1.5A Dual High-Speed Power MOSFET Drivers
2006-2014
TC426 MICROCHIP-TC426_13 Datasheet
514Kb / 18P
   1.5A Dual High-Speed Power MOSFET Drivers
2002-2012 11/27/12
TC4426M MICROCHIP-TC4426M_13 Datasheet
239Kb / 18P
   1.5A Dual High-Speed Power MOSFET Drivers
11/29/12
TC4426 MICROCHIP-TC4426_13 Datasheet
356Kb / 20P
   1.5A Dual High-Speed Power MOSFET Drivers
2002-2012 11/27/12
TC426 MICROCHIP-TC426_06 Datasheet
587Kb / 16P
   1.5A Dual High-Speed Power MOSFET Drivers
2006
TC4426 MICROCHIP-TC4426_06 Datasheet
444Kb / 20P
   1.5A Dual High-Speed Power MOSFET Drivers
2006
TC4426A MICROCHIP-TC4426A Datasheet
501Kb / 16P
   1.5A Dual High-Speed Power MOSFET Drivers
2002
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com