Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CH215-XX Fiches technique(PDF) 1 Page - Advanced Technical Materials Inc.

No de pièce CH215-XX
Description  OUTLINE, 4-8GHz DIRECTIONAL COUPLER, TYPE-N, OCTAVE BAND
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ATM [Advanced Technical Materials Inc.]
Site Internet  http://www.atmmicrowave.com
Logo ATM - Advanced Technical Materials Inc.

CH215-XX Fiches technique(HTML) 1 Page - Advanced Technical Materials Inc.

  CH215-XX Datasheet HTML 1Page - Advanced Technical Materials Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Numéro de pièce similaire - CH215-XX

FabricantNo de pièceFiches techniqueDescription
logo
Cvilux Corporation
CH2101S CVILUX-CH2101S Datasheet
99Kb / 1P
   2.00MM(.079") SINGLE ROW DUAL BODY BORAD MOUNT PIN HEADER
CH21021M1-00 CVILUX-CH21021M1-00 Datasheet
114Kb / 1P
   2.00mm(.079") SINGLE ROW DUAL BODY SURFACE BOARD MOUNT PIN HEADER
CH21021M1-0P CVILUX-CH21021M1-0P Datasheet
114Kb / 1P
   2.00mm(.079") SINGLE ROW DUAL BODY SURFACE BOARD MOUNT PIN HEADER
CH21022M1-00 CVILUX-CH21022M1-00 Datasheet
114Kb / 1P
   2.00mm(.079") SINGLE ROW DUAL BODY SURFACE BOARD MOUNT PIN HEADER
CH21022M1-0P CVILUX-CH21022M1-0P Datasheet
114Kb / 1P
   2.00mm(.079") SINGLE ROW DUAL BODY SURFACE BOARD MOUNT PIN HEADER
More results

Description similaire - CH215-XX

FabricantNo de pièceFiches techniqueDescription
logo
Advanced Technical Mate...
CH115-XX ATM-CH115-XX Datasheet
75Kb / 1P
   OUTLINE, 4-8GHz DIRECTIONAL COUPLER, TYPE-N, OCTAVE BAND
CH21X-XX ATM-CH21X-XX Datasheet
77Kb / 1P
   OUTLINE, DIRECTIONAL COUPLER, TYPE-N, OCTAVE BAND
C21X-XX ATM-C21X-XX Datasheet
81Kb / 1P
   OUTLINE, DIRECTIONAL COUPLER, TYPE-N, OCTAVE BAND
C11X-XX ATM-C11X-XX Datasheet
80Kb / 1P
   OUTLINE, DIRECTIONAL COUPLER, SMA, OCTAVE BAND
logo
API Technologies Corp
C754-6 APITECH-C754-6 Datasheet
165Kb / 3P
   DIRECTIONAL COUPLER OCTAVE BAND
C753-30 APITECH-C753-30 Datasheet
165Kb / 3P
   DIRECTIONAL COUPLER SPECIFICATION OCTAVE BAND
logo
Advanced Technical Mate...
CH225H-35 ATM-CH225H-35 Datasheet
78Kb / 1P
   OUTLINE, DIRECTIONAL COUPLER, TYPE-N
logo
Dielectric Laboratories...
FPC06073 DILABS-FPC06073 Datasheet
351Kb / 2P
   4 to 8GHz 10dB Directional Coupler
FPC06076 DILABS-FPC06076 Datasheet
340Kb / 2P
   4 to 8GHz 20dB Directional Coupler
logo
Knowles Electronics
FPC06073 KNOWLES-FPC06073 Datasheet
351Kb / 2P
   4 to 8GHz 10dB Directional Coupler
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com