Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LT1993-10 Fiches technique(PDF) 6 Page - Linear Technology

No de pièce LT1993-10
Description  700MHz Low Distortion, Low Noise Differential Amplifi er/ADC Driver (AV = 10V/V)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LINER [Linear Technology]
Site Internet  http://www.linear.com
Logo LINER - Linear Technology

LT1993-10 Fiches technique(HTML) 6 Page - Linear Technology

Back Button LT1993-10 Datasheet HTML 2Page - Linear Technology LT1993-10 Datasheet HTML 3Page - Linear Technology LT1993-10 Datasheet HTML 4Page - Linear Technology LT1993-10 Datasheet HTML 5Page - Linear Technology LT1993-10 Datasheet HTML 6Page - Linear Technology LT1993-10 Datasheet HTML 7Page - Linear Technology LT1993-10 Datasheet HTML 8Page - Linear Technology LT1993-10 Datasheet HTML 9Page - Linear Technology LT1993-10 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LT1993-10
6
199310fb
Frequency Response
RLOAD = 400Ω
Frequency Response vs CLOAD
RLOAD = 400Ω
Frequency Response
RLOAD = 100Ω
Third Order Intermodulation
Distortion vs Frequency
Differential Input, No RLOAD
Third Order Intermodulation
Distortion vs Frequency
Differential Input, RLOAD = 400Ω
Third Order Intermodulation
Distortion vs Frequency
Differential Input, RLOAD = 100Ω
Output Third Order Intercept
vs Frequency, Differential Input
No RLOAD
Output Third Order Intercept
vs Frequency, Differential Input
RLOAD = 400Ω
Output Third Order Intercept
vs Frequency, Differential Input
RLOAD = 100Ω
TYPICAL PERFOR A CE CHARACTERISTICS
FREQUENCY (MHz)
8
14
17
23
26
1
100
1000
10000
199310 G01
2
10
20
11
5
UNFILTERED OUTPUTS
FILTERED OUTPUTS
VIN = 20mVP-P
UNFILTERED: RLOAD = 400Ω
FILTERED: RLOAD = 350Ω
(EXTERNAL) + 50
Ω (INTERNAL,
FILTERED OUTPUTS)
FREQUENCY (MHz)
17
23
26
32
35
1
100
1000
10000
199310 G02
11
10
29
20
14
VIN = 20mVP-P
UNFILTERED OUTPUTS
10pF
0pF
5pF
1.8pF
FREQUENCY (MHz)
8
14
17
23
26
1
100
1000
10000
199310 G03
2
10
20
11
5
UNFILTERED OUTPUTS
FILTERED OUTPUTS
VIN = 20mVP-P
UNFILTERED: RLOAD = 100Ω
FILTERED: RLOAD = 50Ω
(EXTERNAL) + 50
(INTERNAL, FILTERED
OUTPUTS)
FREQUENCY (MHz)
0
–110
–100
–80
–70
–60
–10
–40
40
80
100
199310 G04
–90
–30
–20
–50
20
60
120
140
2 TONES, 2VP-P COMPOSITE
1MHz TONE SPACING
UNFILTERED OUTPUTS
FILTERED OUTPUTS
FREQUENCY (MHz)
0
–110
–100
–80
–70
–60
–10
–40
40
80
100
199310 G05
–90
–30
–20
–50
20
60
120
140
2 TONES, 2VP-P COMPOSITE
1MHz TONE SPACING
UNFILTERED OUTPUTS
FILTERED OUTPUTS
FREQUENCY (MHz)
0
–110
–100
–80
–70
–60
–10
–40
40
80
100
199310 G06
–90
–30
–20
–50
20
60
120
140
2 TONES, 2VP-P COMPOSITE
1MHz TONE SPACING
UNFILTERED OUTPUTS
FILTERED OUTPUTS
FREQUENCY (MHz)
0
20
25
30
35
60
45
40
80
100
199310 G07
50
55
40
20
60
120
140
2 TONES, 2VP-P COMPOSITE
1MHz TONE SPACING
UNFILTERED OUTPUTS
FILTERED OUTPUTS
FREQUENCY (MHz)
0
20
25
30
35
60
45
40
80
100
199310 G08
50
55
40
20
60
120
140
2 TONES, 2VP-P COMPOSITE
1MHz TONE SPACING
UNFILTERED OUTPUTS
FILTERED OUTPUTS
FREQUENCY (MHz)
0
20
25
30
35
60
45
40
80
100
199310 G09
50
55
40
20
60
120
140
2 TONES, 2VP-P COMPOSITE
1MHz TONE SPACING
UNFILTERED
OUTPUTS
FILTERED
OUTPUTS


Numéro de pièce similaire - LT1993-10

FabricantNo de pièceFiches techniqueDescription
logo
Linear Technology
LT1993-10 LINER-LT1993-10 Datasheet
223Kb / 16P
   1.3GHz Low Noise, Low Distortion Differential ADC Driver for 140MHz IF
LT1993-10 LINER-LT1993-10 Datasheet
635Kb / 16P
   50廓 Gain Block IF Amplifier n 20MHz to 1700MHz Bandwidth
LT1993-10 LINER-LT1993-10 Datasheet
213Kb / 16P
   2.4GHz Low Noise, Low Distortion Differential ADC Driver for 300MHz IF
LT1993-10 LINER-LT1993-10 Datasheet
377Kb / 26P
   2.7GHz, 5V, Low Noise,Rail-to-Rail Input Differential Amplifier/Driver
LT1993-10 LINER-LT1993-10 Datasheet
745Kb / 16P
   700MHz Low Distortion, Low Noise Differential Amplifier/ ADC Driver
More results

Description similaire - LT1993-10

FabricantNo de pièceFiches techniqueDescription
logo
Linear Technology
LT1993-2 LINER-LT1993-2 Datasheet
671Kb / 20P
   800MHz Low Distortion, Low Noise Differential Amplifi er/ADC Driver (AV = 2V/V)
LT1993-4 LINER-LT1993-4 Datasheet
720Kb / 16P
   900MHz Low Distortion, Low Noise Differential Amplifi er/ADC Driver (AV = 4V/V)
LT6402-12 LINER-LT6402-12 Datasheet
230Kb / 16P
   300MHz Low Distortion, Low Noise Differential Amplifi er/ ADC Driver (AV = 12dB)
LT6402-6 LINER-LT6402-6 Datasheet
236Kb / 16P
   300MHz Low Distortion, Low Noise Differential Amplifi er/ ADC Driver (AV = 6dB)
LT1993-10 LINER-LT1993-10_15 Datasheet
745Kb / 16P
   700MHz Low Distortion, Low Noise Differential Amplifier/ ADC Driver
LT1994 LINER-LT1994_15 Datasheet
231Kb / 20P
   Low Noise, Low Distortion Fully Differential Input/ Output Amplifi er/Driver
LT1994 LINER-LT1994 Datasheet
296Kb / 20P
   Low Noise, Low Distortion Fully Differential Input/Output Amplifi er/Driver
LT6402-20 LINER-LT6402-20 Datasheet
326Kb / 16P
   300MHz Low Distortion, Low Noise Differential Amplifier/ ADC Driver (AV = 20dB)
LTC6605-10 LINER-LTC6605-10 Datasheet
263Kb / 20P
   Dual Matched 10MHz Filter with Low Noise, Low Distortion Differential Amplifi er
LTC6605-14 LINER-LTC6605-14 Datasheet
258Kb / 20P
   Dual Matched 14MHz Filter with Low Noise, Low Distortion Differential Amplifi er
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com