Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BF840 Fiches technique(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

No de pièce BF840
Description  NPN Medium Frequency Transistor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Site Internet  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

BF840 Fiches technique(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  BF840 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
IC
www.kexin.com.cn
1
SMD Type
Transistors
0.4+0.1
-0.1
2.9+0.1
-0.1
0.95+0.1
-0.1
1.9+0.1
-0.1
1.Base
2.Emitter
3.collector
12
3
Unit: mm
SOT-23
0.1+0.05
-0.01
NPN Medium Frequency Transistor
BF840
Features
Low current (max. 25 mA).
Low voltage (max. 40 V).
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Collector-base voltage
VCBO
40
V
Collector-emitter voltage
VCEO
40
V
Emitter-base voltage
VEBO
4V
Collector current
IC
25
mA
Peak collector current
ICM
25
mA
Total power dissipation *
Ptot
250
mW
Storage temperature
Tstg
-65to+150
Junction temperature
Tj
150
Operating ambient temperature
Ramb
-65to+150
Thermal resistance from junction to ambient *
Rth j-a
500
K/W
* Transistor mounted on an FR4 printed-circuit board.
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Collector cutoff current
ICBO
IE =0; VcB = 20 V
100
nA
Emitter cutoff current
IEBO
Ic = 0; VEB = 4 V
100
nA
DC current gain
hFE
Ic = 1 mA; VcE = 10 V
67
222
Base to emitter voltage
VBE
Ic = 1 mA; VcE = 10 V
675
725
775
mV
Feedback capacitance
Cre
Ic = 0; VcB =10V; f = 1MHz
0.3
pF
Transition frequency
fT
Ic = 1 mA; VcE = 10 V; f = 100 MHz
380
MHz
Marking
Marking
NC


Numéro de pièce similaire - BF840

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BF840 PHILIPS-BF840 Datasheet
41Kb / 8P
   NPN medium frequency transistor
1999 Apr 12
logo
Siemens Semiconductor G...
BF840 SIEMENS-BF840 Datasheet
20Kb / 2P
   NPN Silicon RF Transistors (Suitable for common emitter RF, IF amplifiers Low collector-base capacitance due to contact shield diffusion)
logo
Rectron Semiconductor
BF840 RECTRON-BF840 Datasheet
27Kb / 2P
   SOT-23 - Power Transistor and Darlingtons
logo
NXP Semiconductors
BF840 NXP-BF840 Datasheet
101Kb / 6P
   NPN medium frequency transistor
2004 Jan 13
logo
Continental Device Indi...
BF840 CDIL-BF840 Datasheet
85Kb / 3P
   SILICON PLANAR TRANSISTORS
More results

Description similaire - BF840

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BF570 NXP-BF570 Datasheet
111Kb / 6P
   NPN medium frequency transistor
2004 Mar 15
BFS20 NXP-BFS20 Datasheet
105Kb / 6P
   NPN medium frequency transistor
2004 Feb 05
logo
Nexperia B.V. All right...
BF570 NEXPERIA-BF570 Datasheet
299Kb / 7P
   NPN medium frequency transistor
2004 Mar 15
logo
NXP Semiconductors
BF840 PHILIPS-BF840 Datasheet
41Kb / 8P
   NPN medium frequency transistor
1999 Apr 12
BF199 PHILIPS-BF199 Datasheet
54Kb / 8P
   NPN medium frequency transistor
1997 Jul 07
BFS20W NXP-BFS20W Datasheet
119Kb / 7P
   NPN medium frequency transistor
1999 Apr 21
logo
Nexperia B.V. All right...
BFS19 NEXPERIA-BFS19 Datasheet
284Kb / 8P
   NPN medium frequency transistor
2004 Jan 05
BFS20W NEXPERIA-BFS20W Datasheet
296Kb / 8P
   NPN medium frequency transistor
1999 Apr 21
logo
NXP Semiconductors
BF240 PHILIPS-BF240 Datasheet
41Kb / 8P
   NPN medium frequency transistor
1999 Apr 21
BF570 PHILIPS-BF570 Datasheet
62Kb / 8P
   NPN medium frequency transistor
1997 Mar 04
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com