Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KDV303N Fiches technique(PDF) 3 Page - Guangdong Kexin Industrial Co.,Ltd

No de pièce KDV303N
Description  Digital FET, N-Channel
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Site Internet  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

KDV303N Fiches technique(HTML) 3 Page - Guangdong Kexin Industrial Co.,Ltd

  KDV303N Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd KDV303N Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd KDV303N Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd KDV303N Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.kexin.com.cn
3
0
0.5
1
1.5
2
0
0.3
0.6
0.9
1.2
1.5
V
, DRAIN-SOURCE VOLTAGE (V)
3.5
2.7
2.5
2.0
1.5
DS
V
= 4.5V
GS
3.0
0
0.2
0.4
0.6
0.8
1
1.2
0.5
1
1.5
2
I
, DRAIN CURRENT (A)
V
= 2.0V
GS
2.7
3.0
4.5
D
3.5
2.5
Figure 1. On-Region Characteristics.
Figure 2. On-Resistance Variation with
Drain Current and Gate Voltage.
-50
-25
0
25
50
75
100
125
150
0.6
0.8
1
1.2
1.4
1.6
T , JUNCTION TEMPERATURE (°C)
J
V
= 4.5 V
GS
I =0.5 A
D
Figure 3. On-Resistance Variation
with Temperature.
0
0.5
1
1.5
2
2.5
0
0.2
0.4
0.6
0.8
1
V
, GATE TO SOURCE VOLTAGE (V)
25°C
125°C
V
= 5.0V
DS
GS
T = -55°C
J
Figure 5. Transfer Characteristics.
0
0.2
0.4
0.6
0.8
1
1.2
0.0001
0.001
0.01
0.1
1
V
, BODY DIODE FORWARD VOLTAGE (V)
T = 125°C
J
25°C
-55°C
V
= 0V
GS
SD
Figure 6. Body Diode Forward Voltage
Variation with Source Current and Temperature.
Figure 4. On Resistance Variation with
Gate-To- Source Voltage.
1
1.5
2
2.5
3
3.5
4
4.5
5
0
0.4
0.8
1.2
1.6
2
V
, GATE TO SOURCE VOLTAGE (V)
ID= 0.5A
GS
125°C
25°C
KDV303N
SMD Type
IC
SMD Type
MOSFET
Typical Characteristics


Numéro de pièce similaire - KDV303N

FabricantNo de pièceFiches techniqueDescription
logo
KEC(Korea Electronics)
KDV300 KEC-KDV300 Datasheet
349Kb / 1P
   USC PACKAGE
KDV300E KEC-KDV300E Datasheet
10Kb / 1P
   ESC PACKAGE
KDV300E KEC-KDV300E_15 Datasheet
366Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE
KDV300V KEC-KDV300V Datasheet
14Kb / 1P
   VSC PACKAGE
KDV301E KEC-KDV301E Datasheet
10Kb / 1P
   ESC PACKAGE
More results

Description similaire - KDV303N

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FDV303N FAIRCHILD-FDV303N Datasheet
65Kb / 4P
   Digital FET, N-Channel
FDG313N FAIRCHILD-FDG313N Datasheet
713Kb / 8P
   Digital FET, N-Channel
FDV301N FAIRCHILD-FDV301N Datasheet
97Kb / 5P
   Digital FET , N-Channel
FDG6301N FAIRCHILD-FDG6301N Datasheet
226Kb / 8P
   Dual N-Channel, Digital FET
FDG6313N FAIRCHILD-FDG6313N Datasheet
58Kb / 5P
   Dual N-Channel, Digital FET
FDC6301N FAIRCHILD-FDC6301N_01 Datasheet
374Kb / 5P
   Dual N-Channel , Digital FET
FDG6301N_F085 FAIRCHILD-FDG6301N_F085 Datasheet
351Kb / 5P
   Dual N-Channel, Digital FET
logo
ON Semiconductor
FDG6301N-F085 ONSEMI-FDG6301N-F085 Datasheet
640Kb / 6P
   Dual N-Channel, Digital FET
September, 2019 - Rev. 3
logo
Shenzhen Huazhimei Semi...
HM2302BWSR HMSEMI-HM2302BWSR Datasheet
199Kb / 5P
   Dual N-Channel Digital FET
logo
Fairchild Semiconductor
FDG6303N FAIRCHILD-FDG6303N_01 Datasheet
413Kb / 5P
   Dual N-Channel, Digital FET
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com