Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CZT2000 Fiches technique(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

No de pièce CZT2000
Description  PNP Silicon Extremely High Voltage Darlington Transistor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Site Internet  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

CZT2000 Fiches technique(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  CZT2000 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
Transistors
1
www.kexin.com.cn
PNP Silicon Extremely High Voltage
Darlington Transistor
CZT2000
Features
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Collector-Base Voltage
VCBO
200
V
Collector-Emitter Voltage
VCEO
200
V
Emitter-Base Voltage
VEBO
10
V
Collector Current
IC
600
mA
Power Dissipation
PD
2W
Operating and Storage Junction Temperature
TJ,Tstg
-65to150
Thermal Resistance
ÈJA
62.5
/W
Electrical Characteristics Ta = 25
Symbol
Testconditons
Min
Max
Unit
ICBO
VCB=180V
500
nA
IEBO
VBE=10V
100
nA
BVCES
IC=1.0mA
200
V
VCE(SAT)
IC=20mA, IB=25ìA
0.9
V
VCE(SAT)
IC=80mA, IB=40ìA
1.1
V
VCE(SAT)
IC=160mA, IB=100ìA
1.2
V
VBE(ON)
VCE=5.0V, IC=160mA
2.0
V
VCE=5.0V, IC=100ìA
3,000
VCE=5.0V, IC=10mA
3,000
VCE=5.0V, IC=160mA
3,000
hFE
SOT-223
Unit: mm
3.00+0.1
-0.1
0.70+0.1
-0.1
2.9
4.6
6.50+0.2
-0.2
3.50+0.2
-0.2
0.90+0.2
-0.2
7.00+0.3
-0.3
12
4
3
1 Base
2 Collector
3 Emitter
4 Collector


Numéro de pièce similaire - CZT2000

FabricantNo de pièceFiches techniqueDescription
logo
Central Semiconductor C...
CZT2000 CENTRAL-CZT2000 Datasheet
92Kb / 2P
   NPN SILICON EXTREMELY HIGH VOLTAGE DARLINGTON TRANSISTOR
CZT2000 CENTRAL-CZT2000 Datasheet
528Kb / 2P
   NPN SILICON DARLINGTON TRANSISTOR
CZT2000 CENTRAL-CZT2000_10 Datasheet
533Kb / 2P
   SURFACE MOUNT EXTREMELY HIGH VOLTAGE NPN SILICON DARLINGTON TRANSISTOR
More results

Description similaire - CZT2000

FabricantNo de pièceFiches techniqueDescription
logo
Central Semiconductor C...
CZT2000 CENTRAL-CZT2000 Datasheet
92Kb / 2P
   NPN SILICON EXTREMELY HIGH VOLTAGE DARLINGTON TRANSISTOR
CZTA96 CENTRAL-CZTA96_15 Datasheet
533Kb / 2P
   EXTREMELY HIGH VOLTAGE PNP SILICON TRANSISTOR
CZT2000 CENTRAL-CZT2000_10 Datasheet
533Kb / 2P
   SURFACE MOUNT EXTREMELY HIGH VOLTAGE NPN SILICON DARLINGTON TRANSISTOR
CMLTA94 CENTRAL-CMLTA94_15 Datasheet
441Kb / 3P
   EXTREMELY HIGH VOLTAGE PNP TRANSISTOR
CZTA96 CENTRAL-CZTA96_10 Datasheet
533Kb / 2P
   SURFACE MOUNT EXTREMELY HIGH VOLTAGE PNP SILICON TRANSISTOR
CMPTA96 CENTRAL-CMPTA96_10 Datasheet
328Kb / 2P
   SURFACE MOUNT EXTREMELY HIGH VOLTAGE PNP SILICON TRANSISTOR
CMLTA94 CENTRAL-CMLTA94_10 Datasheet
511Kb / 2P
   SURFACE MOUNT EXTREMELY HIGH VOLTAGE PNP SILICON TRANSISTOR
CMPTA96 CENTRAL-CMPTA96 Datasheet
100Kb / 2P
   SURFACE MOUNT PNP SILICON EXTREMELY HIGH VOLTAGE TRANSISTOR
CZTA96 CENTRAL-CZTA96 Datasheet
107Kb / 2P
   SURFACE MOUNT PNP SILICON EXTREMELY HIGH VOLTAGE TRANSISTOR
CMPTA96 CENTRAL-CMPTA96_15 Datasheet
328Kb / 2P
   SURFACE MOUNT EXTREMELY HIGH VOLTAGE PNP SILICON TRANSISTOR
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com