Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LK10UL Fiches technique(PDF) 3 Page - Altech corporation

No de pièce LK10UL
Description  Extended/Direct Handle Motor Disconnect Switch
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ALTECH [Altech corporation]
Site Internet  http://www.altechcorp.com
Logo ALTECH - Altech corporation

LK10UL Fiches technique(HTML) 3 Page - Altech corporation

  LK10UL Datasheet HTML 1Page - Altech corporation LK10UL Datasheet HTML 2Page - Altech corporation LK10UL Datasheet HTML 3Page - Altech corporation LK10UL Datasheet HTML 4Page - Altech corporation LK10UL Datasheet HTML 5Page - Altech corporation LK10UL Datasheet HTML 6Page - Altech corporation LK10UL Datasheet HTML 7Page - Altech corporation LK10UL Datasheet HTML 8Page - Altech corporation LK10UL Datasheet HTML 9Page - Altech corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
82 mm
67 mm
53 mm
69 mm
20 mm
Ø4.5 mm
15
mm
79 mm
82 mm
67 mm
53 mm
89 mm
20 mm
Ø4.5 mm
15
mm
99 mm
Altech Corp.® • 35 Royal Road • Flemington, NJ 08822-6000 • Phone (908)806-9400 • FAX (908)806-9490 • www.altechcorp.com
VKA380N
3 (4 pole - VKA480N)
80A
600V AC
47A
1 Phase
3 Phase
37.5
7.5
10
7.5
15
7.5
15
10
20
1020
15
25
20
30
25
40
10kA
150A
150A
200A
4-1/0AWG
50 lb. in.
0.480Kg (1.058lb.) (3 pole)
0.620Kg (1.367lb.) (4 pole)
L1(2.3)00AD11-ST
LK10(Y/R)UL,LK11(Y/R)U
VKA1.V, VKA2.V
K/VKA3-4P (Y/R)
OKA/V LK11 (Y/R)
Catalog Number
No. of Poles
General Purpose Current
Maximum Voltage
Motor FLA @ 480V AC
Motor FLA @ 600V AC
Horsepower Rating /HP
110-120V AC
200V AC
208V AC
220-240V AC
265V AC
277V AC
380-415V AC
440-480V AC
550-600V AC
Short Circuit Withstand Rating
at 600 V with Max. Fuse
Size/Class:
K5
RK5
RK1
J
Terminal Size Acceptability
(Cu Conductors only, 75°C)
Terminal Torque
Dimensions
(to convert to inches
multiply by 0.03937)
Weight
Suitable Accessories
Extended Handle Version/
Door Interlock Mechanism
Shaft
Handles
Auxiliary Switch
Fuse Holder
Direct Handle Version
Handle for 3 & 4 Pole
Door Mounting Kit
VKA3100N
3 (4 pole - VKA4100N)
100A
600V AC
54A
1 Phase
3 Phase
37.5
7.5
15
7.5
15
10
20
10
20
1020
15
30
20
40
30
50
10kA
150A
150A
200A
4-1/0AWG
50 lb. in.
0.480Kg (1.058lb.) (3 pole)
0.620Kg (1.367lb.) (4 pole)
L1(2.3)00AD11-ST
LK10(Y/R)UL,LK11(Y/R)U
VKA1.V, VKA2.V
K/VKA3-4P (Y/R)
OKA/V LK11 (Y/R)
VKA3125N
3 (4 pole - VKA4125N)
125A
600V AC
68A
1 Phase
3 Phase
510
10
20
10
20
15
25
15
25
1530
20
40
25
50
30
60
10kA
150A
150A
200A
4-1/0AWG
50 lb. in.
0.480Kg (1.058lb.) (3 pole)
0.620Kg (1.367lb.) (4 pole)
L1(2.3)00AD11-ST
LK10(Y/R)UL,LK11(Y/R)U
VKA1.V, VKA2.V
K/VKA3-4P (Y/R)
OKA/V LK11 (Y/R)
VKA3160N
3 (4 pole - VKA4160N)
150A
600V AC
83A
1 Phase
3 Phase
7.5
10
10
25
10
25
15
30
20
30
20
30
25
50
30
60
40
75
10kA
150A
150A
200A
4-1/0AWG
50 lb. in.
0.480Kg (1.058lb.) (3 pole)
0.620Kg (1.367lb.) (4 pole)
L1(2.3)00AD11-ST
LK10(Y/R)UL,LK11(Y/R)U
VKA1.V, VKA2.V
K/VKA3-4P (Y/R)
OKA/V LK11 (Y/R)
3 Pole
4 Pole
Extended/Direct Handle Motor Disconnect Switch
5


Numéro de pièce similaire - LK10UL

FabricantNo de pièceFiches techniqueDescription
logo
Power-One
LK1001-7R POWER-ONE-LK1001-7R Datasheet
95Kb / 4P
   150 Watt AC-DC Converters
logo
Taiyo Yuden (U.S.A.), I...
LK10051R0-T TAIYO-YUDEN-LK10051R0-T Datasheet
646Kb / 31P
   Notice for TAIYO YUDEN products
LK10051R0K-T TAIYO-YUDEN-LK10051R0K-T Datasheet
646Kb / 31P
   Notice for TAIYO YUDEN products
LK10051R0K-T TAIYO-YUDEN-LK10051R0K-T Datasheet
266Kb / 2P
   Multilayer Chip Inductors (LK series)
LK10051R0K-T8 TAIYO-YUDEN-LK10051R0K-T8 Datasheet
276Kb / 2P
   Multilayer Chip Inductors for Telecommunications Infrastructure and Industrial Equipment / Medical Devices (LK series)
More results

Description similaire - LK10UL

FabricantNo de pièceFiches techniqueDescription
logo
Altech corporation
KU440N ALTECH-KU440N Datasheet
1Mb / 12P
   Extended/Direct Handle Motor Disconnect Switch
logo
Schneider Electric
GV2AP01 SCHNEIDER-GV2AP01 Datasheet
98Kb / 2P
   Extended rotary handle kit
logo
Honeywell Solid State E...
77053 HONEYWELL-77053 Datasheet
127Kb / 2P
   Extended Duty Pressure Switch With Direct Action Blade Contacts
79707 HONEYWELL-79707 Datasheet
127Kb / 2P
   Extended Duty Pressure Switch With Direct Action Blade Contacts
77052 HONEYWELL-77052 Datasheet
127Kb / 2P
   Extended Duty Pressure Switch With Direct Action Blade Contacts
logo
Schneider Electric
VLSH2S5R SCHNEIDER-VLSH2S5R Datasheet
179Kb / 2P
   Disconnect switch, TeSys VLS, protruding rotary handle, screw mounting, 65x65mm, red handle, 5mm shaft
VLSH2H5B SCHNEIDER-VLSH2H5B_V01 Datasheet
148Kb / 2P
   Disconnect switch, TeSys VLS, protruding rotary handle, hole mounting, 65x65mm, black handle, 5mm shaft
Jun 27, 2022
9421LH79 SCHNEIDER-9421LH79 Datasheet
114Kb / 2P
   Circuit Breaker Mechanism, rotary handle, direct operating handle
S29337 SCHNEIDER-S29337 Datasheet
140Kb / 2P
   CB DIRECT MOUNTED ROTARY HANDLE
VLSH1S5R SCHNEIDER-VLSH1S5R Datasheet
191Kb / 2P
   Disconnect switch, TeSys VLS, recessed rotary handle, screw mounting, 65x65mm, red handle, 5mm shaft
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com