Moteur de recherche de fiches techniques de composants électroniques |
|
CXE380D5-B Fiches technique(PDF) 2 Page - Crydom Inc., |
|
CXE380D5-B Fiches technique(HTML) 2 Page - Crydom Inc., |
2 / 4 page INPUT SPECIFICATIONS (1) Description CX240Dx CX380Dx CXExxxDx CX240A5 CXE240A5 Nominal Voltage 5 VDC 5 VDC 24 VDC 120 VAC 24 VAC Control Voltage Range 3-15 VDC 4-15 VDC 15-32 VDC 90-140 VAC 18-36 VAC Minimum Turn-On Voltage 3.0 VDC 4.0 VDC 15.0 VDC 90.0 Vrms 18.0 Vrms Drop Out Voltage 1.0 VDC 1.0 VDC 1.0 VDC 10.0 Vrms 2.0 Vrms Typical Input Current 15 mAdc 15 mAdc 15 mAdc 10 mArms 10 mArms Nominal Input Impedance 300 Ohm 240 Ohm 1500 Ohm 14.1 Ohm 2.1 Ohm Maximum Turn-On Time [msec] (3) 1/2 Cycle 1/2 Cycle 1/2 Cycle 10 10 Maximum Turn-Off Time [msec] 1/2 Cycle 1/2 Cycle 1/2 Cycle 40 40 GENERAL SPECIFICATIONS Description Parameters Dielectric Strength, Input/Output/Base (50/60Hz) 4000 Vrms Minimum Insulation Resistance (@ 500 VDC) 10 9 Ohm Maximum Capacitance, Input/Output 10 pF Ambient Operating Temperature Range -30 to 80 °C Ambient Storage Temperature Range -30 to 125 °C Weight (typical) 0.4 oz. (11g) Encapsulation Therminally Conductive Epoxy GENERAL NOTES 1) All parameters at 25°C unless otherwise specified. 2) Off-State dv/dt test method per EIA/NARM standard RS-443, paragraph 13.11.1 3) Turn-On time for random turn-on versions is 0.1 msec (DC Control Models). MECHANICAL SPECIFICATIONS DC C ONTR OL. PIN 1: AC LOAD PIN 2: AC LOAD PIN 3: +DC CONTROL PIN 4: -D C CONTROL AC CONTROL. PIN 1: AC LOAD PIN 2: AC LOAD PIN 3: AC C ONTR OL PIN 4: AC C ONTR OL AGENCY APPROVALS UL E116949 CSA LR81689 VD E 70938 UG(240 V, 380V, DC Control Only) VG (240 V, 380 V, DC Control Only) Rev. 06132008 For Contact information visit our web site. www.crydom.com ©2008 Crydom, Inc. Specifications subject to change without notice. |
Numéro de pièce similaire - CXE380D5-B |
|
Description similaire - CXE380D5-B |