Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STC3500 Fiches technique(PDF) 5 Page - Connor-Winfield Corporation

No de pièce STC3500
Description  INTEGRATED - STRATUM 3 TIMING SOURCE
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CONNOR-WINFIELD [Connor-Winfield Corporation]
Site Internet  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

STC3500 Fiches technique(HTML) 5 Page - Connor-Winfield Corporation

  STC3500 Datasheet HTML 1Page - Connor-Winfield Corporation STC3500 Datasheet HTML 2Page - Connor-Winfield Corporation STC3500 Datasheet HTML 3Page - Connor-Winfield Corporation STC3500 Datasheet HTML 4Page - Connor-Winfield Corporation STC3500 Datasheet HTML 5Page - Connor-Winfield Corporation STC3500 Datasheet HTML 6Page - Connor-Winfield Corporation STC3500 Datasheet HTML 7Page - Connor-Winfield Corporation STC3500 Datasheet HTML 8Page - Connor-Winfield Corporation STC3500 Datasheet HTML 9Page - Connor-Winfield Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 48 page
background image
Preliminary Data Sheet: TM060
Page 5 of 48
Rev: P06
Date: 11/22/04
© Copyright 2001 The Connor-Winfield Corp.
All Rights Reserved Specifications subject to change without notice
Pin Description
Table 1 continued
Pin Name
Pin #
I/O
Description
Sel0
A9
I
In Hardware Mode (HM_Ref = 1), Sel0 ~ Sel3 will determine the Free Run,
Locked, Hold Over, and the Active Reference in Locked Mode.
See Table 5 in Hardware Control Modes section
Sel1
A10
I
See Table 5 in Hardware Control Modes section
Sel2
A11
I
See Table 5 in Hardware Control Modes section
Sel3
A12
I
See Table 5 in Hardware Control Modes section
BITS_Sel
C11
I
1.544 MHz or 2.048 MHz BITS clock selection, 1 = 1.544 MHz, 0 = 2.048 MHz
LOS
H2
O
Loss of signal indicator for the selected reference, 1 = Loss of Signal
LOL
J2
O
Loss of phase lock, 1 = Loss of Lock
Hold_Rdy
K2
O
Hold Over history built and usable = 1
Xref
K1
I
Cross Reference Input
Ref1
M1
I
Reference Input 1
Ref2
M2
I
Reference Input 2
Ref3
M3
I
Reference Input 3
Ref4
M4
I
Reference Input 4
Ref5
M5
I
Reference Input 5
Ref6
M6
I
Reference Input 6
Ref7
M7
I
Reference Input 7
Ref8
M8
I
Reference Input 8
Sync_Clk
G12
O
Synchronous Clock: Output frequency is dependent on VCXO frequency
Sync_8K
J12
O
Synchronous Clock: 8 kHz
BITS_Clk
L11
O
BITS clock output
Sync_2K
K12
O
Multi-frame sync: 2 kHz
M_Clk
F1
I
OCXO or TCXO local crystal oscillator input
VC_TTL
F12
I
VCXO TTL input
VC_PPECL
F11
I
VCXO PPECL input
VC_NPECL
E11
I
VCXO NPECL input
VC_Sel
D11
I
Selects the VCXO output signal electrical format, 0: PECL, 1: TTL
DACclk
B12
O
DAC Serial Bus Interface: CLK
DACdin
C12
O
DAC Serial Bus Interface: Din
DACld
D12
O
DAC Serial Bus Interface: CS/LD
E2scl
D1
O
EEPROM interface: SCL
E2sda
D2
I/O
EEPROM interface: SDA
E2wp
E2
O
EEPROM interface: WP
MNC
G1, G4,
Mandatory no-connect - must be left floating
L10,
M11, M12


Numéro de pièce similaire - STC3500

FabricantNo de pièceFiches techniqueDescription
logo
AUK corp
STC352 AUK-STC352 Datasheet
58Kb / 3P
   NPN Silicon Transistor
logo
Suntac Electronic Corp.
STC358 SUNTAC-STC358 Datasheet
130Kb / 3P
   Low Power Dual OP AMP
More results

Description similaire - STC3500

FabricantNo de pièceFiches techniqueDescription
logo
Connor-Winfield Corpora...
STC3800 CONNOR-WINFIELD-STC3800 Datasheet
523Kb / 48P
   INTEGRATED - STRATUM 3E TIMING SOURCE
STC3800 CONNOR-WINFIELD-STC3800_15 Datasheet
530Kb / 48P
   INTEGRATED - STRATUM 3E TIMING SOURCE
MSTM-S3-IT3-19.44M CONNOR-WINFIELD-MSTM-S3-IT3-19.44M Datasheet
1Mb / 16P
   Stratum 3 Timing Module
STL-S3 CONNOR-WINFIELD-STL-S3 Datasheet
1Mb / 24P
   Stratum 3 Timing Module
MSTM-S3-TR CONNOR-WINFIELD-MSTM-S3-TR Datasheet
1Mb / 16P
   Stratum 3 Timing Module
MSTM-S3-T2F1 CONNOR-WINFIELD-MSTM-S3-T2F1 Datasheet
884Kb / 16P
   Stratum 3 Timing Module
MSTM-S3-IT3 CONNOR-WINFIELD-MSTM-S3-IT3 Datasheet
1Mb / 16P
   Stratum 3 Timing Module
MSTM-S3-T2 CONNOR-WINFIELD-MSTM-S3-T2 Datasheet
1Mb / 20P
   Stratum 3 Timing Module
MSTM-S3-TR CONNOR-WINFIELD-MSTM-S3-TR_15 Datasheet
1Mb / 16P
   Stratum 3 Timing Module
logo
Zarlink Semiconductor I...
ZL30461 ZARLINK-ZL30461 Datasheet
465Kb / 53P
   COMPACT STRATUM 3 TIMING MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com