Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SM3-038.88M Fiches technique(PDF) 4 Page - Connor-Winfield Corporation

No de pièce SM3-038.88M
Description  ULTRA MINIATURE STRATUM 3 MODULE
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CONNOR-WINFIELD [Connor-Winfield Corporation]
Site Internet  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

SM3-038.88M Fiches technique(HTML) 4 Page - Connor-Winfield Corporation

  SM3-038.88M Datasheet HTML 1Page - Connor-Winfield Corporation SM3-038.88M Datasheet HTML 2Page - Connor-Winfield Corporation SM3-038.88M Datasheet HTML 3Page - Connor-Winfield Corporation SM3-038.88M Datasheet HTML 4Page - Connor-Winfield Corporation SM3-038.88M Datasheet HTML 5Page - Connor-Winfield Corporation SM3-038.88M Datasheet HTML 6Page - Connor-Winfield Corporation SM3-038.88M Datasheet HTML 7Page - Connor-Winfield Corporation SM3-038.88M Datasheet HTML 8Page - Connor-Winfield Corporation SM3-038.88M Datasheet HTML 9Page - Connor-Winfield Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
Data Sheet #: TM052
Page 4 of 36
Rev: 03
Date: 11/07/08
© Copyright 2008 The Connor-Winfield Corp. All Rights Reserved Specifications subject to change without notice
Register Map
Table 3
Address
Reg Name
Description
Type
0x00
Chip_ID_Low
Low byte of chip ID
R
0x01
Chip_ID_High
High byte of chip ID
R
0x02
Chip_Revision
Chip revision number
R
0x03
Bandwidth
Bandwidth Select
R/W
0x04
Ctl_Mode
Manual or automatic selection of Op_Mode,BITS clock output frequency
R/W
indication, and frame/multi-frame sync pulse width mode control
0x05
Op_Mode
Master Free Run, Locked, or Hold Over mode, or Slave mode
R/W
0x06
Max_Pullin_Range
Maximum pull-in range in 0.1 ppm units
R/W
0x07
M/S REF_Activity
Cross Reference activity
R
0x08
Ref_Activity
Activities of 4 reference inputs
R
0x09
Ref_Pullin_Sts
In or out of pull-in range of 4 reference inputs
R
0x0a
Ref_Qualified
Qualification status of 4 reference inputs
R
0x0b
Ref_Mask
Availability mask for 4 reference inputs
R/W
0x0c
Ref_Available
Availability of 4 reference inputs
R
Pin Diagram
Figure 2
SM3
1
14
15
LOS
LOL
M/S REF
REF1
REF2
REF3
REF4
TDI
TMS
TRST
BITS_CLK
M/S_OUT
OUTPUT1
VPP
MASTER SELECT
SPI_INT
SPI_OUT
RESET
SPI_ENBL
Vcc
SPI_IN
SPI_CLK
GND
TCK
TDO
HOLD_GOOD
T1/E1
VPN
2
3
4
5
6
7
8
9
10
11
12
13
16
17
18
19
20
21
22
23
24
25
26
27
28
(TOP VIEW)


Numéro de pièce similaire - SM3-038.88M

FabricantNo de pièceFiches techniqueDescription
logo
Connor-Winfield Corpora...
SM3-8RG5 CONNOR-WINFIELD-SM3-8RG5 Datasheet
616Kb / 32P
   8 REFERENCE STRATUM 3 MODULE
logo
List of Unclassifed Man...
SM3-9WE ETC2-SM3-9WE Datasheet
124Kb / 4P
   Cable Marker
logo
Connor-Winfield Corpora...
SM3-ITG CONNOR-WINFIELD-SM3-ITG Datasheet
667Kb / 32P
   ULTRA MINIATURE STRATUM 3 MODULE
More results

Description similaire - SM3-038.88M

FabricantNo de pièceFiches techniqueDescription
logo
Connor-Winfield Corpora...
SM3G CONNOR-WINFIELD-SM3G Datasheet
1Mb / 36P
   ULTRA MINIATURE STRATUM 3 MODULE
SM3-ITG CONNOR-WINFIELD-SM3-ITG Datasheet
667Kb / 32P
   ULTRA MINIATURE STRATUM 3 MODULE
SM3E CONNOR-WINFIELD-SM3E Datasheet
389Kb / 36P
   ULTRA MINIATURE STRATUM 3E MODULE
SM3E CONNOR-WINFIELD-SM3E_15 Datasheet
981Kb / 36P
   ULTRA MINIATURE STRATUM 3E MODULE
logo
EUROQUARTZ limited
YH1440 EUROQUARTZ-YH1440 Datasheet
84Kb / 1P
   Miniature Package - Stratum 3 Compliant
logo
Connor-Winfield Corpora...
MSTM-S3-IT3-19.44M CONNOR-WINFIELD-MSTM-S3-IT3-19.44M Datasheet
1Mb / 16P
   Stratum 3 Timing Module
MSTM-S3-T2F1 CONNOR-WINFIELD-MSTM-S3-T2F1 Datasheet
884Kb / 16P
   Stratum 3 Timing Module
STL-S3 CONNOR-WINFIELD-STL-S3 Datasheet
1Mb / 24P
   Stratum 3 Timing Module
MSTM-S3-TR CONNOR-WINFIELD-MSTM-S3-TR Datasheet
1Mb / 16P
   Stratum 3 Timing Module
MSTM-S3-IT3 CONNOR-WINFIELD-MSTM-S3-IT3 Datasheet
1Mb / 16P
   Stratum 3 Timing Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com