Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TCBZT55B56 Fiches technique(PDF) 2 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

No de pièce TCBZT55B56
Description  500 mW QUADRO Mini-MELF Hermetically Sealed Glass Zener Voltage Regulators
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TAK_CHEONG [Tak Cheong Electronics (Holdings) Co.,Ltd]
Site Internet  http://www.takcheong.com/en/index.asp
Logo TAK_CHEONG - Tak Cheong Electronics (Holdings) Co.,Ltd

TCBZT55B56 Fiches technique(HTML) 2 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

  TCBZT55B56 Datasheet HTML 1Page - Tak Cheong Electronics (Holdings) Co.,Ltd TCBZT55B56 Datasheet HTML 2Page - Tak Cheong Electronics (Holdings) Co.,Ltd TCBZT55B56 Datasheet HTML 3Page - Tak Cheong Electronics (Holdings) Co.,Ltd TCBZT55B56 Datasheet HTML 4Page - Tak Cheong Electronics (Holdings) Co.,Ltd TCBZT55B56 Datasheet HTML 5Page - Tak Cheong Electronics (Holdings) Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Number: DB-066
June 2008 / D
Page 2
SEMICONDUCTOR
TAK CHEONG
®
Electrical Characteristics
TA = 25°C unless otherwise noted
VZ @ IZT
(Volts)
Device Type
Min
Max
IZT
(mA)
ZZT @ IZT
(
Ω)
Max
IZK
(mA)
ZZK @ IZK
(
Ω)
Max
IR @ VR
(
μA)
Max
VR
(Volts)
TCBZT55C 15
13.8
15.6
5
30
1
110
0.1
11
TCBZT55C 16
15.3
17.1
5
40
1
170
0.1
12
TCBZT55C 18
16.8
19.1
5
50
1
170
0.1
13
TCBZT55C 20
18.8
21.1
5
55
1
220
0.1
15
TCBZT55C 22
20.8
23.3
5
55
1
220
0.1
16
TCBZT55C 24
22.8
25.6
5
80
1
220
0.1
18
TCBZT55C 27
25.1
28.9
5
80
1
220
0.1
20
TCBZT55C 30
28
32
5
80
1
220
0.1
22
TCBZT55C 33
31
35
5
80
1
220
0.1
24
TCBZT55C 36
34
38
5
80
1
220
0.1
27
TCBZT55C 39
37
41
2.5
90
0.5
500
0.1
28
TCBZT55C 43
40
46
2.5
90
0.5
600
0.1
32
TCBZT55C 47
44
50
2.5
110
0.5
700
0.1
35
TCBZT55C 51
48
54
2.5
125
0.5
700
0.1
38
TCBZT55C 56
52
60
2.5
135
0.5
1000
0.1
42
TCBZT55C 62
58
66
2.5
150
0.5
1000
0.1
47
TCBZT55C 68
64
72
2.5
160
0.5
1000
0.1
51
TCBZT55C 75
70
79
2.5
170
0.5
1000
0.1
56
VF Forward Voltage = 1.0 V Maximum @ IF = 100 mA for all types
VZ @ IZT
(Volts)
Device Type
Min
Max
IZT
(mA)
ZZT @ IZT
(
Ω)
Max
IZK
(mA)
ZZK @ IZK
(
Ω)
Max
IR @ VR
(
μA)
Max
VR
(Volts)
TCBZT55B 2V4
2.35
2.45
5
85
1
600
50
1
TCBZT55B 2V7
2.65
2.75
5
85
1
600
10
1
TCBZT55B 3V0
2.94
3.06
5
85
1
600
4
1
TCBZT55B 3V3
3.23
3.37
5
85
1
600
2
1
TCBZT55B 3V6
3.53
3.67
5
85
1
600
2
1
TCBZT55B 3V9
3.82
3.98
5
85
1
600
2
1
TCBZT55B 4V3
4.21
4.39
5
75
1
600
1
1
TCBZT55B 4V7
4.61
4.79
5
60
1
600
0.5
1
TCBZT55B 5V1
5.00
5.20
5
35
1
550
0.1
1
TCBZT55B 5V6
5.49
5.71
5
25
1
450
0.1
1
TCBZT55B 6V2
6.08
6.32
5
10
1
200
0.1
2
TCBZT55B 6V8
6.66
6.94
5
8
1
150
0.1
3
TCBZT55B 7V5
7.33
7.63
5
7
1
50
0.1
5
TCBZT55B 8V2
8.04
8.36
5
7
1
50
0.1
6.2
TCBZT55B 9V1
8.92
9.28
5
10
1
50
0.1
6.8
TCBZT55B 10
9.80
10.20
5
15
1
70
0.1
7.5
TCBZT55B 11
10.78
11.22
5
20
1
70
0.1
8.2
TCBZT55B 12
11.76
12.24
5
20
1
90
0.1
9.1
TCBZT55B 13
12.74
13.26
5
26
1
110
0.1
10
TCBZT55B 15
14.70
15.30
5
30
1
110
0.1
11
TCBZT55B 16
15.68
16.32
5
40
1
170
0.1
12
TCBZT55B 18
17.64
18.36
5
50
1
170
0.1
13
TCBZT55B 20
19.60
20.40
5
55
1
220
0.1
15
TCBZT55B 22
21.56
22.44
5
55
1
220
0.1
16
TCBZT55B 24
23.52
24.48
5
80
1
220
0.1
18
TCBZT55B 27
26.46
27.54
5
80
1
220
0.1
20
TCBZT55B 30
29.40
30.60
5
80
1
220
0.1
22
TCBZT55B 33
32.34
33.66
5
80
1
220
0.1
24
TCBZT55B 36
35.28
36.72
5
80
1
220
0.1
27
TCBZT55B 39
38.22
39.78
2.5
90
0.5
500
0.1
28
TCBZT55B 43
42.14
43.86
2.5
90
0.5
600
0.1
32


Numéro de pièce similaire - TCBZT55B56

FabricantNo de pièceFiches techniqueDescription
logo
Tak Cheong Electronics ...
TCBZV55B10 TAK_CHEONG-TCBZV55B10 Datasheet
187Kb / 6P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
TCBZV55B10 TAK_CHEONG-TCBZV55B10 Datasheet
466Kb / 6P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
TCBZV55B11 TAK_CHEONG-TCBZV55B11 Datasheet
187Kb / 6P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
TCBZV55B11 TAK_CHEONG-TCBZV55B11 Datasheet
466Kb / 6P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
TCBZV55B12 TAK_CHEONG-TCBZV55B12 Datasheet
187Kb / 6P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
More results

Description similaire - TCBZT55B56

FabricantNo de pièceFiches techniqueDescription
logo
Tak Cheong Electronics ...
VLZ2V2 TAK_CHEONG-VLZ2V2 Datasheet
191Kb / 6P
   500 mW QUADRO Mini-MELF Hermetically Sealed Glass Zener Voltage Regulators
logo
Taiwan Semiconductor Co...
BZX79C2V0 TSC-BZX79C2V0 Datasheet
115Kb / 2P
   500 mW Hermetically Sealed Glass Zener Voltage Regulators
BZX79B2V4 TSC-BZX79B2V4 Datasheet
125Kb / 2P
   500 mW Hermetically Sealed Glass Zener Voltage Regulators
logo
Tak Cheong Electronics ...
TCLZJ2V0 TAK_CHEONG-TCLZJ2V0_11 Datasheet
459Kb / 6P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
ZMM3V0 TAK_CHEONG-ZMM3V0 Datasheet
300Kb / 3P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
1N4370A TAK_CHEONG-1N4370A Datasheet
166Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TC1N5221B TAK_CHEONG-TC1N5221B Datasheet
92Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TCRD2V2 TAK_CHEONG-TCRD2V2 Datasheet
173Kb / 6P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N5221B TAK_CHEONG-1N5221B Datasheet
133Kb / 4P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TCLLZ5221B TAK_CHEONG-TCLLZ5221B Datasheet
81Kb / 3P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com