Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TCBZT55B8V2 Fiches technique(PDF) 1 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

No de pièce TCBZT55B8V2
Description  500 mW QUADRO Mini-MELF Hermetically Sealed Glass Zener Voltage Regulators
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TAK_CHEONG [Tak Cheong Electronics (Holdings) Co.,Ltd]
Site Internet  http://www.takcheong.com/en/index.asp
Logo TAK_CHEONG - Tak Cheong Electronics (Holdings) Co.,Ltd

TCBZT55B8V2 Fiches technique(HTML) 1 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

  TCBZT55B8V2 Datasheet HTML 1Page - Tak Cheong Electronics (Holdings) Co.,Ltd TCBZT55B8V2 Datasheet HTML 2Page - Tak Cheong Electronics (Holdings) Co.,Ltd TCBZT55B8V2 Datasheet HTML 3Page - Tak Cheong Electronics (Holdings) Co.,Ltd TCBZT55B8V2 Datasheet HTML 4Page - Tak Cheong Electronics (Holdings) Co.,Ltd TCBZT55B8V2 Datasheet HTML 5Page - Tak Cheong Electronics (Holdings) Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Number: DB-066
June 2008 / D
Page 1
SEMICONDUCTOR
TAK CHEONG
®
500 mW QUADRO Mini-MELF
Hermetically Sealed Glass Zener
Voltage Regulators
Absolute Maximum Ratings
TA = 25°C unless otherwise noted
Parameter
Value
Units
Power Dissipation
500
mW
Storage Temperature Range
-65 to +175
°C
Operating Junction Temperature
+175
°C
These ratings are limiting values above which the serviceability of the diode may be impaired.
Specification Features:
Zener Voltage Range 2.0 to 75 Volts
Quadro mini-MELF Package
Surface Device Type Mounting
Hermetically Sealed Glass
Compression Bonded Construction
All External Surfaces Are Corrosion Resistant And Termianls are readily solderable
RoHS Compliant
Matte Tin (Sn) Terminal Finish
Color Band Indicates Negative Polarity
Electrical Characteristics
TA = 25°C unless otherwise noted
VZ @ IZT
(Volts)
Device Type
Min
Max
IZT
(mA)
ZZT @ IZT
(
Ω)
Max
IZK
(mA)
ZZK @ IZK
(
Ω)
Max
IR @ VR
(
μA)
Max
VR
(Volts)
TCBZT55C 2V0
1.88
2.11
5
100
1
600
100
1
TCBZT55C 2V2
2.08
2.33
5
100
1
600
100
1
TCBZT55C 2V4
2.28
2.56
5
85
1
600
50
1
TCBZT55C 2V7
2.51
2.89
5
85
1
600
10
1
TCBZT55C 3V0
2.8
3.2
5
85
1
600
4
1
TCBZT55C 3V3
3.1
3.5
5
85
1
600
2
1
TCBZT55C 3V6
3.4
3.8
5
85
1
600
2
1
TCBZT55C 3V9
3.7
4.1
5
85
1
600
2
1
TCBZT55C 4V3
4
4.6
5
75
1
600
1
1
TCBZT55C 4V7
4.4
5
5
60
1
600
0.5
1
TCBZT55C 5V1
4.8
5.4
5
35
1
550
0.1
1
TCBZT55C 5V6
5.2
6
5
25
1
450
0.1
1
TCBZT55C 6V2
5.8
6.6
5
10
1
200
0.1
2
TCBZT55C 6V8
6.4
7.2
5
8
1
150
0.1
3
TCBZT55C 7V5
7
7.9
5
7
1
50
0.1
5
TCBZT55C 8V2
7.7
8.7
5
7
1
50
0.1
6.2
TCBZT55C 9V1
8.5
9.6
5
10
1
50
0.1
6.8
TCBZT55C 10
9.4
10.6
5
15
1
70
0.1
7.5
TCBZT55C 11
10.4
11.6
5
20
1
70
0.1
8.2
TCBZT55C 12
11.4
12.7
5
20
1
90
0.1
9.1
TCBZT55C 13
12.4
14.1
5
26
1
110
0.1
10
Cathode
Anode
ELECTRICAL SYMBOL
Cathode Band Color: Blue


Numéro de pièce similaire - TCBZT55B8V2

FabricantNo de pièceFiches techniqueDescription
logo
Tak Cheong Electronics ...
TCBZV55B10 TAK_CHEONG-TCBZV55B10 Datasheet
187Kb / 6P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
TCBZV55B10 TAK_CHEONG-TCBZV55B10 Datasheet
466Kb / 6P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
TCBZV55B11 TAK_CHEONG-TCBZV55B11 Datasheet
187Kb / 6P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
TCBZV55B11 TAK_CHEONG-TCBZV55B11 Datasheet
466Kb / 6P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
TCBZV55B12 TAK_CHEONG-TCBZV55B12 Datasheet
187Kb / 6P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
More results

Description similaire - TCBZT55B8V2

FabricantNo de pièceFiches techniqueDescription
logo
Tak Cheong Electronics ...
VLZ2V2 TAK_CHEONG-VLZ2V2 Datasheet
191Kb / 6P
   500 mW QUADRO Mini-MELF Hermetically Sealed Glass Zener Voltage Regulators
logo
Taiwan Semiconductor Co...
BZX79C2V0 TSC-BZX79C2V0 Datasheet
115Kb / 2P
   500 mW Hermetically Sealed Glass Zener Voltage Regulators
BZX79B2V4 TSC-BZX79B2V4 Datasheet
125Kb / 2P
   500 mW Hermetically Sealed Glass Zener Voltage Regulators
logo
Tak Cheong Electronics ...
TCLZJ2V0 TAK_CHEONG-TCLZJ2V0_11 Datasheet
459Kb / 6P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
ZMM3V0 TAK_CHEONG-ZMM3V0 Datasheet
300Kb / 3P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
1N4370A TAK_CHEONG-1N4370A Datasheet
166Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TC1N5221B TAK_CHEONG-TC1N5221B Datasheet
92Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TCRD2V2 TAK_CHEONG-TCRD2V2 Datasheet
173Kb / 6P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N5221B TAK_CHEONG-1N5221B Datasheet
133Kb / 4P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TCLLZ5221B TAK_CHEONG-TCLLZ5221B Datasheet
81Kb / 3P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com