Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SSC-UR202 Fiches technique(PDF) 4 Page - Seoul Semiconductor

No de pièce SSC-UR202
Description  Surface-mounted and leadless chip LED device
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SEOUL [Seoul Semiconductor]
Site Internet  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SSC-UR202 Fiches technique(HTML) 4 Page - Seoul Semiconductor

  SSC-UR202 Datasheet HTML 1Page - Seoul Semiconductor SSC-UR202 Datasheet HTML 2Page - Seoul Semiconductor SSC-UR202 Datasheet HTML 3Page - Seoul Semiconductor SSC-UR202 Datasheet HTML 4Page - Seoul Semiconductor SSC-UR202 Datasheet HTML 5Page - Seoul Semiconductor SSC-UR202 Datasheet HTML 6Page - Seoul Semiconductor SSC-UR202 Datasheet HTML 7Page - Seoul Semiconductor SSC-UR202 Datasheet HTML 8Page - Seoul Semiconductor SSC-UR202 Datasheet HTML 9Page - Seoul Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
SSC
SSC--UR202
UR202
Revision 1.0
Revision 1.0
www.ZLED.com
www.ZLED.com
Document No. : SSC-QP-7-07-24 (Rev.00)
1. Absolute maximum ratings
2. Electro-Optical Characteristics
-40 ~ 100
Tstg.
Storage
Temperature
V
5
VR
Reverse Voltage
mW
66
Pd
Power Dissipation
-30 ~ 85
Topr.
Operation
Temperature
mA
50
IFM *1
Peak Forward
Current
mA
30
IF
Forward Current
Unit
Value
Symbol
Parameter
(Ta=25℃)
*1 IFM conditions: Pulse width Tw≤0.1ms and Duty ratio≤1/10
-
80
-
1.7
Min
-
160
10
2.2
Max
70
20
640
120
-
1.9
Typ
˚
IF=20 ㎃
1/2
Viewing Angle*3
nm
IF=20 ㎃
λ
p
Wavelength
V
IF=20 ㎃
VF
Forward Voltage
nm
IF=20 ㎃
Δλ
Spectral Bandwidth
mcd
IF=20 ㎃
IV
Luminous
Intensity*2
VR=5V
IR
Reverse Current
Unit
Conditio
n
Symbo
l
Parameter
(Ta=25℃)
*2 The luminous intensity IV is measured at the peak of the spatial pattern which may not be aligned with the
mechanical axis of the LED package.
*3 θ1/2 is the off-axis where the luminous intensity is 1/2 the peak intensity.
[Note] All products confirm to the listed minimum and maximum specifications for electric and optical characteristics,
when operated at 20mA within the maximum ratings shown above. All measurements were made under the
standardized environment of SSC.
(Tolerance : Iv ±10 %, λD ±2 nm, VF ±0.1 V)


Numéro de pièce similaire - SSC-UR202

FabricantNo de pièceFiches techniqueDescription
logo
Seoul Semiconductor
SSC-UR201 SEOUL-SSC-UR201 Datasheet
166Kb / 9P
   Surface-mounted and leadless chip LED device
More results

Description similaire - SSC-UR202

FabricantNo de pièceFiches techniqueDescription
logo
Seoul Semiconductor
UR101 SEOUL-UR101 Datasheet
419Kb / 9P
   Surface-mounted and leadless chip LED device
YGUR302TM SEOUL-YGUR302TM Datasheet
310Kb / 9P
   Surface-mounted and leadless chip LED device
SSC-GR202 SEOUL-SSC-GR202 Datasheet
182Kb / 9P
   Surface-mounted and leadless chip LED device
SSC-UR201 SEOUL-SSC-UR201 Datasheet
166Kb / 9P
   Surface-mounted and leadless chip LED device
YG202 SEOUL-YG202 Datasheet
277Kb / 13P
   Surface-mounted chip LED device
THBTGFR5210-CE SEOUL-THBTGFR5210-CE Datasheet
1Mb / 15P
   Surface-mounted chip LED device
FCW321G SEOUL-FCW321G Datasheet
1Mb / 16P
   Surface-mounted chip LED device
FR2001H-D SEOUL-FR2001H-D Datasheet
661Kb / 11P
   Surface-mounted chip LED device
YG104-ICH SEOUL-YG104-ICH Datasheet
276Kb / 13P
   Surface-mounted chip LED device
YGFR411-H SEOUL-YGFR411-H_12 Datasheet
308Kb / 13P
   Surface-mounted chip LED device
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com