Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC9V1 Fiches technique(PDF) 1 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

No de pièce TC9V1
Description  500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TAK_CHEONG [Tak Cheong Electronics (Holdings) Co.,Ltd]
Site Internet  http://www.takcheong.com/en/index.asp
Logo TAK_CHEONG - Tak Cheong Electronics (Holdings) Co.,Ltd

TC9V1 Fiches technique(HTML) 1 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

  TC9V1 Datasheet HTML 1Page - Tak Cheong Electronics (Holdings) Co.,Ltd TC9V1 Datasheet HTML 2Page - Tak Cheong Electronics (Holdings) Co.,Ltd TC9V1 Datasheet HTML 3Page - Tak Cheong Electronics (Holdings) Co.,Ltd TC9V1 Datasheet HTML 4Page - Tak Cheong Electronics (Holdings) Co.,Ltd TC9V1 Datasheet HTML 5Page - Tak Cheong Electronics (Holdings) Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Number: DB-035
June 2008 / E
Page 1
SEMICONDUCTOR
TAK CHEONG
®
500 mW DO-35 Hermetically
Sealed Glass Zener Voltage
Regulators
Absolute Maximum Ratings
TA = 25°C unless otherwise noted
Parameter
Value
Units
Power Dissipation
500
mW
Storage Temperature Range
-65 to +175
°C
Operating Junction Temperature
+175
°C
These ratings are limiting values above which the serviceability of the diode may be impaired.
Specification Features:
Zener Voltage Range 2.0 to 75 Volts
DO-35 Package (JEDEC)
Through-Hole Device Type Mounting
Hermetically Sealed Glass
Compression Bonded Construction
All External Surfaces Are Corrosion Resistant And Leads Are Readily Solderable
RoHS Compliant
Solder Hot Dip Tin (Sn) Terminal Finish
Cathode Indicated By Polarity Band
Electrical Characteristics
TA = 25°C unless otherwise noted
Device Type
VZ @ IZT
(Volts)
Nominal
IZT
(mA)
ZZT @ IZT
(
Ω)
Max
IR @ VR
(
μA)
Max
VR
(Volts)
TC2V0
2.0
5
100
120
0.5
TC2V2
2.2
5
100
120
0.7
TC2V4
2.4
5
100
120
1
TC2V7
2.7
5
110
100
1
TC3V0
3.0
5
120
50
1
TC3V3
3.3
5
120
20
1
TC3V6
3.6
5
100
10
1
TC3V9
3.9
5
100
5
1
TC4V3
4.3
5
100
5
1
TC4V7
4.7
5
80
5
1
TC5V1
5.1
5
80
5
1.5
TC5V6
5.6
5
60
5
2.5
TC6V2
6.2
5
60
5
3
TC6V8
6.8
5
20
2
3.5
TC7V5
7.5
5
20
0.5
4
TC8V2
8.2
5
20
0.5
5
TC9V1
9.1
5
25
0.5
6
TC10V
10
5
30
0.2
7
TC11V
11
5
30
0.2
8
TC12V
12
5
30
0.2
9
Cathode
Anode
ELECTRICAL SYMBOL
L
xx
x
DEVICE MARKING DIAGRAM
L
: Logo
Device Code : TCxxx
AXIAL LEAD
DO35


Numéro de pièce similaire - TC9V1

FabricantNo de pièceFiches techniqueDescription
logo
SHENZHEN FUMAN ELECTRON...
TC9 FUMAN-TC9 Datasheet
115Kb / 7P
   16Pin infrared remote control IC
logo
Mini-Circuits
TC9-1 MINI-TC9-1 Datasheet
341Kb / 1P
   RF Transformer
TC9-1++ MINI-TC9-1+ Datasheet
341Kb / 1P
   RF Transformer
TC9-1-75 MINI-TC9-1-75 Datasheet
327Kb / 1P
   RF Transformer
TC9-1-75++ MINI-TC9-1-75+ Datasheet
327Kb / 1P
   RF Transformer
More results

Description similaire - TC9V1

FabricantNo de pièceFiches techniqueDescription
logo
Tak Cheong Electronics ...
BZX79C110 TAK_CHEONG-BZX79C110_10 Datasheet
178Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
logo
Yea Shin Technology Co....
ZX2V0 YEASHIN-ZX2V0 Datasheet
815Kb / 5P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
ZL2V4B YEASHIN-ZL2V4B Datasheet
604Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N5221B YEASHIN-1N5221B Datasheet
1Mb / 10P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
logo
Tak Cheong Electronics ...
TCBZX55C2V0 TAK_CHEONG-TCBZX55C2V0 Datasheet
181Kb / 6P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TCZL2V4B TAK_CHEONG-TCZL2V4B Datasheet
174Kb / 5P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N750A TAK_CHEONG-1N750A Datasheet
316Kb / 4P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N4370A TAK_CHEONG-1N4370A Datasheet
166Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TC1N5221B TAK_CHEONG-TC1N5221B Datasheet
92Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TCRD2V2 TAK_CHEONG-TCRD2V2 Datasheet
173Kb / 6P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N5221B TAK_CHEONG-1N5221B Datasheet
133Kb / 4P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com