Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC4V7 Fiches technique(PDF) 5 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

No de pièce TC4V7
Description  500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TAK_CHEONG [Tak Cheong Electronics (Holdings) Co.,Ltd]
Site Internet  http://www.takcheong.com/en/index.asp
Logo TAK_CHEONG - Tak Cheong Electronics (Holdings) Co.,Ltd

TC4V7 Fiches technique(HTML) 5 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

  TC4V7 Datasheet HTML 1Page - Tak Cheong Electronics (Holdings) Co.,Ltd TC4V7 Datasheet HTML 2Page - Tak Cheong Electronics (Holdings) Co.,Ltd TC4V7 Datasheet HTML 3Page - Tak Cheong Electronics (Holdings) Co.,Ltd TC4V7 Datasheet HTML 4Page - Tak Cheong Electronics (Holdings) Co.,Ltd TC4V7 Datasheet HTML 5Page - Tak Cheong Electronics (Holdings) Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Number: DB-100
April 14, 2008 / A
DISCLAIMER NOTICE
TAK CHEONG
®
NOTICE
The information presented in this document is for reference only. Tak Cheong reserves the right to make
changes without notice for the specification of the products displayed herein.
The product listed herein is designed to be used with ordinary electronic equipment or devices, and not
designed to be used with equipment or devices which require high level of reliability and the malfunction of with
would directly endanger human life (such as medical instruments, transportation equipment, aerospace
machinery, nuclear-reactor controllers, fuel controllers and other safety devices), Tak Cheong Semiconductor
Co., Ltd., or anyone on its behalf, assumes no responsibility or liability for any damagers resulting from such
improper use of sale.
This publication supersedes & replaces all information reviously supplied. For additional information, please visit
our website http://www.takcheong.com, or consult your nearest Tak Cheong’s sales office for further assistance.


Numéro de pièce similaire - TC4V7

FabricantNo de pièceFiches techniqueDescription
logo
Tumbler Technologies + ...
TC4 TRUMPOWER-TC4 Datasheet
25Kb / 1P
   DC/DC CONVERTERS
TC4-10D1205 TRUMPOWER-TC4-10D1205 Datasheet
29Kb / 1P
   DC/DC CONVERTERS 2:1 Input, 10 Watt
TC4-10D1205 TRUMPOWER-TC4-10D1205 Datasheet
25Kb / 1P
   DC/DC CONVERTERS
TC4-10D1212 TRUMPOWER-TC4-10D1212 Datasheet
29Kb / 1P
   DC/DC CONVERTERS 2:1 Input, 10 Watt
TC4-10D1212 TRUMPOWER-TC4-10D1212 Datasheet
25Kb / 1P
   DC/DC CONVERTERS
More results

Description similaire - TC4V7

FabricantNo de pièceFiches techniqueDescription
logo
Tak Cheong Electronics ...
BZX79C110 TAK_CHEONG-BZX79C110_10 Datasheet
178Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
logo
Yea Shin Technology Co....
ZX2V0 YEASHIN-ZX2V0 Datasheet
815Kb / 5P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
ZL2V4B YEASHIN-ZL2V4B Datasheet
604Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N5221B YEASHIN-1N5221B Datasheet
1Mb / 10P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
logo
Tak Cheong Electronics ...
TCBZX55C2V0 TAK_CHEONG-TCBZX55C2V0 Datasheet
181Kb / 6P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TCZL2V4B TAK_CHEONG-TCZL2V4B Datasheet
174Kb / 5P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N750A TAK_CHEONG-1N750A Datasheet
316Kb / 4P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N4370A TAK_CHEONG-1N4370A Datasheet
166Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TC1N5221B TAK_CHEONG-TC1N5221B Datasheet
92Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TCRD2V2 TAK_CHEONG-TCRD2V2 Datasheet
173Kb / 6P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N5221B TAK_CHEONG-1N5221B Datasheet
133Kb / 4P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com