Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SB350 Fiches technique(PDF) 1 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

No de pièce SB350
Description  3.0AMP. Schottky Barrier Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TAK_CHEONG [Tak Cheong Electronics (Holdings) Co.,Ltd]
Site Internet  http://www.takcheong.com/en/index.asp
Logo TAK_CHEONG - Tak Cheong Electronics (Holdings) Co.,Ltd

SB350 Fiches technique(HTML) 1 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

  SB350 Datasheet HTML 1Page - Tak Cheong Electronics (Holdings) Co.,Ltd SB350 Datasheet HTML 2Page - Tak Cheong Electronics (Holdings) Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Apr.2008 Release / Orig.
Page 1
Preliminary Data Sheet
SB320 THRU SB3100
3.0AMP.
Schottky Barrier Rectifier
VOLTAGE:20 TO 100V
CURRENT:3.0A
Specification Features:
Case: Epoxy, Molded
Weight:1.2Gram (Approximately)
High current capability,Low Forward Voltage Drop
High surge current capability
Finish: All External Surfaces Corrosion Resistant And Terminal Leads Are
Readily Solderable
Lead And Mounting Surface Temperature For Soldering Purposed:
260℃ Max. For 10 Seconds 1/16 Inch From Case
RoHS Compliant
Cathode Indicated By Polarity Band
Absolute Maximum Ratings
TA = 25°C unless otherwise noted
Parameter
Symbol
SB
320
SB
330
SB
340
SB
350
SB
360
SB
380
SB
3100
Units
Maximum Repetitive Peak
Reverse Voltage
VRRM
20
30
40
50
60
80
100
V
Maximum DC Blocking Voltage
VR
20
30
40
50
60
80
100
V
Maximum Average Forward
Rectifier Current.
(0.375” Lead Length @ TA=75℃)
IF(AV)
3.0
A
Non-repetitive Peak Forward
Surge Current.
(8.3mS Single Half Sine-wave)
IFSM
80
A
Operating Junction and Storage
Temperature Range
TJ, TSTG
-65 to +125
°C
Thermal Resistance (Note 1)
(Junction to Ambient)
RθJA
30
°C/W
Electrical Characteristics TA = 25°C unless otherwise noted
Parameter
Symbol
SB
320
SB
330
SB
340
SB
350
SB
360
SB
380
SB
3100
Units
Maximum D.C Reverse Current
At Rated D.C Blocking Voltage
@ TA=25℃
@ TA=100℃
IR
1.0
30.0
mA
Forward Voltage @3A
VF
0.550
0.750
0.850
V
Total Capacitance
@VR=4V, f=1MHz
CT
180
pF
NOTE:
(1) Thermal resistance from junction to ambient at 0.375” lead length, vertical P.C. board mounted
AXIAL LEAD
DO-201AD
DEVICE MARKING DIAGRAM
SB3XX : Device Name SB320~ SB3100
KEL
: KEL Logo


Numéro de pièce similaire - SB350

FabricantNo de pièceFiches techniqueDescription
logo
Diotec Semiconductor
SB350 DIOTEC-SB350 Datasheet
93Kb / 2P
   Schottky Barrier Rectifier Diodes
logo
Pan Jit International I...
SB350 PANJIT-SB350 Datasheet
54Kb / 2P
   3 AMPERE SCHOTTKY BARRIER RECTIFIERS(VOLTAGE - 20 to 100 Volts CURRENT - 3.0 Amperes)
logo
DONGGUAN YOU FENG WEI E...
SB350 YFWDIODE-SB350 Datasheet
74Kb / 2P
   3.0Amp Schottky Barrier Rectifiers
logo
Semikron International
SB350 SEMIKRON-SB350 Datasheet
133Kb / 2P
   Schottky barrier rectifiers diodes
logo
Anderson Power Products...
SB350 APP-SB350 Datasheet
1Mb / 6P
   SB® 350 Connectors Up to 500 Amps
REV C7
More results

Description similaire - SB350

FabricantNo de pièceFiches techniqueDescription
logo
PACELEADER INDUSTRIAL
SR320 PACELEADER-SR320 Datasheet
566Kb / 2P
   3.0AMP SCHOTTKY BARRIER RECTIFIERS
logo
DONGGUAN YOU FENG WEI E...
SR320-DO27 YFWDIODE-SR320-DO27 Datasheet
267Kb / 2P
   3.0Amp Schottky Barrier Rectifiers
logo
Cystech Electonics Corp...
SB320 CYSTEKEC-SB320 Datasheet
248Kb / 3P
   3.0Amp Schottky Barrier Rectifiers
logo
DONGGUAN YOU FENG WEI E...
SR320 YFWDIODE-SR320 Datasheet
73Kb / 2P
   3.0Amp Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
SR320 SECOS-SR320 Datasheet
130Kb / 2P
   3.0AMP Schottky Barrier Rectifiers
1N5820 SECOS-1N5820_15 Datasheet
154Kb / 2P
   3.0AMP Schottky Barrier Rectifiers
logo
Jinan Gude Electronic D...
1N5820 JGD-1N5820 Datasheet
142Kb / 2P
   3.0AMP. SCHOTTKY BARRIER RECTIFIERS
logo
Cystech Electonics Corp...
SB3150 CYSTEKEC-SB3150 Datasheet
230Kb / 6P
   3.0Amp Schottky Barrier Rectifiers
logo
DONGGUAN YOU FENG WEI E...
SB320 YFWDIODE-SB320 Datasheet
74Kb / 2P
   3.0Amp Schottky Barrier Rectifiers
SB320-DO-27 YFWDIODE-SB320-DO-27 Datasheet
297Kb / 2P
   3.0Amp Schottky Barrier Rectifiers
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com