Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1N5274B Fiches technique(PDF) 1 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

No de pièce 1N5274B
Description  500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TAK_CHEONG [Tak Cheong Electronics (Holdings) Co.,Ltd]
Site Internet  http://www.takcheong.com/en/index.asp
Logo TAK_CHEONG - Tak Cheong Electronics (Holdings) Co.,Ltd

1N5274B Fiches technique(HTML) 1 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

  1N5274B Datasheet HTML 1Page - Tak Cheong Electronics (Holdings) Co.,Ltd 1N5274B Datasheet HTML 2Page - Tak Cheong Electronics (Holdings) Co.,Ltd 1N5274B Datasheet HTML 3Page - Tak Cheong Electronics (Holdings) Co.,Ltd 1N5274B Datasheet HTML 4Page - Tak Cheong Electronics (Holdings) Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
November 2006 / C
Page 1
Li ce n s e d by ON Sem i c o n d uc to r ,
A t r ad e m ar k o f semicond u c t o r
C o mpo n e n ts I n d u s t ri es , L L C for
Ze n e r Tec h nolo g y and Pr od u c ts .
TAK CHEONG
®
500 mW DO-35 Hermetically
Sealed Glass Zener Voltage
Regulators
Maximum Ratings (Note 1)
Rating
Symbol
Value
Units
Maximum Steady State Power Dissipation
@TL≤75℃, Lead Length = 3/8”
Derate Above 75℃
PD
500
4.0
mW
mW/℃
Operating and Storage
Temperature Range
TJ, Tstg
-65 to +200
°C
Note 1: Some part number series have lower JEDEC registered ratings.
Specification Features:
Zener Voltage Range = 2.4V to 200V
ESD Rating of Class 3 (>6 KV) per Human Body Model
DO-35 Package (DO-204AH)
Double Slug Type Construction
Metallurgical Bonded Construction
RoHS Compliant
Solder Hot Dip Tin (Sn) Lead Finish
Specification Features:
Case
:
Double slug type, hermetically sealed glass
Finish
:
All external surfaces are corrosion resistant and leads are readily solderable
Polarity :
Cathode indicated by polarity band
Mounting:
Any
Cathode
Anode
L
= Logo
52xxB
= 1N52xxB Device Code
L
52
xx
B
AXIAL LEAD
DO35


Numéro de pièce similaire - 1N5274B

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
1N5274B FAIRCHILD-1N5274B Datasheet
85Kb / 3P
   Absolute Maximum Ratings
logo
Yea Shin Technology Co....
1N5274B YEASHIN-1N5274B Datasheet
1Mb / 10P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
logo
Fairchild Semiconductor
1N5274B FAIRCHILD-1N5274B Datasheet
85Kb / 3P
   Zeners
logo
Sangdest Microelectroni...
1N5274B SMC-1N5274B Datasheet
294Kb / 5P
   ZENER DIODES
logo
Central Semiconductor C...
1N5274B CENTRAL-1N5274B Datasheet
173Kb / 2P
   ZENER DIODE 2.4 VOLTS THRU 200VOLTS 500mL, 5% TOLERANCE
More results

Description similaire - 1N5274B

FabricantNo de pièceFiches techniqueDescription
logo
Tak Cheong Electronics ...
BZX79C110 TAK_CHEONG-BZX79C110_10 Datasheet
178Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
logo
Yea Shin Technology Co....
ZX2V0 YEASHIN-ZX2V0 Datasheet
815Kb / 5P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
ZL2V4B YEASHIN-ZL2V4B Datasheet
604Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N5221B YEASHIN-1N5221B Datasheet
1Mb / 10P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
logo
Tak Cheong Electronics ...
TCBZX55C2V0 TAK_CHEONG-TCBZX55C2V0 Datasheet
181Kb / 6P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TCZL2V4B TAK_CHEONG-TCZL2V4B Datasheet
174Kb / 5P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N750A TAK_CHEONG-1N750A Datasheet
316Kb / 4P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N4370A TAK_CHEONG-1N4370A Datasheet
166Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TC1N5221B TAK_CHEONG-TC1N5221B Datasheet
92Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TCRD2V2 TAK_CHEONG-TCRD2V2 Datasheet
173Kb / 6P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com