Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SSC-SFT825Z-S Fiches technique(PDF) 3 Page - Seoul Semiconductor

No de pièce SSC-SFT825Z-S
Description  Top View LED
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SEOUL [Seoul Semiconductor]
Site Internet  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SSC-SFT825Z-S Fiches technique(HTML) 3 Page - Seoul Semiconductor

  SSC-SFT825Z-S Datasheet HTML 1Page - Seoul Semiconductor SSC-SFT825Z-S Datasheet HTML 2Page - Seoul Semiconductor SSC-SFT825Z-S Datasheet HTML 3Page - Seoul Semiconductor SSC-SFT825Z-S Datasheet HTML 4Page - Seoul Semiconductor SSC-SFT825Z-S Datasheet HTML 5Page - Seoul Semiconductor SSC-SFT825Z-S Datasheet HTML 6Page - Seoul Semiconductor SSC-SFT825Z-S Datasheet HTML 7Page - Seoul Semiconductor SSC-SFT825Z-S Datasheet HTML 8Page - Seoul Semiconductor SSC-SFT825Z-S Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
4. Electro-Optical Characteristics
(Ta=25ºC)
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Red
I
F =20mA
1.8
2.1
2.3
Green
I
F =20mA
3.0
3.2
3.5-
Forward Voltage
Blue
V
F
I
F =20mA
3.0
3.2
3.5-
V
Red
-
-
10
Green
-
-
10
Reverse Current
Blue
I
R
V
R=5V
(per die)
-
-
10
µA
Red
-
700
1100
Green
-
1200
1600
Luminance Intensity *1
Blue
I
V
I
F =20mA
(per chip)
-
400
560
mcd
Red
I
F =20mA
-
632
-
Green
I
F =20mA
-
518
-
Peak Wavelength
Blue
λ
P
I
F =20mA
-
453
-
nm
Red
I
F =20mA
620
623
625
Green
I
F =20mA
520
527
535
Dominant Wavelength
Blue
λ
d
I
F =20mA
455
460
465
nm
Red
I
F =20mA
-
14
-
Green
I
F =20mA
-
33
-
Spectral Bandwidth
Blue
∆λ
I
F =20mA
-
23
-
nm
Viewing Angle *3
R, G, B
2
θ½
I
F =20mA
(per die)
-
120
-
deg.
*1 The luminous intensity IV was measured at the peak of the spatial pattern which may not be aligned with the mechanical axis of the LED package.
Luminous Intensity Measurement allowance is ±10%
*2 Please refer to CIE 1931 chromaticity diagram
*3 2
θ½ is the off-axis where the luminous intensity is 1/2 of the peak intensity.
[Note] All measurements were made under the standardized environment of SSC.
SEOUL SEMICONDUCTOR CO., LTD.
148-29 Kasan-Dong, Keumchun-Gu, Seoul, 153-023, Korea
Phone : 82-2-2106-7305~6
- 3/13 -
SSC-SFT825Z-S
SSC-QP-7-03-08(REV.00)


Numéro de pièce similaire - SSC-SFT825Z-S

FabricantNo de pièceFiches techniqueDescription
logo
Seoul Semiconductor
SSC-SFT825N-S SEOUL-SSC-SFT825N-S Datasheet
591Kb / 13P
   Top View LED
More results

Description similaire - SSC-SFT825Z-S

FabricantNo de pièceFiches techniqueDescription
logo
Everlight Electronics C...
45-21UYC-S530-XX-TR8 EVERLIGHT-45-21UYC-S530-XX-TR8 Datasheet
150Kb / 10P
   Top View LED
logo
Seoul Semiconductor
SWT821-S SEOUL-SWT821-S Datasheet
615Kb / 16P
   Top View LED
SBHRN120E SEOUL-SBHRN120E Datasheet
1Mb / 21P
   Top View LED
SBWNN120E SEOUL-SBWNN120E Datasheet
1Mb / 21P
   Top View LED
STW8C2SA SEOUL-STW8C2SA Datasheet
2Mb / 27P
   Top View Led
SFT821N-BS SEOUL-SFT821N-BS Datasheet
551Kb / 14P
   Top View LED
SFT825N-S SEOUL-SFT825N-S Datasheet
591Kb / 13P
   Top View LED
SBWRN2S0E SEOUL-SBWRN2S0E Datasheet
973Kb / 22P
   Top view LED
STWRI140E SEOUL-STWRI140E Datasheet
2Mb / 15P
   Top View LED
logo
Everlight Electronics C...
EAHP2016YA0-AM EVERLIGHT-EAHP2016YA0-AM Datasheet
538Kb / 17P
   Top view LED
logo
Seoul Semiconductor
KWT733 SEOUL-KWT733_1 Datasheet
549Kb / 11P
   Top View LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com