Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SSC-SFT825N-S Fiches technique(PDF) 7 Page - Seoul Semiconductor

No de pièce SSC-SFT825N-S
Description  Top View LED
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SEOUL [Seoul Semiconductor]
Site Internet  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SSC-SFT825N-S Fiches technique(HTML) 7 Page - Seoul Semiconductor

Back Button SSC-SFT825N-S Datasheet HTML 3Page - Seoul Semiconductor SSC-SFT825N-S Datasheet HTML 4Page - Seoul Semiconductor SSC-SFT825N-S Datasheet HTML 5Page - Seoul Semiconductor SSC-SFT825N-S Datasheet HTML 6Page - Seoul Semiconductor SSC-SFT825N-S Datasheet HTML 7Page - Seoul Semiconductor SSC-SFT825N-S Datasheet HTML 8Page - Seoul Semiconductor SSC-SFT825N-S Datasheet HTML 9Page - Seoul Semiconductor SSC-SFT825N-S Datasheet HTML 10Page - Seoul Semiconductor SSC-SFT825N-S Datasheet HTML 11Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
7. Soldering Profile
(1) Reflow Soldering Conditions / Profile (Lead Free Solder)
(2) Hand Soldering conditions
Do not exceed 4 seconds at maximum 315ºC under soldering iron.
(3) Hand Soldering conditions
Do not exceed 4 seconds at maximum 315ºC under soldering iron.
Note : In case that the soldered products are reused in soldering process, we don’t guarantee the products.
SEOUL SEMICONDUCTOR CO., LTD.
148-29 Kasan-Dong, Keumchun-Gu, Seoul, 153-023, Korea
Phone : 82-2-2106-7305~6
- 7/13 -
SSC-SFT825N-S
SSC-QP-7-03-08(REV.00)
Pre-heating
200
180
150
0
Temp
[°C]
220
240
260
Rising
5 °C/sec
Tm : Reflow machine setting temp (max 30 sec.)
Ts : Surface temp of PCB (min)
Ts : Surface temp of PCB (max)
Ts : Surface temp of PCB (recommend)
Cooling
-5 °C/sec
Time
[Hr]


Numéro de pièce similaire - SSC-SFT825N-S

FabricantNo de pièceFiches techniqueDescription
logo
Seoul Semiconductor
SSC-SFT825Z-S SEOUL-SSC-SFT825Z-S Datasheet
596Kb / 13P
   Top View LED
More results

Description similaire - SSC-SFT825N-S

FabricantNo de pièceFiches techniqueDescription
logo
Everlight Electronics C...
45-21UYC-S530-XX-TR8 EVERLIGHT-45-21UYC-S530-XX-TR8 Datasheet
150Kb / 10P
   Top View LED
logo
Seoul Semiconductor
SWT821-S SEOUL-SWT821-S Datasheet
615Kb / 16P
   Top View LED
SBHRN120E SEOUL-SBHRN120E Datasheet
1Mb / 21P
   Top View LED
SBWNN120E SEOUL-SBWNN120E Datasheet
1Mb / 21P
   Top View LED
STW8C2SA SEOUL-STW8C2SA Datasheet
2Mb / 27P
   Top View Led
SFT821N-BS SEOUL-SFT821N-BS Datasheet
551Kb / 14P
   Top View LED
SBWRN2S0E SEOUL-SBWRN2S0E Datasheet
973Kb / 22P
   Top view LED
STWRI140E SEOUL-STWRI140E Datasheet
2Mb / 15P
   Top View LED
logo
Everlight Electronics C...
EAHP2016YA0-AM EVERLIGHT-EAHP2016YA0-AM Datasheet
538Kb / 17P
   Top view LED
logo
Seoul Semiconductor
KWT733 SEOUL-KWT733_1 Datasheet
549Kb / 11P
   Top View LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com