Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM386-1 Fiches technique(PDF) 1 Page - Wing Shing Computer Components

No de pièce LM386-1
Description  Low Voltage Adio Power Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WINGS [Wing Shing Computer Components]
Site Internet  http://www.wingshing.com/en
Logo WINGS - Wing Shing Computer Components

LM386-1 Fiches technique(HTML) 1 Page - Wing Shing Computer Components

  LM386-1 Datasheet HTML 1Page - Wing Shing Computer Components LM386-1 Datasheet HTML 2Page - Wing Shing Computer Components LM386-1 Datasheet HTML 3Page - Wing Shing Computer Components LM386-1 Datasheet HTML 4Page - Wing Shing Computer Components LM386-1 Datasheet HTML 5Page - Wing Shing Computer Components LM386-1 Datasheet HTML 6Page - Wing Shing Computer Components LM386-1 Datasheet HTML 7Page - Wing Shing Computer Components LM386-1 Datasheet HTML 8Page - Wing Shing Computer Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Low Voltage Audio Power Amplifier
General Description
is a power amplifier designed for use in low volt-
age consumer applications. The gain is internally set to 20 to
keep external part count low, but the addition of an external
resistor and capacitor between pins 1 and 8 will increase the
gain to any value from 20 to 200.
The inputs are ground referenced while the output automati-
cally biases to one-half the supply voltage. The quiescent
power drain is only 24 milliwatts when operating from a 6 volt
supply, making the
Features
n
Battery operation
n
Minimum external parts
n
Wide supply voltage range: 4V–12V
n
Low quiescent current drain: 4mA
n
Voltage gains from 20 to 200
n
Ground referenced input
n
Self-centering output quiescent voltage
n
Low distortion: 0.2% (A
V = 20, VS =6V, RL =8Ω,PO =
125mW, f = 1kHz)
n
Available in 8 pin SOP package
Applications
n
AM-FM radio amplifiers
n
Portable tape player amplifiers
n
Intercoms
n
TV sound systems
n
Line drivers
n
Ultrasonic drivers
n
Small servo drivers
n
Power converters
Equivalent Schematic and Connection Diagrams
Small Outline,
Wing Shing Computer Components Co., (H.K.)Ltd.
Tel:(852)2341 9276
Fax:(852)2797 8153
Homepage: http://www.wingshing.com
E-mail:
wsccltd@hkstar.com
Low Voltage
Audio Power Amplifier
WS386M-1 ideal for battery operation
Pin Connection
Dual in Line Package
and DIP package
Ordering Information
PART NO.
PACKAGE
SOP-8
DIP-8
8-1
LM386-1
The LM386-1
LM386M-1
LM386N-1


Numéro de pièce similaire - LM386-1

FabricantNo de pièceFiches techniqueDescription
logo
Unisonic Technologies
LM386-D08-T UTC-LM386-D08-T Datasheet
182Kb / 7P
   LOW VOLTAGE AUDIO POWER AMPLIFIER
LM386-D08-T UTC-LM386-D08-T Datasheet
249Kb / 8P
   LOW VOLTAGE AUDIO POWER AMPLIFIER
LM386-D08-T UTC-LM386-D08-T Datasheet
236Kb / 8P
   LOW VOLTAGE AUDIO POWER AMPLIFIER
LM386-P08-R UTC-LM386-P08-R Datasheet
182Kb / 7P
   LOW VOLTAGE AUDIO POWER AMPLIFIER
LM386-P08-R UTC-LM386-P08-R Datasheet
249Kb / 8P
   LOW VOLTAGE AUDIO POWER AMPLIFIER
More results

Description similaire - LM386-1

FabricantNo de pièceFiches techniqueDescription
logo
New Japan Radio
NJM2070 NJRC-NJM2070 Datasheet
127Kb / 4P
   LOW VOLTAGE POWER AMPLIFIER
logo
Toshiba Semiconductor
TA7140P TOSHIBA-TA7140P Datasheet
469Kb / 6P
   VOLTAGE AMPLIFIER LOW OUTPUT POWER AMPLIFIER
logo
Cirrus Logic
CS3013 CIRRUS-CS3013_09 Datasheet
316Kb / 10P
   Low-power / Low-voltage Precision Amplifier
CS3013_0910 CIRRUS-CS3013_0910 Datasheet
702Kb / 10P
   Low-power / Low-voltage Precision Amplifier
CS3014 CIRRUS-CS3014_07 Datasheet
485Kb / 8P
   Low-power / Low-voltage Precision Amplifier
logo
National Semiconductor ...
LMV651 NSC-LMV651 Datasheet
499Kb / 5P
   12MHz, Low Voltage, Low Power Amplifier
logo
Cirrus Logic
CS3014 CIRRUS-CS3014_09 Datasheet
286Kb / 10P
   Low-power / Low-voltage Precision Amplifier
CS3013 CIRRUS-CS3013 Datasheet
671Kb / 8P
   Low-power / Low-voltage Precision Amplifier
logo
New Japan Radio
NJM2135 NJRC-NJM2135 Datasheet
183Kb / 5P
   LOW VOLTAGE AUDIO POWER AMPLIFIER
NJM2076 NJRC-NJM2076 Datasheet
250Kb / 8P
   DUAL LOW VOLTAGE POWER AMPLIFIER?
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com