Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM199A Fiches technique(PDF) 8 Page - Linear Technology

No de pièce LM199A
Description  Precision Reference
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LINER [Linear Technology]
Site Internet  http://www.linear.com
Logo LINER - Linear Technology

LM199A Fiches technique(HTML) 8 Page - Linear Technology

  LM199A Datasheet HTML 1Page - Linear Technology LM199A Datasheet HTML 2Page - Linear Technology LM199A Datasheet HTML 3Page - Linear Technology LM199A Datasheet HTML 4Page - Linear Technology LM199A Datasheet HTML 5Page - Linear Technology LM199A Datasheet HTML 6Page - Linear Technology LM199A Datasheet HTML 7Page - Linear Technology LM199A Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
LM199/LM399
LM199A/LM399A
8
LM199399fb
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 FAX: (408) 434-0507 www.linear.com
© LINEAR TECHNOLOGY CORPORATION 1987
LT 1005 REV B • PRINTED IN USA
PART NUMBER
DESCRIPTION
COMMENTS
LT1021
Precision References for Series or Shunt Operation
Industry Standard Pinout, –40°C to 125°C
LT1389
1.25V, 2.5V, 4V and 5V Nanopower Shunt Reference
800nA, 0.05% Accuracy, 10ppm/°C Drift
LT1634
1.25 and 2.5V Micropower Shunt Reference
0.05%, 10ppm/°C, 10µA Current
LTZ1000
7V Ultra Precision, Stable Shunt Reference
0.05ppm/°C, 1.2mVP-P Noise
RELATED PARTS


Numéro de pièce similaire - LM199A

FabricantNo de pièceFiches techniqueDescription
logo
Linear Technology
LM199A LINER-LM199A Datasheet
296Kb / 5P
   Precision Reference
LM199A LINER-LM199A Datasheet
171Kb / 8P
   Precision Reference
LM199AH LINER-LM199AH Datasheet
296Kb / 5P
   Precision Reference
LM199AH-20 LINER-LM199AH-20 Datasheet
296Kb / 5P
   Precision Reference
LM199A LINER-LM199A_15 Datasheet
171Kb / 8P
   Precision Reference
More results

Description similaire - LM199A

FabricantNo de pièceFiches techniqueDescription
logo
Linear Technology
LT1021DCS8 LINER-LT1021DCS8 Datasheet
218Kb / 3P
   Precision Reference?
LT1236 LINER-LT1236_15 Datasheet
230Kb / 12P
   Precision Reference
LM399 LINER-LM399_15 Datasheet
171Kb / 8P
   Precision Reference
logo
Linear Dimensions Semic...
LT1021DCN8-10 LINEAR_DIMENSIONS-LT1021DCN8-10 Datasheet
238Kb / 16P
   Precision Reference
logo
National Semiconductor ...
LM199 NSC-LM199_05 Datasheet
651Kb / 10P
   Precision Reference
logo
Linear Technology
LM199 LINER-LM199 Datasheet
296Kb / 5P
   Precision Reference
logo
National Semiconductor ...
LM329 NSC-LM329_08 Datasheet
197Kb / 8P
   Precision Reference
logo
Linear Dimensions Semic...
LT1236ACS8-5PBF LINEAR_DIMENSIONS-LT1236ACS8-5PBF Datasheet
230Kb / 12P
   Precision Reference
logo
Linear Technology
LT1021 LINER-LT1021_05 Datasheet
228Kb / 16P
   Precision Reference
logo
National Semiconductor ...
LM129 NSC-LM129 Datasheet
165Kb / 10P
   Precision Reference
logo
Linear Technology
LT1236 LINER-LT1236 Datasheet
262Kb / 12P
   Precision Reference
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com