Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TLC5926 Fiches technique(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No de pièce TLC5926
Description  16-CHANNEL CONSTANT-CURRENT LED SINK DRIVERS
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TLC5926 Fiches technique(HTML) 7 Page - Texas Instruments

Back Button TLC5926 Datasheet HTML 3Page - Texas Instruments TLC5926 Datasheet HTML 4Page - Texas Instruments TLC5926 Datasheet HTML 5Page - Texas Instruments TLC5926 Datasheet HTML 6Page - Texas Instruments TLC5926 Datasheet HTML 7Page - Texas Instruments TLC5926 Datasheet HTML 8Page - Texas Instruments TLC5926 Datasheet HTML 9Page - Texas Instruments TLC5926 Datasheet HTML 10Page - Texas Instruments TLC5926 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
Recommended Timing
TLC5926, TLC5927
www.ti.com ....................................................................................................................................................................................................... SLVS677 – JULY 2008
VDD = 3 V to 5.5 V (unless otherwise noted)
TEST CONDITIONS
MIN
MAX
UNIT
tw(L)
LE(ED1) pulse duration
Normal mode
20
ns
tw(CLK)
CLK pulse duration
Normal mode
20
ns
tw(OE)
OE(ED2) pulse duration
Normal mode
1000
ns
tsu(D)
Setup time for SDI
Normal mode
7
ns
th(D)
Hold time for SDI
Normal mode
3
ns
tsu(L)
Setup time for LE(ED1)
Normal mode
18
ns
th(L)
Hold time for LE(ED1)
Normal mode
18
ns
tw(CLK)
CLK pulse duration
Error Detection mode
20
ns
tw(ED2)
OE(ED2) pulse duration
Error Detection mode
2000
ns
tsu(ED1)
Setup time for LE(ED1)
Error Detection mode
7
ns
th(ED1)
Hold time for LE(ED1)
Error Detection mode
10
ns
tsu(ED2)
Setup time for OE(ED2)
Error Detection mode
7
ns
th(ED2)
Hold time for OE(ED2)
Error Detection mode
10
ns
fCLK
Clock frequency
Cascade operation, VDD = 3 V to 5.5 V
30
MHz
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TLC5926 TLC5927


Numéro de pièce similaire - TLC5926

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TLC5926 TI-TLC5926 Datasheet
887Kb / 31P
[Old version datasheet]   16-CHANNEL CONSTANT-CURRENT LED SINK DRIVERS
TLC5926-Q1 TI1-TLC5926-Q1 Datasheet
786Kb / 27P
[Old version datasheet]   16-CHANNEL CONSTANT-CURRENT LED SINK DRIVERS
TLC5926-Q1 TI1-TLC5926-Q1 Datasheet
1Mb / 36P
[Old version datasheet]   TLC592x-Q1 16-Channel Constant-Current LED Sink Drivers
TLC5926-Q1 TI1-TLC5926-Q1_16 Datasheet
1Mb / 36P
[Old version datasheet]   TLC592x-Q1 16-Channel Constant-Current LED Sink Drivers
TLC5926IDBQR TI-TLC5926IDBQR Datasheet
887Kb / 31P
[Old version datasheet]   16-CHANNEL CONSTANT-CURRENT LED SINK DRIVERS
More results

Description similaire - TLC5926

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TLC5926-Q1 TI1-TLC5926-Q1 Datasheet
786Kb / 27P
[Old version datasheet]   16-CHANNEL CONSTANT-CURRENT LED SINK DRIVERS
TLC5926 TI1-TLC5926_15 Datasheet
1Mb / 39P
[Old version datasheet]   16-Channel Constant-Current LED Sink Drivers
TLC5926 TI-TLC5926_10 Datasheet
887Kb / 31P
[Old version datasheet]   16-CHANNEL CONSTANT-CURRENT LED SINK DRIVERS
TLC5926-Q1 TI1-TLC5926-Q1_16 Datasheet
1Mb / 36P
[Old version datasheet]   TLC592x-Q1 16-Channel Constant-Current LED Sink Drivers
logo
LDT Co., Ltd
LD1016 LDT-LD1016 Datasheet
306Kb / 15P
   16-CHANNEL CONSTANT Current LED Drivers
logo
Texas Instruments
TLC59116-Q1 TI1-TLC59116-Q1 Datasheet
422Kb / 39P
[Old version datasheet]   16-Channel Constant-Current LED Sink Driver
logo
List of Unclassifed Man...
MBI5025 ETC1-MBI5025 Datasheet
387Kb / 18P
   16-channel Constant Current LED Sink Driver
ST2221C ETC-ST2221C Datasheet
471Kb / 17P
   16 BIT CONSTANT CURRENT LED DRIVERS
logo
Silicon Touch Technolog...
DM134 SITI-DM134 Datasheet
298Kb / 20P
   16-Bit Constant Current LED Drivers
logo
Texas Instruments
TLC5916 TI-TLC5916_10 Datasheet
801Kb / 30P
[Old version datasheet]   8-BIT CONSTANT-CURRENT LED SINK DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com