Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KM710N-LFR Fiches technique(PDF) 1 Page - Frontier Electronics.

No de pièce KM710N-LFR
Description  10mm Adjustable Unshielded IFT Coils
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FRONTIER [Frontier Electronics.]
Site Internet  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

KM710N-LFR Fiches technique(HTML) 1 Page - Frontier Electronics.

  KM710N-LFR Datasheet HTML 1Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
10mm Adjustable RF Unshielded Coil P/N KM7xxN Rev. A
Jan. 01, 2006 Page 1 of 1
Frontier Electronics Corp.
667 E. COCHRAN STREET, SIMI VALLEY, CA 93065
TEL: (805) 522-9998
FAX: (805) 522-9989
E-mail: frontiersales@frontierusa.com
Web: frontierusa.com
10mm Adjustable Unshielded IFT Coils —P/N KM703N to KM720N
(Unshielded with ferrite TH core)
A. Mechanical Drawing:
B. Electrical Specification:
Part No.
Color
L (uH)
Min.
L (uH)
Nom.
L (uH)
Max
Test Freq.
(MHz)
Q
(Min.)
KM703N
Brown
0.80
1.2
1.70
7.9
47
KM704N
Red
1.25
2.0
2.75
7.9
48
KM705N
Orange
1.75
2.9
4.00
7.9
48
KM706N
Yellow
2.40
3.9
5.40
7.9
47
KM707N
Green
3.50
5.6
7.80
7.9
47
KM708N
Blue
4.70
7.8
10.6
7.9
46
KM709N
Violet
7.40
11.5
15.6
2.5
38
KM710N
Gray
11
18.2
25
2.5
40
KM711N
White
16
25.3
35
2.5
40
KM712N
Black
22
36.5
50
2.5
40
KM713N
Brown *
33
52.5
72
2.5
39
KM714N
Red *
46
74.8
103
2.5
51
KM715N
Orange *
66
100
136
0.79
40
KM716N
Yellow *
95
146
198
0.79
44
KM717N
Green *
136
216
297
0.79
40
KM718N
Blue *
198
312
426
0.79
45
KM719N
Violet *
286
530
630
0.79
33
KM720N
Gray *
418
790
927
0.79
38
- Denotes Color Dot
• For “RoHS” compliant part, we add “-LFR” at the end of our P/N


Numéro de pièce similaire - KM710N-LFR

FabricantNo de pièceFiches techniqueDescription
logo
Frontier Electronics.
KM710N FRONTIER-KM710N Datasheet
134Kb / 1P
   10mm ADJUSTABLE RF COILS (UNSHIELDED)
More results

Description similaire - KM710N-LFR

FabricantNo de pièceFiches techniqueDescription
logo
Frontier Electronics.
KM703N FRONTIER-KM703N_15 Datasheet
134Kb / 1P
   10mm ADJUSTABLE RF COILS (UNSHIELDED)
KM57A FRONTIER-KM57A_15 Datasheet
122Kb / 1P
   5mm ADJUSTABLE IFT COILS (SHIELDED)
KM51A FRONTIER-KM51A_15 Datasheet
122Kb / 1P
   5mm ADJUSTABLE IFT COILS (SHIELDED)
KS1383N FRONTIER-KS1383N_15 Datasheet
153Kb / 1P
   7mm ADJUSTABLE IFT COILS (II) (SHIELDED)
KS1346N FRONTIER-KS1346N_15 Datasheet
123Kb / 1P
   7mm ADJUSTABLE IFT COILS (I) (SHIELDED)
logo
Sumida Corporation
M-10B SUMIDA-M-10B Datasheet
72Kb / 2P
   IFT COILS
MC-129H SUMIDA-MC-129H Datasheet
24Kb / 1P
   IFT COILS
MC-129J SUMIDA-MC-129J Datasheet
82Kb / 3P
   IFT COILS
P-7GB SUMIDA-P-7GB Datasheet
43Kb / 2P
   IFT COILS
SM-118 SUMIDA-SM-118 Datasheet
35Kb / 1P
   IFT COILS
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com