Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SBW-5089 Fiches technique(PDF) 4 Page - SIRENZA MICRODEVICES

No de pièce SBW-5089
Description  Product Description InGaP/GaAs HBT MMIC Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SIRENZA [SIRENZA MICRODEVICES]
Site Internet  
Logo SIRENZA - SIRENZA MICRODEVICES

SBW-5089 Fiches technique(HTML) 4 Page - SIRENZA MICRODEVICES

  SBW-5089 Datasheet HTML 1Page - SIRENZA MICRODEVICES SBW-5089 Datasheet HTML 2Page - SIRENZA MICRODEVICES SBW-5089 Datasheet HTML 3Page - SIRENZA MICRODEVICES SBW-5089 Datasheet HTML 4Page - SIRENZA MICRODEVICES SBW-5089 Datasheet HTML 5Page - SIRENZA MICRODEVICES SBW-5089 Datasheet HTML 6Page - SIRENZA MICRODEVICES  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
SBW-5089 DC-8.0 GHz Cascadeable MMIC Amplifier
EDS-103325 Rev. C
4
Phone: (800) SMI-MMIC
http://www.sirenza.com
303 South Technology Court
Broomfield, CO 80021
SIRENZA MICRODEVICES
ECB-100607 Rev B
IN
OUT
BW5
C1
C1 = 0.1pF 0805 AVX
Substrate Material = Getek ML200C,
Copper Shims
0 .031" thick, Er = 4.2, 1oz. cladding
-40
-30
-20
-10
0
012
34567
89
10
Frequency (GHz)
-40°C
+25°C
+85°C
-40
-30
-20
-10
0
012
34567
89
10
Frequency (GHz)
-40°C
+25°C
+85°C
-30
-25
-20
-15
-10
012
34567
89
10
Frequency (GHz)
-40°C
+25°C
+85°C
0
5
10
15
20
25
0
1
2
34
56
7
8
9
10
Frequency (GHz)
-40°C
+25°C
+85°C
NOTE: Full S-parameter data available at www.sirenza.com
Typical RF Performance Over Lead Temperature In Tuned Application Circuit (Fig.1) ( Bias: I
D= 80 mA Typ.)
|S
11| vs. Frequency
|S
21| vs. Frequency
|S
12| vs. Frequency
|S
22| vs. Frequency
Figure 1. Tuned Application Circuit
RF in
RF out
1
2
3
4
SBW-5089
C
1
Zθθθθθ = 50Ω
Ω Elec. Len. = 13.1


Numéro de pièce similaire - SBW-5089

FabricantNo de pièceFiches techniqueDescription
logo
SIRENZA MICRODEVICES
SBW-5089 SIRENZA-SBW-5089 Datasheet
463Kb / 7P
   DC-8 GHz, Cascadable InGaP/GaAs HBT MMIC Amplifier
logo
RF Micro Devices
SBW-5089 RFMD-SBW-5089 Datasheet
620Kb / 8P
   DCto8GHz CASCADABLE InGaP/GaAs HBT MMIC AMPLIFIER
SBW-5089 RFMD-SBW-5089 Datasheet
657Kb / 7P
   MMIC AMPLIFIER
SBW-5089-Z RFMD-SBW-5089-Z Datasheet
620Kb / 8P
   DCto8GHz CASCADABLE InGaP/GaAs HBT MMIC AMPLIFIER
SBW-5089Z RFMD-SBW-5089Z Datasheet
620Kb / 8P
   DCto8GHz CASCADABLE InGaP/GaAs HBT MMIC AMPLIFIER
More results

Description similaire - SBW-5089

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
NGA-489 ETC-NGA-489 Datasheet
295Kb / 4P
   InGaP/GaAs HBT MMIC Amplifier
logo
SIRENZA MICRODEVICES
NGA-489 SIRENZA-NGA-489 Datasheet
418Kb / 5P
   InGaP/GaAs HBT MMIC Amplifier
logo
Analog Devices
HMC414MS8G AD-HMC414MS8G Datasheet
379Kb / 8P
   GaAs InGaP HBT MMIC POWER AMPLIFIER
HMC406MS8G AD-HMC406MS8G Datasheet
438Kb / 8P
   GaAs InGaP HBT MMIC POWER AMPLIFIER
HMC407MS8G AD-HMC407MS8G Datasheet
322Kb / 6P
   GaAs InGaP HBT MMIC POWER AMPLIFIER
HMC450QS16G AD-HMC450QS16G Datasheet
362Kb / 8P
   GaAs InGaP HBT MMIC POWER AMPLIFIER
HMC326MS8G AD-HMC326MS8G_17 Datasheet
1Mb / 6P
   GaAs InGaP HBT MMIC DRIVER AMPLIFIER
logo
RF Micro Devices
SBA4086Z RFMD-SBA4086Z Datasheet
596Kb / 6P
   DCto5GHz, CASCADABLE InGaP/GaAs HBT MMIC AMPLIFIER
SBA4089Z RFMD-SBA4089Z Datasheet
496Kb / 6P
   DCto5GHz, CASCADABLE InGaP/GaAs HBT MMIC AMPLIFIER
SBA5086Z RFMD-SBA5086Z Datasheet
550Kb / 6P
   DCto5GHz, CASCADABLE InGaP/GaAs HBT MMIC AMPLIFIER
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com