Moteur de recherche de fiches techniques de composants électroniques |
|
GXP6W.B10A001 Fiches technique(PDF) 2 Page - Baumer IVO GmbH & Co. KG |
|
GXP6W.B10A001 Fiches technique(HTML) 2 Page - Baumer IVO GmbH & Co. KG |
2 / 4 page www.baumerivo.com www.baumerivo.com Absolute encoders - bus interfaces www.baumerivo.com 2 GXP6W Part number GXP6W. 10 01 Interface 01 Interbus K3 E-connection A0 M23 connector, 2 x 9-pin axial A1 M23 connector, 2 x 9-pin radial 20 Bus cover with cable gland Voltage supply 10 10...30 VDC, galvanically isolated Flange / Shaft 0 Clamping flange / ø10 mm IP 54 A Clamping flange / ø10 mm IP 65 1 Synchro flange / ø6 mm IP 54 B Synchro flange / ø6 mm IP 65 Shaft with clamping or synchro flange Multiturn encoder 13 bit ST / 12 bit MT, Interbus Accessories Connectors and cables (page %S) Z 153.B01 Mating connector M23, 9-pin, less cable Z 153.S01 Cable connector M23, 9-pin, less cable Mounting accessories (page %S) Z 119.006 Eccentric fixing, single Z 119.013 Adaptor plate for clamping flange for modification into synchro flange Z 119.015 Mounting adaptor for synchro flange Z 119.017 Mounting angle for clamping flange Z 119.025 Adaptor plate for clamping flange, mounting by eccentric fixings (order separately) Z 119.035 Bearing flange for encoders with synchro flange Bus protocol Interbus Device profile Encoder profile 71 Connection IB user type 2 wire remote bus IB bus width 4 byte PCP length No parameter channel ID-Code 55 Interface Type A1 2 wire remote bus (galvanically isolated) Type W1 2 wire remote bus Programmable – Resolution steps and revolutions parameters – Rotating direction and code – Preset – Zero point shift – Offset – Measuring range – Encoder reset Interbus features |
Numéro de pièce similaire - GXP6W.B10A001 |
|
Description similaire - GXP6W.B10A001 |