Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GXP5W.010A316 Fiches technique(PDF) 2 Page - Baumer IVO GmbH & Co. KG

No de pièce GXP5W.010A316
Description  Absolute encoders - bus interfaces
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IVO [Baumer IVO GmbH & Co. KG]
Site Internet  http://www.baumer.com/
Logo IVO - Baumer IVO GmbH & Co. KG

GXP5W.010A316 Fiches technique(HTML) 2 Page - Baumer IVO GmbH & Co. KG

  GXP5W.010A316 Datasheet HTML 1Page - Baumer IVO GmbH & Co. KG GXP5W.010A316 Datasheet HTML 2Page - Baumer IVO GmbH & Co. KG GXP5W.010A316 Datasheet HTML 3Page - Baumer IVO GmbH & Co. KG GXP5W.010A316 Datasheet HTML 4Page - Baumer IVO GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.baumerivo.com
www.baumerivo.com
Absolute encoders - bus interfaces
www.baumerivo.com
2
GXP5W - CANopen
Part number
GXP5W.
10
Interface
05 CANopen Lift DSP 417/
galvanically isolated
06 CANopen DSP 406 /
galvanically isolated
15 CANopen Lift DSP 417 not
galvanically isolated
16 CANopen DSP 406 not
galvanically isolated
E-connection
A3 Connector M23, 12-pin, radial
D3 Connector D-SUB, 9-pin, radial
M1 Connector M12, 5-pin, radial
M2 2 x connector M12, 5-pin axial
M3 2 x connector M12, 5-pin radial
Voltage supply
10 10...30 VDC
Flange / Shaft
0 Clamping flange / ø10 mm IP 54
A Clamping flange / ø10 mm IP 65
1 Synchro flange / ø6 mm IP 54
B Synchro flange / ø6 mm IP 65
Shaft with clamping or synchro flange
Optical multiturn encoders 13 bit ST / 16 bit MT, CANopen
Accessories
Connectors and cables (page %S)
Z 148.001
Female connector M23, 12-pin, less cable
Z 148.003
Female connector M23, 12-pin, 2 m cable
Z 148.005
Female connector M23, 12-pin, 5 m cable
Z 148.007
Female connector M23, 12-pin, 10 m cable
Z 180.003
Female connector M12, 5-pin, 2 m cable
Z 180.005
Female connector M12, 5-pin, 5 m cable
Z 180.007
Female connector M12, 5-pin, 10 m cable
Z 181.005
Cable connector M12, 5-pin, 5 m cable
Connection M2 / M3, continuative bus
Mounting accessories (page %S)
Z 119.006
Eccentric fixing, single
Z 119.013
Adaptor plate for clamping flange for
modification into synchro flange
Z 119.015
Mounting adaptor for synchro flange
Z 119.017
Mounting angle for clamping flange
Z 119.035
Bearing flange for encoders with synchro
flange


Numéro de pièce similaire - GXP5W.010A316

FabricantNo de pièceFiches techniqueDescription
logo
Ruilongyuan Electronics...
GXP50 RUILON-GXP50 Datasheet
630Kb / 5P
   2-electrode Spark Gap
GXP55 RUILON-GXP55 Datasheet
630Kb / 5P
   2-electrode Spark Gap
logo
Baumer IVO GmbH & Co. K...
GXP5S IVO-GXP5S Datasheet
610Kb / 4P
   Absolute encoders - bus interfaces
GXP5S.010A306 IVO-GXP5S.010A306 Datasheet
610Kb / 4P
   Absolute encoders - bus interfaces
GXP5S.010A316 IVO-GXP5S.010A316 Datasheet
610Kb / 4P
   Absolute encoders - bus interfaces
More results

Description similaire - GXP5W.010A316

FabricantNo de pièceFiches techniqueDescription
logo
Baumer IVO GmbH & Co. K...
X700.P111205 IVO-X700.P111205 Datasheet
518Kb / 4P
   Absolute encoders - bus interfaces
GBP5H IVO-GBP5H Datasheet
565Kb / 4P
   Absolute encoders - bus interfaces
GBP5W IVO-GBP5W Datasheet
703Kb / 4P
   Absolute encoders - bus interfaces
GXM7W-RS485 IVO-GXM7W-RS485 Datasheet
688Kb / 4P
   Absolute encoders - bus interfaces
GXM7S-RS485 IVO-GXM7S-RS485 Datasheet
643Kb / 4P
   Absolute encoders - bus interfaces
GXP5S IVO-GXP5S Datasheet
610Kb / 4P
   Absolute encoders - bus interfaces
GXP6W IVO-GXP6W Datasheet
731Kb / 4P
   Absolute encoders - bus interfaces
GXP8W IVO-GXP8W Datasheet
571Kb / 4P
   Absolute encoders - bus interfaces
GXM7W.010A002 IVO-GXM7W.010A002 Datasheet
655Kb / 4P
   Absolute encoders - bus interfaces
G0P5H IVO-G0P5H Datasheet
564Kb / 4P
   Absolute encoders - bus interfaces
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com