Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LCDA15C-8.TBT Fiches technique(PDF) 1 Page - Semtech Corporation

No de pièce LCDA15C-8.TBT
Description  Low Capacitance TVS Diode Array For Multi-mode Transceiver Protection
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SEMTECH [Semtech Corporation]
Site Internet  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

LCDA15C-8.TBT Fiches technique(HTML) 1 Page - Semtech Corporation

  LCDA15C-8.TBT Datasheet HTML 1Page - Semtech Corporation LCDA15C-8.TBT Datasheet HTML 2Page - Semtech Corporation LCDA15C-8.TBT Datasheet HTML 3Page - Semtech Corporation LCDA15C-8.TBT Datasheet HTML 4Page - Semtech Corporation LCDA15C-8.TBT Datasheet HTML 5Page - Semtech Corporation LCDA15C-8.TBT Datasheet HTML 6Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
www.semtech.com
PROTECTION PRODUCTS
LCDA12C-8 and LCDA15C-8
Low Capacitance TVS Diode Array
For Multi-mode Transceiver Protection
Features
Circuit Diagram
Schematic & PIN Configuration
Revision 02/18/05
The LCDAxxC-8 has been specifically designed to
protect sensitive components which are connected to
data and transmission lines from over voltages caused
by electrostatic discharge (ESD), electrical fast tran-
sients (EFT), and lightning.
The low capacitance array configuration of the
LCDAxxC-8 allows the user to protect eight high-speed
data or I/O lines. They may be used on systems
operating from 5 to 15 Volts. The high surge capability
(500W, tp=8/20µs) makes the LCDAxxC-8 suitable for
telecommunications systems operating in harsh tran-
sient environments. The low inductance construction
minimizes voltage overshoot during high current
surges.
The features of the LCDAxxC-8 are ideal for protecting
multi-protocol transceivers in WAN applications such as
Frame Relay systems, routers, and switches.
Applications
Mechanical Characteristics
Multi-Mode Transceiver Protection
WAN Equipment:
CSU/DSU
Multiplexers
Routers
ISP Equipment
Customer Premise Equipment
Protection for any of the following interfaces:
RS-232 (V.28)
RS-422 (V.11, X.21)
RS-449 (V.11/V.10)
Transient protection for high-speed data lines to
IEC 61000-4-2 (ESD) ±15kV (air), ±8kV (contact)
IEC 61000-4-4 (EFT) 40A (5/50ns)
IEC 61000-4-5 (Lightning) 0.5kV, 12A (8/20µs)
Protects eight I/O lines
Low capacitance for high-speed interfaces
High surge capability
Low clamping voltage
Solid-state silicon avalanche technology
JEDEC SO-16 package
Molding compound flammability rating: UL 94V-0
Marking : Part number, date code, logo
Packaging : Tape and Reel per EIA 481
SO-16 (Top View)
Pin 1
Pin 16
Description


Numéro de pièce similaire - LCDA15C-8.TBT

FabricantNo de pièceFiches techniqueDescription
logo
Semtech Corporation
LCDA15C-8 SEMTECH-LCDA15C-8 Datasheet
191Kb / 6P
   Low Capacitance TVS Diode Array For Multi-mode Transceiver Protection
logo
Socay Electornics Co., ...
LCDA15C-8 SOCAY-LCDA15C-8 Datasheet
271Kb / 3P
   Transient Voltage Suppressors Array for ESD Protection
logo
Shanghai Leiditech Elec...
LCDA15C-8 LEIDITECH-LCDA15C-8 Datasheet
223Kb / 3P
   USB 2.0 power and data line
logo
UN Semiconducctor INC
LCDA15C-8 UNSEMI-LCDA15C-8 Datasheet
2Mb / 4P
   Transient Voltage Suppressors for ESD Protection
Revision March 1,2022
logo
Semtech Corporation
LCDA15C-8TE SEMTECH-LCDA15C-8TE Datasheet
191Kb / 6P
   Low Capacitance TVS Diode Array For Multi-mode Transceiver Protection
More results

Description similaire - LCDA15C-8.TBT

FabricantNo de pièceFiches techniqueDescription
logo
Semtech Corporation
LCDA12C-8 SEMTECH-LCDA12C-8 Datasheet
191Kb / 6P
   Low Capacitance TVS Diode Array For Multi-mode Transceiver Protection
LCDA15C-6 SEMTECH-LCDA15C-6 Datasheet
195Kb / 6P
   Low Capacitance TVS Diode Array For Multi-mode Transciever Protection?
LCDA15C-6 SEMTECH-LCDA15C-6_06 Datasheet
177Kb / 6P
   Low Capacitance TVS Diode Array For Multi-mode Tranciever Protection
logo
Union Semiconductor, In...
UESD6V8L4A UNIONSEMI-UESD6V8L4A_14 Datasheet
319Kb / 9P
   Low Capacitance TVS Diode Array for ESD Protection
UESD6V8L4A UNIONSEMI-UESD6V8L4A Datasheet
276Kb / 10P
   Low Capacitance TVS Diode Array for ESD Protection
logo
Shenzhen Huazhimei Semi...
HM0524 HMSEMI-HM0524 Datasheet
770Kb / 4P
   Low-Capacitance TVS Diode Array for ESD Protection
logo
Shanghai Leiditech Elec...
ESDA0905CT6 LEIDITECH-ESDA0905CT6 Datasheet
178Kb / 3P
   ULTRA LOW CAPACITANCE TVS DIODE ARRAY FOR QUADRI PROTECTION
ESDA0505CT6 LEIDITECH-ESDA0505CT6 Datasheet
178Kb / 3P
   ULTRA LOW CAPACITANCE TVS DIODE ARRAY FOR QUADRI PROTECTION
ULC332510P10 LEIDITECH-ULC332510P10 Datasheet
960Kb / 4P
   3.3V LOW CAPACITANCE TVS ARRAY FOR ESD PROTECTION
logo
Torex Semiconductor
XBP1001 TOREX-XBP1001 Datasheet
183Kb / 5P
   Low Capacitance TVS Diode Array
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com