Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LCDA15C-6.T Fiches technique(PDF) 2 Page - Semtech Corporation

No de pièce LCDA15C-6.T
Description  Low Capacitance TVS Diode Array For Multi-mode Tranciever Protection
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SEMTECH [Semtech Corporation]
Site Internet  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

LCDA15C-6.T Fiches technique(HTML) 2 Page - Semtech Corporation

  LCDA15C-6.T Datasheet HTML 1Page - Semtech Corporation LCDA15C-6.T Datasheet HTML 2Page - Semtech Corporation LCDA15C-6.T Datasheet HTML 3Page - Semtech Corporation LCDA15C-6.T Datasheet HTML 4Page - Semtech Corporation LCDA15C-6.T Datasheet HTML 5Page - Semtech Corporation LCDA15C-6.T Datasheet HTML 6Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
 2005 Semtech Corp.
www.semtech.com
PROTECTION PRODUCTS
PROTECTION PRODUCTS
LCDA15C-6
Absolute Maximum Rating
Electrical Characteristics
6
-
C
5
1
A
D
C
L
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
e
g
a
tl
o
V
f
f
O
-
d
n
a
t
S
e
s
r
e
v
e
RV
M
W
R
5
1V
e
g
a
tl
o
V
n
w
o
d
k
a
e
r
B
e
s
r
e
v
e
RV
R
B
I
t
A
m
1
=7
.
6
1V
t
n
e
r
r
u
C
e
g
a
k
a
e
L
e
s
r
e
v
e
RI
R
V
M
W
R
C
°
5
2
=
T
,
V
5
1
=5
A
µ
e
g
a
tl
o
V
g
n
i
p
m
a
l
CV
C
I
P
P
t
,
A
1
=
p
s
µ
0
2
/
8
=
d
n
u
o
r
G
-
o
t-
e
n
i
L
4
2V
e
g
a
tl
o
V
g
n
i
p
m
a
l
CV
C
I
P
P
t
,
A
5
1
=
p
s
µ
0
2
/
8
=
d
n
u
o
r
G
-
o
t-
e
n
i
L
3
3V
e
c
n
a
ti
c
a
p
a
C
n
o
it
c
n
u
JC
j
d
n
a
s
n
i
p
O
/
I
n
e
e
w
t
e
B
d
n
u
o
r
G
V
R
z
H
M
1
=
f
,
V
0
=
85
1F
p
s
n
i
p
O
/
I
n
e
e
w
t
e
B
V
R
z
H
M
1
=
f
,
V
0
=
3F
p
g
n
i
t
a
Rl
o
b
m
y
Se
u
l
a
Vs
t
i
n
U
t
(
r
e
w
o
P
e
s
l
u
P
k
a
e
P
p
)
s
µ
0
2
/
8
=P
k
p
0
0
5s
t
t
a
W
t
(
t
n
e
r
r
u
C
e
s
l
u
P
k
a
e
P
p
)
s
µ
0
2
/
8
=I
P
P
5
1A
e
r
u
t
a
r
e
p
m
e
T
g
n
ir
e
d
l
o
S
d
a
e
LT
L
).
c
e
s
0
1
(
0
6
2C
°
e
r
u
t
a
r
e
p
m
e
T
g
n
it
a
r
e
p
OT
J
5
2
1
+
o
t
5
5
-C
°
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
ST
G
T
S
0
5
1
+
o
t
5
5
-C
°


Numéro de pièce similaire - LCDA15C-6.T

FabricantNo de pièceFiches techniqueDescription
logo
Semtech Corporation
LCDA15C-6 SEMTECH-LCDA15C-6 Datasheet
195Kb / 6P
   Low Capacitance TVS Diode Array For Multi-mode Transciever Protection?
LCDA15C-6TB SEMTECH-LCDA15C-6TB Datasheet
195Kb / 6P
   Low Capacitance TVS Diode Array For Multi-mode Transciever Protection?
LCDA15C-6TE SEMTECH-LCDA15C-6TE Datasheet
195Kb / 6P
   Low Capacitance TVS Diode Array For Multi-mode Transciever Protection?
More results

Description similaire - LCDA15C-6.T

FabricantNo de pièceFiches techniqueDescription
logo
Semtech Corporation
LCDA15C-6 SEMTECH-LCDA15C-6 Datasheet
195Kb / 6P
   Low Capacitance TVS Diode Array For Multi-mode Transciever Protection?
LCDA12C-8 SEMTECH-LCDA12C-8_05 Datasheet
171Kb / 6P
   Low Capacitance TVS Diode Array For Multi-mode Transceiver Protection
LCDA12C-8 SEMTECH-LCDA12C-8 Datasheet
191Kb / 6P
   Low Capacitance TVS Diode Array For Multi-mode Transceiver Protection
logo
Union Semiconductor, In...
UESD6V8L4A UNIONSEMI-UESD6V8L4A_14 Datasheet
319Kb / 9P
   Low Capacitance TVS Diode Array for ESD Protection
UESD6V8L4A UNIONSEMI-UESD6V8L4A Datasheet
276Kb / 10P
   Low Capacitance TVS Diode Array for ESD Protection
logo
Shenzhen Huazhimei Semi...
HM0524 HMSEMI-HM0524 Datasheet
770Kb / 4P
   Low-Capacitance TVS Diode Array for ESD Protection
logo
Shanghai Leiditech Elec...
ESDA0905CT6 LEIDITECH-ESDA0905CT6 Datasheet
178Kb / 3P
   ULTRA LOW CAPACITANCE TVS DIODE ARRAY FOR QUADRI PROTECTION
ESDA0505CT6 LEIDITECH-ESDA0505CT6 Datasheet
178Kb / 3P
   ULTRA LOW CAPACITANCE TVS DIODE ARRAY FOR QUADRI PROTECTION
ULC332510P10 LEIDITECH-ULC332510P10 Datasheet
960Kb / 4P
   3.3V LOW CAPACITANCE TVS ARRAY FOR ESD PROTECTION
logo
Torex Semiconductor
XBP1001 TOREX-XBP1001 Datasheet
183Kb / 5P
   Low Capacitance TVS Diode Array
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com