Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL32179EFRZ Fiches technique(PDF) 9 Page - Intersil Corporation

No de pièce ISL32179EFRZ
Description  QUAD, 짹16.5kV ESD Protected, 3.0V to 5.5V, Low Power, RS-422 Transmitters
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL32179EFRZ Fiches technique(HTML) 9 Page - Intersil Corporation

Back Button ISL32179EFRZ Datasheet HTML 5Page - Intersil Corporation ISL32179EFRZ Datasheet HTML 6Page - Intersil Corporation ISL32179EFRZ Datasheet HTML 7Page - Intersil Corporation ISL32179EFRZ Datasheet HTML 8Page - Intersil Corporation ISL32179EFRZ Datasheet HTML 9Page - Intersil Corporation ISL32179EFRZ Datasheet HTML 10Page - Intersil Corporation ISL32179EFRZ Datasheet HTML 11Page - Intersil Corporation ISL32179EFRZ Datasheet HTML 12Page - Intersil Corporation ISL32179EFRZ Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
9
FN6824.0
December 16, 2008
Test Circuits and Waveforms
FIGURE 1. DC DRIVER TEST CIRCUITS
FIGURE 2A. TEST CIRCUIT
FIGURE 2B. MEASUREMENT POINTS
FIGURE 2. DRIVER PROPAGATION DELAY AND DIFFERENTIAL TRANSITION TIMES
FIGURE 3A. TEST CIRCUIT
FIGURE 3B. MEASUREMENT POINTS
FIGURE 3. DRIVER ENABLE AND DISABLE TIMES
D
EN
DI
VCC OR VL
VOD
VOC
RL/2
RL/2
Z
Y
D
EN
DI
VCC OR VL
SIGNAL
GENERATOR
CD
RDIFF
Z
Y
OUT (Z)
LOWER OF VCC OR VL
0V
1.5V
1.5V
VOH
VOL
OUT (Y)
tPHL
tPLH
DIFF OUT (Y - Z)
tR
+VOD
-VOD
90%
90%
tF
10%
10%
DI
tDSK = |tDDLH - tDDHL|
tSSK = |tPLH(Y OR Z) - tPHL(Z OR Y)|
50%
50%
0V
tDDLH
tDDHL
0V
50%
50%
tPLH
tPHL
VOH
VOL
tSSK
tSSK
D
EN
DI
Z
Y
VCC
GND
SW
PARAMETER
OUTPUT
DI
SW
tHZ
Y/Z
1/0
GND
tLZ
Y/Z
0/1
VCC
tZH (Note 12)
Y/Z
1/0
GND
tZL (Note 12)
Y/Z
0/1
VCC
tSDH (Note 13)
Y/Z
1/0
GND
tSDL (Note 13)
Y/Z
0/1
VCC
SIGNAL
GENERATOR
110
Ω
50pF
OUT (Y, Z)
3V OR VL
0V
1.5V
1.5V
VOH
0V
VOH - 0.5V
tHZ
OUT (Y, Z)
VCC
VOL
VOL + 0.5V
tLZ
EN
OUTPUT HIGH
OUTPUT LOW
tZL
tZH
50%
50%
tSDH
tSDL
ISL32172E, ISL32272E, ISL32372E, ISL32174E, ISL32274E, ISL32374E, ISL32179E


Numéro de pièce similaire - ISL32179EFRZ

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL32179EFRZ RENESAS-ISL32179EFRZ Datasheet
1Mb / 21P
   QUAD, ±16.5kV ESD Protected, 3.0V to 5.5V, Low Power, RS-422 Transmitters
Mar 19, 2020
ISL32179EFRZ-T RENESAS-ISL32179EFRZ-T Datasheet
1Mb / 21P
   QUAD, ±16.5kV ESD Protected, 3.0V to 5.5V, Low Power, RS-422 Transmitters
Mar 19, 2020
More results

Description similaire - ISL32179EFRZ

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL32172E RENESAS-ISL32172E Datasheet
1Mb / 21P
   QUAD, ±16.5kV ESD Protected, 3.0V to 5.5V, Low Power, RS-422 Transmitters
Mar 19, 2020
logo
Intersil Corporation
ISL32173E INTERSIL-ISL32173E Datasheet
478Kb / 22P
   QUAD, 짹16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receivers
ISL3293E INTERSIL-ISL3293E Datasheet
641Kb / 17P
   짹16.5kV ESD Protected, 125째C, 3.0V to 5.5V, SOT-23/TDFN Packaged, Low Power, RS-485/RS-422 Transmitters
logo
Renesas Technology Corp
RAA7884QT RENESAS-RAA7884QT Datasheet
707Kb / 15P
   Quad, ±16.5kV ESD Protected, 3.0V to 5.5V, Low Power, RS-422 Transmitter
Oct.14.20
logo
Intersil Corporation
ISL32173EIVZ-T INTERSIL-ISL32173EIVZ-T Datasheet
952Kb / 22P
   QUAD, 16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receivers
logo
Renesas Technology Corp
RAA7884QR RENESAS-RAA7884QR Datasheet
388Kb / 13P
   Quad, ±16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receiver
Oct.14.20
logo
Intersil Corporation
ISL32613E INTERSIL-ISL32613E Datasheet
546Kb / 11P
   짹16.5kV ESD Protected, 125째C, 1.8V to 3.6V, Low Power, SOT-23, RS-485/RS-422 Transmitters
logo
Maxim Integrated Produc...
MAX3030E MAXIM-MAX3030E Datasheet
326Kb / 14P
   짹15kV ESD-Protected, 3.3V Quad RS-422 Transmitters
Rev 0; 10/02
MAX3040 MAXIM-MAX3040 Datasheet
262Kb / 15P
   짹10kV ESD-Protected, Quad 5V RS-485/RS-422 Transmitters
Rev 1; 12/01
logo
Intersil Corporation
ISL3280E INTERSIL-ISL3280E Datasheet
599Kb / 15P
   짹16.5kV ESD Protected, 125째C, 3.0V to 5.5V, SOT-23/TDFN Packaged, 20Mbps Full Fail-safe, Low Power, RS-485/RS-422 Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com