Moteur de recherche de fiches techniques de composants électroniques |
|
ISL54221 Fiches technique(PDF) 9 Page - Intersil Corporation |
|
ISL54221 Fiches technique(HTML) 9 Page - Intersil Corporation |
9 / 13 page 9 FN6820.0 December 16, 2008 In addition when VDD is at 0V (ground) all switches are OFF and the shorted VBUS voltage is isolated from the other side of the switch. When VDD is in the range of 2.7V to 5.5V the shorted VBUS voltage will pass through to the output of an active (turned ON) switch channel but not through a turned OFF channel. Any components connected on the active channel must be able to withstand the overvoltage condition. Note: During the fault condition normal operation of the USB channel is not guaranteed until the fault condition is removed. Typical Performance Curves TA = +25°C, Unless Otherwise Specified FIGURE 7. ON-RESISTANCE vs SUPPLY VOLTAGE vs SWITCH VOLTAGE FIGURE 8. ON-RESISTANCE vs SUPPLY VOLTAGE vs SWITCH VOLTAGE FIGURE 9. ON-RESISTANCE vs SWITCH VOLTAGE FIGURE 10. ON-RESISTANCE vs SWITCH VOLTAGE 4 5 6 7 8 0 0.050.100.15 0.20 0.250.300.350.40 VCOM (V) ICOM = 40mA VDD = 3.0V VDD = 3.3V VDD = 2.7V VDD = 3.6V VDD = 5.5V 0 50 100 150 200 0 0.5 1.0 1.5 2.0 2.5 3.0 3.3 VDD = 3.3V VDD = 2.7V VCOM (V) ICOM = 1mA 3 4 5 6 7 8 9 0 0.1 0.2 0.3 0.4 VCOM (V) ICOM = 40mA +25°C +85°C -40°C V+ = 2.7V 2 3 4 5 6 7 8 00.1 0.2 0.3 0.4 VCOM (V) +25°C +85°C -40°C ICOM = 40mA V+ = 3.3V ISL54221 |
Numéro de pièce similaire - ISL54221 |
|
Description similaire - ISL54221 |