Moteur de recherche de fiches techniques de composants électroniques |
|
ISL21060BFH641Z-TK Fiches technique(PDF) 3 Page - Intersil Corporation |
|
ISL21060BFH641Z-TK Fiches technique(HTML) 3 Page - Intersil Corporation |
3 / 20 page 3 FN6706.3 December 16, 2008 Absolute Voltage Ratings Thermal Information Max Voltage VIN to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to +6.5V VOUT to GND (10s). . . . . . . . . . . . . . . . . . . . . .-0.5V to VOUT + 1V Voltage on “DNC” pins . . . . . No connections permitted to these pins ESD Rating Human Body Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .5500V Machine Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .550V Charged Device Model. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2kV Recommended Operating Conditions Temperature Range (Industrial) . . . . . . . . . . . . . . . .-40°C to +125°C Thermal Resistance (Typical, Note 1) θ JA (°C/W) 6 Ld SOT-23 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 230 Continuous Power Dissipation (TA = +70°C, Note 3) Storage Temperature Range . . . . . . . . . . . . . . . . . -65°C to +150°C 6 Ld SOT-23, derate 5.88mW/°C above +70°C . . . . . . . . . . . . . . . . . . . . . . . . . 471mW Pb-free Reflow Profile (Note 2). . . . . . . . . . . . . . . . . . see link below http://www.intersil.com/pbfree/Pb-FreeReflow.asp CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and result in failures not covered by warranty. IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typ values are for information purposes only. Unless otherwise noted, all tests are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA NOTE: 1. θ JA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details. 2. Post-reflow drift for the ISL21060 devices will range from 100µV to 1.0mV based on experimental results with devices on FR4 double sided boards. The design engineer must take this into account when considering the reference voltage after assembly. Electrical Specifications (ISL21060-20, VOUT = 2.048V) VIN = 3.0V, TA = -40°C to +125°C, IOUT = 0, unless otherwise specified. PARAMETER DESCRIPTION CONDITIONS MIN TYP MAX UNIT VOUT Output Voltage 2.048 V VOA VOUT Accuracy @ TA = +25°C ISL21060B20 -1.0 +1.0 mV ISL21060C20 -2.5 +2.5 mV TC VOUT Output Voltage Temperature Coefficient (Note 3) ISL21060B 10 ppm/°C ISL21060C 25 ppm/°C VIN Input Voltage Range 2.5 5.5 V IIN Supply Current VEN = VIN 16 40 µA ΔV OUT /ΔVIN Line Regulation 2.5V < VIN < 5.5V 50 150 µV/V ΔV OUT/ΔIOUT Load Regulation Sourcing: 0mA ≤ I OUT ≤ 10mA 3 50 µV/mA Sinking: -5mA ≤ I OUT ≤ 0mA 150 400 µV/mA ISC Short Circuit Current TA = +25°C, VOUT tied to GND 50 mA tR Turn-on Settling Time VOUT = ±0.1% 300 µs Ripple Rejection f = 10kHz 75 dB eN Output Voltage Noise 0.1Hz ≤ f ≤ 10Hz 10 µVP-P VN Broadband Voltage Noise 10Hz ≤ f ≤ 1kHz 2.5 µVRMS Noise Density f = 1kHz 60 nV/ √Hz ΔV OUT/ΔTA Thermal Hysteresis (Note 4) ΔT A = +165°C 100 ppm ΔV OUT/Δt Long Term Stability (Note 5) TA = +25°C 100 ppm OUTPUT DISABLE VENH Enable Logic High (ON) 1.6 V VENL Enable Logic Low (OFF) 0.8 V IINSD Shutdown Supply Current VEN ≤ 0.35V 0.4 1.5 µA ISL21060 |
Numéro de pièce similaire - ISL21060BFH641Z-TK |
|
Description similaire - ISL21060BFH641Z-TK |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |