Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL21009MEP Fiches technique(PDF) 6 Page - Intersil Corporation

No de pièce ISL21009MEP
Description  High Voltage Input Precision, Low Noise FGA??Voltage References
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL21009MEP Fiches technique(HTML) 6 Page - Intersil Corporation

Back Button ISL21009MEP Datasheet HTML 2Page - Intersil Corporation ISL21009MEP Datasheet HTML 3Page - Intersil Corporation ISL21009MEP Datasheet HTML 4Page - Intersil Corporation ISL21009MEP Datasheet HTML 5Page - Intersil Corporation ISL21009MEP Datasheet HTML 6Page - Intersil Corporation ISL21009MEP Datasheet HTML 7Page - Intersil Corporation ISL21009MEP Datasheet HTML 8Page - Intersil Corporation ISL21009MEP Datasheet HTML 9Page - Intersil Corporation ISL21009MEP Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
FN6744.0
December 15, 2008
FIGURE 20. LOAD REGULATION
FIGURE 21. VOUT vs TEMPERATURE
FIGURE 22. PSRR AT DIFFERENT CAPACITIVE LOADS
FIGURE 23. LINE TRANSIENT RESPONSE, NO CAPACITIVE
LOAD
FIGURE 24. LINE TRANSIENT RESPONSE, 0.001µF LOAD
CAPACITANCE
FIGURE 25. TURN-ON TIME
Typical Performance Curves (ISL21009-41EP) (R
EXT = 100kΩ) (Continued)
-0.2
-0.1
0.0
0.1
0.2
0.3
0.4
0.5
0.6
-7
-6
-5
-4
-3
-2
-1
0
SINKING
OUTPUT CURRENT (mA)
SOURCING
12
345
67
-55°C
+25°C
+125°C
TEMPERATURE (°C)
4.0945
4.0950
4.0955
4.0960
4.0965
4.0970
-40
-25
-10
5
20
35
50
65
80
95
110 125
UNIT 1
UNIT 2
UNIT 3
-80
-70
-60
-50
-40
-30
-20
-10
0
NO LOAD
100nF LOAD
10nF LOAD
1nF LOAD
-80
-70
-60
-50
-40
-30
-20
-10
0
NO LOAD
100nF LOAD
10nF LOAD
1nF LOAD
1
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
VIN (DC) = 5V
VIN (AC) RIPPLE = 50mVP-P
X = 10µs/DIV
Y = 200mV/DIV
X = 10µs/DIV
Y = 200mV/DIV
VIN
VREF
X = 50µs/DIV
Y = 2V/DIV
ISL21009MEP


Numéro de pièce similaire - ISL21009MEP

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL21009MEP RENESAS-ISL21009MEP Datasheet
640Kb / 14P
   High Voltage Input Precision, Low Noise FGA™ Voltage References
December 15, 2008
More results

Description similaire - ISL21009MEP

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL21009_0709 INTERSIL-ISL21009_0709 Datasheet
640Kb / 19P
   High Voltage Input Precision, Low Noise FGA??Voltage References
ISL21009 INTERSIL-ISL21009_09 Datasheet
721Kb / 19P
   High Voltage Input Precision, Low Noise FGA??Voltage References
ISL21060 INTERSIL-ISL21060 Datasheet
2Mb / 20P
   Precision, Low Noise FGA Voltage References
logo
Renesas Technology Corp
ISL21009MEP RENESAS-ISL21009MEP Datasheet
640Kb / 14P
   High Voltage Input Precision, Low Noise FGA™ Voltage References
December 15, 2008
ISL21009 RENESAS-ISL21009 Datasheet
1Mb / 19P
   High Voltage Input Precision, Low Noise FGA™ Voltage References
September 16, 2009
logo
Intersil Corporation
ISL60002 INTERSIL-ISL60002 Datasheet
2Mb / 37P
   Precision, Low Noise FGA Voltage References
ISL21007 INTERSIL-ISL21007 Datasheet
352Kb / 14P
   Precision, Low Noise FGA??Voltage References
logo
Renesas Technology Corp
ISL21007 RENESAS-ISL21007 Datasheet
1Mb / 20P
   Precision, Low Noise FGA Voltage References
logo
Intersil Corporation
ISL21009 INTERSIL-ISL21009 Datasheet
326Kb / 13P
   Precision, Low Noise FGA??Voltage References
ISL21007 INTERSIL-ISL21007_11 Datasheet
1Mb / 20P
   Precision, Low Noise FGA??Voltage References
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com